Part Number Hot Search : 
CS520 16389I XFATM TC7SZ86F 46000 ECCM1 BT110 RTC72421
Product Description
Full Text Search
 

To Download UF1600CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
UF1600CT~UF1608CT
ULTRAFAST RECOVERY RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * Ultra fast recovery times, high voltage. * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb
.50(12.7)MIN
.419(10.66) .387(9.85) .139(3.55) MIN
50 to 800 Volts
CURRENT
16 Amperes
TO-220AB
Unit : inch (mm)
.196(5.00) .163(4.16) .054(1.39) .045(1.15)
.269(6.85) .226(5.75)
.624(15.87)
Pb free: 98.5% Sn above
MECHANCALDATA
Case: TO-220AB full molded plastic package Terminals: Lead solderable per MIL-STD-202, Method 208
.038(0.96) .019(0.50)
.177(4.5)MAX
.548(13.93)
.025(0.65)MAX
.1(2.54)
.1(2.54)
Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams.
AC Positive CT AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t T c = 1 0 0 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 8 . 0 A M a xi m um D C R e ve r s e C ur r e nt T A = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T A = 1 2 5 OC Ty p i c a l J u n c t i o n C a p a c i t a n c e ( N o t e 1 ) M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 2 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 3 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e S YM B O L U F 1 6 0 0 C T U F 1 6 0 1 C T U F 1 6 0 2 C T U F 1 6 0 3 C T U F 1 6 0 4 C T U F 1 6 0 6 C T U F 1 6 0 8 C T U N I T S V RRM V RMS V DC IAV IFSM VF 1 .0 10 500 170 50 2 - 6 5 TO + 1 5 0 130 100
O
50 35 50
100 70 100
200 140 200
300 210 300 16 125 1 .3 0
400 280 400
600 420 600
800 560 800
V V V A A
1 .7 0
V
IR
uA
CJ TRR R J C TJ , T S TG
pF ns C/W
O
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A. 3. Thermal resistance from Junction to ambient and from junction to lead 0.375" (9.5mm) P.C.B mounted.
STAD-AUG.04.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, AMPERES
24.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" LEAD LENGTHS
300
T J =25 C
O
20.0
JUNCTION CAPACITANCE, pF
250 200
50-400V
16.0
12.0
150 100 50 0 1
600-800V
8.0
4.0
0 25 50 75 100 125
O
2
4
10
20
40
100
150
175
CASE TEMPERATURE, C Fig.1 FORWARD CURRENT DERATING CURVE
REVERSE VOLTAGE, VOLTS
Fig.2 TYPICAL JUNCTION CAPACITANCES
INSTANTANEOUS FORWARD CURRENT, Amperes
100
50-200V 300-400V
1000
INSTANTANEOUS REVERSE CURRENT,uA
100
T = 125 O C J
10
10
600-800V
1
1.0 T = 25 O C J
.01
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.1
20
40
60
80
100
120
140
FORWARD VOLTAGE, volts
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
Fig.3 FORWARD CHARACTERISTICS
Fig.4 TYPICAL REVERSE CHARACTERISTICS
175
FORWARD SURGE CURRENT,AMPERES
150
T J =25 C 8.3ms Single Half Since-Wave JEDEC Method
O
125 100
75 50 25
1
1
5
10
50
100 200
1000
NO. OF CYCLES AT 60Hz Fig.5 PEAK FORWARD SURGE CURRENT
STAD-AUG.04.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of UF1600CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X