Part Number Hot Search : 
SAA5243H BR201 BC557 0512E ET101 BC557 H7P0601 CHIPS
Product Description
Full Text Search
 

To Download TS339CD14C4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS339
Low Power Low Offset Quad Comparators
DIP-14 SOP-14
Pin Definition: 1. Output 2 14. Output 3 2. Output 1 13. Output 4 3. Vcc 12. Gnd 4. Input 1 (-) 11. Input 4 (+) 5. Input 1 (+) 10. Input 4 (-) 6. Input 2 (-) 9. Input 3 (+) 7. Input 2 (+) 8. Input 3 (-)
General Description
The TS339 is quad independent precision voltage comparators capable of single-supply or split-supply operation. The specifications as low as 2.0 mV make this device an excellent ground level with single-supply operation. Input offsetvoltage selection for many applications in consumer automotive, and It is designed to permit a common mode rangeto- industrial electronics.
Features
Low input bias current: 25nA (Typ) Low input offset current: 5nA (Typ) Low input offset voltage Input common mode voltage range to GND Low output saturation voltage: 130mV (Typ) TTL and CMOS compatible
Block Diagram
Ordering Information
Part No. TS339CD14 C4 TS339CS14 RL Package DIP-14 SOP-14 Packing 50pcs / Tube 2.5Kpcs / 13" Reel
Absolute Maximum Rating
Parameter
Supply Voltage Differential Input Voltage Input Common Mode Voltage Range Input Current Output Short Circuit Duration (note 1) Operating Temperature Range Junction Temperature Storage Temperature Range
Symbol
VCC VIDR VICR IIN tsc TOPR TJ TSTG
Limit
+36 or 18 36 -0.3 to 36 50 Continuous 0 ~ +70 +150 -65 ~ +150
Unit
V V V mA
o o o
C C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. Note 1. The maximum output current may be as high as 20mA, independent of the magnitude of VCC Output short circuits to VCC can cause excessive heating and eventual destruction
1/7
Version: A09
TS339
Low Power Low Offset Quad Comparators
Electrical Characteristics (VCC = 5V, Ta=25oC; unless otherwise specified.)
Characteristics
Input Offset Voltage (note 2) Input Offset Current (note 2) Input Bias Current (note 2, 3) (Output in linear range) Input Common-Mode Voltage Range (note 4) Voltage Gain RL15K, VCC=15V Large Signal Response Time Vin = TTL Logic Swing. Vref = 1.4V, VRL = 5V. RL= 5.1K Response Time (note 4) VRL = 5V. RL= 5.1K Output Sink Current Saturation Voltage VI(+)+1V, VI(-)=0, Vo=+5V Output Leakage Current VID=+1.0V,VCC=15V Supply Current RL = (For All Comparators) RL = , VCC = 30V ICC --0.8 1.0 2.0 2.5 mA -ISINK VSAT IOL -6.0 --1.3 16 130 0.1 --400 -uS mA mV nA --300 -nS
Symbol
VIO IIO IIB VICR AVOL
Min.
---
Typ.
2.0 5.0 25
Max.
5.0 50 250 Vcc-1.5 --
Unit
mV nA nA V V/mV
0 50
-200
Notes: 1. TS339: TLOW=0C, Thigh=+70C 2. At the output switch point, VO=1.4Vdc, RS 100, 5.0Vdc VCC 30Vdc, with the inputs over the full common-mode range (0Vdc to VCC -1.5Vdc). 3. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state. 4. The response time specified is for a 100mV input step with 5mV overdrive For larger signals, 300ns is typical. 5. Positive excursions of input voltage may exceed the power supply level. As long as one of the inputs remain within the common-mode range, the comparator will provide the proper output state. 6. The comparator will inhibit proper output state if one of the inputs is become greater than VCC, the other input must remain within the common mode range. The low input state must not be less than -0.3volts of ground of minus supply.
2/7
Version: A09
TS339
Low Power Low Offset Quad Comparators
Electrical Characteristics Curve
Figure 1. Normalized Input Offset Voltage
Figure 2. Input Bias Current
Figure 3. Output Sink Current vs. Out Saturation Voltage
3/7
Version: A09
TS339
Low Power Low Offset Quad Comparators
Application Description
This quad comparator feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if the outputs are capacitive coupled to the inputs via stray capacitance. This oscillation manifests itself during output transitions (VOL to VOH). To alleviate this situation input resistors<10K should be used. The addition of positive feedback (<10 mV) is also recommended. It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage without damaging the comparator's inputs. Voltages more negative than -0.3V should not be used.
Figure 4. Driving Logic
Figure 5. Squarewave Oscillator
Figure 7. Zero Crossing Detector (Split Supplies) Figure 6. Zero Crossing Detector (Single Supply)
4/7
Version: A09
TS339
Low Power Low Offset Quad Comparators
SOP-14 Mechanical Drawing
SOP-14 DIMENSION DIM A B C D F G K M P R 0 MILLIMETERS MIN 8.55 3.80 1.35 0.35 0.40 0.10
o
INCHES MIN 0.337 0.150 0.054 0.014 0.016 0.004 0
o
MAX 8.75 4.00 1.75 0.49 1.25 0.25 7
o
MAX 0.344 0.157 0.068 0.019 0.049 0.009 7
o
1.27 (typ)
0.05 (typ)
5.80 0.25
6.20 0.50
0.229 0.010
0.244 0.019
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
5/7
Version: A09
TS339
Low Power Low Offset Quad Comparators
DIP-14 Mechanical Drawing
DIP-14 DIMENSION DIM A B C D G J K L M MILLIMETERS MIN 18.55 6.22 3.18 0.35 0.29 3.25 7.75 MAX 19.56 6.48 4.45 0.55 0.31 3.35 8.00 10
o
INCHES MIN 0.730 0.245 0.125 0.019 0.011 0.128 0.305 MAX 0.770 0.255 0.135 0.020 0.012 0.132 0.315 10
o
2.54 (typ)
0.10 (typ)
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
6/7
Version: A09
TS339
Low Power Low Offset Quad Comparators
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
7/7
Version: A09


▲Up To Search▲   

 
Price & Availability of TS339CD14C4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X