Part Number Hot Search : 
101M35 DMA88 150LR5AM FTG256 P4SMAJ TPSMB33 MSM6242B 2DC4R2
Product Description
Full Text Search
 

To Download SWG215000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWG215000(2V1500AH)
Outer dimensions (mm)
401
344
189
55
34
369
Terminal Type (mm)
20
167
351
34
167
55
189
M8 20
Specifications
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx 2V 1500 Ah 369 mm (14.5 inches)
Capacity(%)
Curves of cycle life(25 )
344 mm (13.5 inches) 401 mm (15.8 inches) 351 mm (13.8 inches) 105 Kg(232lbs)
120 100 80 60 40 20
100%DOD
50%DOD
30%DOD
Idis=0.17C 5h Ich=0.10C 10h
Idis=0.17C 2.5h Ich=0.10C 5.0h
Idis=0.17C 1.5h Ich=0.10C 3.0h
Characteristics
Capacity 25 (77 ) 20 hour rate(75 A) 10 hour rate(138 A) 5 hour rate(220 A) 1 hour rate(828 A)
1500 AH 1380 AH 1104 AH 828AH
0
11
200
400
600
800
1000
1200
1400
1600
1800
2000
Number of cycles(cycles)
Discharge Curves 25
(77
)
Internal Resistance Full charged Battery at 25 (77 ) 0.32 m Capacity affected by Temperature (10hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage 102% 100% 85% 65% 91% 82% 64%
2.30 2.20 2.10 2.00 1.90 1.80 1.70 1.60 1.50 1.40 1.30 01 2 4
276A 750A 1380A 2911A
138A
75A
T20 Initial Charging Current less than 552 A Cycle Voltage 2.35-2.40V Float Voltage 2.25-2.30V
6 8 10
20
40 60
2
4
6 8 10 20 40
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
1.60V 1.70V 1.75V 1.80V 1.85V A W A W A W A W A W
)
10h 20h
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
R


▲Up To Search▲   

 
Price & Availability of SWG215000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X