Part Number Hot Search : 
375LP3E SA120A 4025R STMP3520 20400 30ME0 E100A V614ME06
Product Description
Full Text Search
 

To Download SR5003W-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR5000W Series
Ultra-Miniature, SIP 50W, Wide Input Range POL Switching Regulator
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 50W Output Power * Efficiency to 93% * Miniature SIP Construction * Wide Input Range * Over Temp. Protection * Remote On/Off * Short Circuit Protection * Low Cost
Input
Parameter Input Voltage Range Conditions 3.3 VDC Input 12 VDC Input Conditions Vin = Min to Max Iout = 0% to 100% Min. 3.0 10.0 Min. Typ. Typ. Max. 5.5 14.0 Max. 2.0 0.5 0.5 0.5 50 1.5 Full Resistive Load 75% Load Step Change 2 50 5.0 0.02 See Note 1 Min ESR > 10 m Continuous (Autorecovery) Conditions Min. Not Isolated 300 Conditions Case Min. -40 -55 Free Air Convection RH, Non-condensing 95 % Typ. +25 Max. +85 +125 kHz Units C C Typ. Max. Units 115 5,000 10.0 Units VDC
Output
Parameter Output Voltage Accuracy Line Regulation Load Regulation Remote Sense Compensation Ripple & Noise (20 MHz) Rise Time Turn On Delay Transient Recovery Time Transient Response Deviation Temperature Coefficient Overtemperature Protection Units % % % VDC mV P - P mS mS Sec % %/C
C
RoHS Compliant
Maximum Capacitive Loading Output Short Circuit
F
General
Parameter Isolation Voltage Switching Frequency
Environmental
Parameter Operating Temperature Range Storage Temperature Range
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Cooling Humidity
Physical
Size Weight 2.0 x 0.28 x 0.5 Inches (50.8 x 7.1 x 12.7 mm) 0.19 Oz (6.0g) Conditions MIL HDBK 217F, 25C, Gnd Benign Min. 2.0 Typ. Max. Units MHours UL94V-0 Conditions 5 VDC Input 12 VDC Input Wave Solder <10S 425C Iron Temperature Min. -0.7 -0.7 Typ. Max. 6.0 16.0 250.0 5.0 Units VDC C Sec
Reliability Specifications
Parameter MTBF Flammability Rating
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Pin Solder Temperature Hand Solder Temperature
Model Selection Guide
Model Number SR5003W-06 SR5003W-10 SR5003W-16 SR5012W-06 SR5012W-10 SR5012W-16 Input Voltage (VDC) Nominal 3.3 3.3 3.3 12 12 12 Range 3.0 - 5.5 3.0 - 5.5 3.0 - 5.5 10.0 - 14.0 10.0 - 14.0 10.0 - 14.0 Output Voltage (VDC) 0.75 - 3.3 0.75 - 3.3 0.75 - 3.3 0.75 - 5.0 0.75 - 5.0 0.75 - 5.0 Current (A, Max) 6.0 10.0 16.0 6.0 10.0 16.0
Typical Connection Diagram
Notes: 1. An overtemperature protection circuit shuts down the converter if the temperature at the output inductor exceeds 115C. The unit will restart automatically when the temperature at the output inductor drops below 110C. 2. For a 3.3V output, the input range is 4.0 to 5.5 VDC 3. No minimum load is required. Operation at no-load will not damage these units. 4. These converters require no additional external components to meet specifications. However, using external capacitors as shown in the typical connection drawing at right may lower noise in some applications. 5. Transient recovery is measured to within a 1% error band for a load step change of 25% to 100%. 6. It is recommended that a fuse be used on the input of a power supply for protection. Contact the factory for the correct rating.
Derating Curve
1. C1 and C2 are Electrolytic capacitors. C2 should have a low ESR. C3 is a ceramic capacitor. 2. When not being used, the Remote Sense pin (pin 3) should be connected to VOUT as close to the converter as possible. 3. The output voltage of the SR50xxW may be trimmed down by connecting an external resistor between the Trim Pin (pin 10) and Ground (pins 5 & 6). This resistor value (in k) is given by:
SR5003W-xx RTRIM = 21.07 (VO - 0.7525) 10.5 (VO - 0.7525) - 5.11
SR5012W-xx
RTRIM =
- 1.0
RTrim values for typical output levels are: Output Voltage 0.75 VDC 1.00 VDC 1.20 VDC 1.50 VDC 1.80 VDC 2.00 VDC 2.50 VDC 3.30 VDC 5.00 VDC SR5003W-xx SR5012W-xx Open Open 80.021 k 41.424 k 41.973 k 22.460 k 23.077 k 13.050 k 15.004 k 9.024 k 11.779 k 7.416 k 6.947 k 5.009 k 3.160 k 3.122 k --1.472 k Control Pin Open or VIN Grnd or < 0.4V
Pin Connections
Pin 1 1 2 3 4 5 6 7 Vin 8 Vin 9 NC 10 11 Vout Vout Sen Vout Gnd Gnd Trim Cont
4. The Control input (pin 11) uses TTL compatible logic as follows: Unit ON OFF
Mechanical Dimensions
MicroPower Direct
www.micropowerdirect.com
*
Notes:
* All dimens dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
*
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of SR5003W-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X