Part Number Hot Search : 
9526ATV SM5816AF RF1660 OM4215SW K03D2 IMD16A09 AD9957 CS61582
Product Description
Full Text Search
 

To Download SKY13316-12LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 data sheet
SKY13316-12LF: GaAs IC SPST Non-Reflective Switch 300 kHz-2.5 GHz
Features
High isolation (50 dB @ 900 MHz) J1 reflective (open) in isolation state l J2 non-reflective in isolation state l Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 C per JEDEC J-STD-020
l l
Functional Block Diagram
J1
J2
V1
Description
The SKY13316-12LF is a non-reflective SPST switch designed for low cost, low power commercial applications. It is ideal for use as a building block for high isolation multi-throw switches.
V2
NeW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
GND
Electrical Specifications
VCTL = 0 V/-5 V, T = 25 C, PINPuT = 0 dBm, Z0 = 50 W, unless otherwise noted
Parameter Insertion loss Frequency 300 kHz-0.5 GHz 300 kHz-1.0 GHz 300 kHz-2.5 GHz 300 kHz-0.5 GHz 300 kHz-1.0 GHz 300 kHz-2.5 GHz 300 kHz-0.5 GHz 300 kHz-1.0 GHz 300 kHz-2.5 GHz 300 kHz-0.5 GHz 300 kHz-1.0 GHz 300 kHz-2.5 GHz Min. typ. 0.5 0.6 0.75 59 48 30 21 16 13 22 18 11.5 Max. 0.9 1.0 1.2 Unit dB dB dB dB dB dB dB dB dB dB dB dB
Isolation
Return loss
Return loss J2 port (ISO state)
53.0 45.0 29.5 15.8 12.7 10.9 15.8 12.7 10.1
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200933 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * October 20, 2008
1
Data Sheet * SKY13316-12LF
Operating Characteristics
VCTL = 0 V/-5 V, T = 25 C, PINPuT = 0 dBm, Z0 = 50 W, unless otherwise noted
Parameter Switching Characteristics Condition 10% RF envelope to 90% RF envelope 90% RF envelope to 10% RF envelope 50% VCTL to 90% RF envelope 50% VCTL to 10% RF envelope Video feed-through Input power for 1dB compression Intermodulation intercept point (IP3) Control voltages Control currents Two tone input power = 13 dBm per tone 1 MHz spacing VCTL Low VCTL High VCTL Low, VCTL High 0.05 GHz 0.5 GHz-2 GHz 0.05 GHz 0.5 GHz-2 GHz -3 5 Frequency Min. typ. 5 15 40 16 24 35 46 0 -5 20 Max. Unit ns ns mV dBm dBm dBm dBm V V A
1. Switching characteristics will vary with value chosen for CBP. -0.2
Typical Performance Data (0, -5 V)
Z0 = 50 W, unless otherwise noted
0.0 -0.1 -0.2 -40 C +25 C +85 C 0.0 -5.0 -40 C +25 C +85 C
Insertion Loss (dB)
-0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0 0 0.5 1.0 1.5 2.0 2.5 3.0
Return Loss (dB)
-0.3
-10.0 -15.0 -20.0 -25.0 -30.0 -35.0 0 0.5 1 1.5 2 2.5 3
Frequency (GHz)
Frequency (GHz)
typical Insertion Loss
-40 C +25 C +85 C
typical J1 Return Loss (Insertion Loss State)
-40 C +25 C +85 C
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 -75 -80 0
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50
Return Loss (dB)
Isolation (dB)
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
Frequency (GHz)
typical Isolation
typical J2 Return Loss (Isolation State)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
October 20, 2008 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200933 Rev. B
Data Sheet * SKY13316-12LF
Absolute Maximum Ratings
Characteristic RF input power Control voltage Operating temperature Storage temperature Value 30 dBm > 500 MHz 0/-5 V 27 dBm at 50 MHz 0/-5 V +0.2 V, -8 V -40 C to +85 C -65 C to +150 C
Pin Out
GND V1 V2 GND J1 GND GND J2
1
50
8
2 3
7 6
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
4
5
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Pin Descriptions
Pin Number 1 2 3 4 5 6 Pin Name GND V1 V2 GND J2 GND GND J1 description Ground DC control voltage DC control voltage Ground RF port Ground Ground RF port
Truth Table
V1 -5 0 V2 0 -5 Isolation J1-J2 Insertion loss
7 8
Any state other than described in the truth table will put the switch in an undefined state.
Package Outline
Pin 8
0.050 (1.27 mm) BSC
Pin 1 Indicator
0.244 (6.20 mm) 0.228 (5.80 mm)
Pin 1 0.068 (1.73 mm) Max.
0.020 (0.51 mm) Max. 0.049 (1.24 mm) 0.016 (0.41 mm) 0.016 Max. (0.41 mm) x 45 Chamfer 8 Max.
0.197 (5.00 mm) 0.189 (4.80 mm) 0.010 (0.25 mm) 0.004 (0.10 mm)
0.158 (4.00 mm) 0.150 (3.80 mm) 0.010 (0.25 mm) 0.007 (0.17 mm)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200933 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * October 20, 2008
3
Data Sheet * SKY13316-12LF
Copyright (c) 2008, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
October 20, 2008 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200933 Rev. B


▲Up To Search▲   

 
Price & Availability of SKY13316-12LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X