Part Number Hot Search : 
SAA7341 GPTP3150 10003 C5010 GF850 MA166 MC5617 Z5224
Product Description
Full Text Search
 

To Download SBL2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLGALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
SBL2030CT - - - SBL20100CT
VOLTAGE RANGE: 30 --- 100 V CURRENT: 20 A
TO-220AB
MECHANICAL DATA
Case:JEDEC TO-220AB,molded plastic Terminals: Leads solderable per MIL- STD-750,Method 2026 Polarity: As marked Weight: 0.08ounce, 2.24 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBL SBL SBL SBL SBL SBL SBL SBL 2030CT 2035CT 2040CT 2045CT 2050CT 2060CT 2080CT 20100CT
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current TC=100 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage @ 10 A Maximum reverse current @TC=25
UNITS
V V V A
VRRM VRMS VDC IF(AV)
30 21 30
35 25 35
40 28 40
45 32 45 20
50 35 50
60 42 60
80 56 80
100 70 100
IFSM VF IR RJC TJ TSTG
250
A
0.55 1.0 50 1.5
0.75
0.85
V mA /W
at rated DC blocking voltage @TC=100 Typical thermal resistance (Note1)
Operating junction temperature range Storage temperature range
Note: 1. Thermal resistance junction to case.
-55--- + 125 -55--- + 150
www.galaxycn.com
Document Number 0266075
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
SBL2030CT- - -SBL20100CT
FIG.2 -- FORWARD DERATING CURVE
250
50
200
20
AMPERES
8.3ms Single Half Sine Wave TJ=125
15
150
10
100
5
50
0
0 1
0
25
50
75
100
125
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
10 Tc=100 1.0
200 100
SBL2030CT-SBL2045CT
SBL2080CT-SBL20100CT
10
SBL2050CT-SBL2060CT
TC=25 0.1
T J= 2 5 P u ls e w id t h = 3 0 0 1 % D u t y C y c le
s
1
.1
.3
.5
.7
.9
1 .1
1 .3
1 .5
1 .7
1 .9
2 .1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0266075
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SBL2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X