Part Number Hot Search : 
US5U2 MG500 DL4001 E005486 8205A 0CTQ1 C475M 600BW
Product Description
Full Text Search
 

To Download SB1040FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB1020FCT thru SB10150FCT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 150 VOLTS CURRENT - 10 AMPERES
ITO-220AB
FEATURES
Schottky Barrier Chip Guard Ring Transient Protection High Current Capability, Low Forward Low Reverse Leakage Current High surge Current Capability Plastic Material has UL Flammability Classification 94V-0 High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS environment substance directive request
MECHANICAL DATA
Case ITO220AB Molded plastic Terminals Plated Lead solderable per MIL-STD-202, Method 2026 Polarity As Marked on Body Mounting Position Any Weight 2.24gram Marking Type Number
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Single phase half wave 60Hz, resistive or inductive load For capacitive load, derate current by 20%
PARAMETER Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Maximum DC Blocking Voltage Average Repetitive Output Current @TC=950C Non-Repetitive Peak Forward surge current 8.3ms Single Half Sine-Wave Superimosed on rated load (JEDEC Method) Forward Voltage @IF=5A Peak Reverse Current @TA=25 C AT Rated DC Blocking Voltage TA=1000C Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range
0
SYMBOL VRRM VRWM VR VRMS VDC IF IFSM VF IRM CJ TJ TSTG
SB SB SB SB SB SB SB SB 1020FCT 1030FCT 1040FCT 1050FCT 1060FCT 1080FCT 10100FCT 10150FCT
UNITS
Volts Volts Volts Amps
20 14
20
30 21
30
40 28
40
50 35
50
60 42
60
80 56
80
100 70
100
150 105
150
10 150 0.55 0.75 0.1 50 700 0.85 120 0.92 0.025 7
Amps Volts mA pF
0
-55 to +150
C
NOTE 1. Measured at 1.0MHz and applied reverse Voltage of 4.0V D.C
www.paceleader.tw
1
SB1020FCT thru SB10150FCT
SCHOTTKY BARRIER RECTIFIER
RATINGS AND CHARACTERISTIC CURVES SB1020FCT THRU SB10150FCT
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of SB1040FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X