Part Number Hot Search : 
EE08019 U428B DA1545 C0518 C0518 TS358CD EPM1024 1725685
Product Description
Full Text Search
 

To Download PPQ-1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100W Quad Output with PFC Function
Features :
PPQ-1003
Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage Cooling by free air convection 100% full load burn-in test
series
Fixed switching frequency at PFC:67KHz PWM:134KHz(Optional) 2 years warranty
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC EMI CONDUCTION & RADIATION (Note 4) HARMONIC CURRENT EMS IMMUNITY MTBF OTHERS DIMENSION PACKING
NOTE
PPQ-1003A CH1 3.3V 10A 0 ~ 15A 108.5W 100mVp-p 4.75 ~ 5.5V 3.0% 1.0% 2.0% 150mVp-p -----6.0% 2.0% 6.0% 100mVp-p -----6.0% 1.0% 1.0% CH2 5V 10A 2 ~ 15A CH3 12V 2A 0.2 ~ 3A CH4 -5V 0.3A 0 ~ 1A
PPQ-1003B CH1 3.3V 10A 0 ~ 15A 110.6W 100mVp-p 3.14 ~ 3.63V 3.0% 1.0% 2.0% 100mVp-p 4.75 ~ 5.5V 3.0% 1.0% 2.0% 150mVp-p -----6.0% 2.0% 6.0% 120mVp-p -----6.0% 1.0% 1.0% CH2 5V 10A 2 ~ 15A CH3 12V 2A 0.2 ~ 3A CH4 -12V 0.3A 0 ~ 1A
RIPPLE & NOISE (max.) Note.2 100mVp-p 3.14 ~ 3.63V VOLTAGE TOLERANCE Note.3 3.0% 1.0% 2.0% 18ms at full load 90 ~ 264VAC 47 ~ 63Hz
800ms, 50ms at full load 127 ~370VDC PF>0.98/115VAC at full load 0.85A/230VAC
PF>0.95/230VAC 72% 1.65A/115VAC COLD START 40A <1mA /240VAC
105% ~ 135% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed CH1: 3.6 ~ 4.3V CH2: 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover -10 ~ +60 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC Compliance to EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 150.6K hrs min. MIL-HDBK-217F (25 177.8*107.95*38mm (L*W*H) 0.62Kg; 24pcs/15.5Kg/1.34CUFT )
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:PPQ-1003-SPEC 2008-03-25
100W Quad Output with PFC Function
Features :
PPQ-1003
Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage Cooling by free air convection 100% full load burn-in test
series
Fixed switching frequency at PFC:67KHz PWM:134KHz(Optional) 2 years warranty
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC
(Note 4)
PPQ-1003C CH1 3.3V 10A 0 ~ 15A 110W 100mVp-p 4.75 ~ 5.5V 3.0% 1.0% 2.0% 180mVp-p -----+10,-5% 2.0% 6.0% 150mVp-p -----6.0% 1.0% 1.0% CH2 5V 10A 2 ~ 15A CH3 15V 1.5A 0.2 ~ 3A CH4 -15V 0.3A 0 ~ 1A
PPQ-1003D CH1 3.3V 10A 0 ~ 15A 114.2W 100mVp-p 3.14 ~ 3.63V 3.0% 1.0% 2.0% 100mVp-p 4.75 ~ 5.5V 3.0% 1.0% 2.0% 150mVp-p -----6.0% 2.0% 6.0% 150mVp-p -----6.0% 1.0% 1.0% CH2 5V 10A 2 ~ 15A CH3 12V 2A 0.2 ~ 3A CH4 24V 0.3A 0 ~ 1A
RIPPLE & NOISE (max.) Note.2 100mVp-p 3.14 ~ 3.63V VOLTAGE TOLERANCE Note.3 3.0% 1.0% 2.0% 18ms at full load 90 ~ 264VAC 47 ~ 63Hz
800ms, 50ms at full load 127 ~370VDC PF>0.98/115VAC at full load 0.85A/230VAC
PF>0.95/230VAC 72% 1.65A/115VAC COLD START 40A <1mA /240VAC
105% ~ 135% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed CH1: 3.6 ~ 4.3V CH2: 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover -10 ~ +60 -20 ~ +85 (Refer to output load derating curve) , 10 ~ 95% RH 20 ~ 90% RH non-condensing 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY MTBF Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 150.6K hrs min. MIL-HDBK-217F (25 177.8*107.95*38mm (L*W*H) 0.62Kg; 24pcs/15.5Kg/1.34CUFT )
OTHERS
DIMENSION PACKING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:PPQ-1003-SPEC 2008-03-25
100W Quad Output with PFC Function
Mechanical Specification
177.8 6.35 165.1
PPQ-1003
series
Unit:mm
+3.3V ADJ CN3 1 2 3 4 5 6 7 8 1 2 3 4 5 CN2 F4A/250V
6.35 107.95 95.25
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No. 1 2 3 Assignment AC/L No Pin AC/N Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
FG
1 2 3 CN1
+5V ADJ 4- 3.96
DC Output Connector (CN2) : JST B5P-VH or equivalent
Pin No. 1,2,3 4 5 Assignment V2 V3 V4 Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
38
DC Output Connector (CN3) : JST B8P-VH or equivalent
Pin No. 1~3 4~8 Assignment V1 COM Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
3 max.
Block Diagram
EMI FILTER & RECTIFIERS PFC CIRCUIT POWER SWITCHING
RECTIFIERS & FILTER RECTIFIERS & FILTER MA & CONTROL RECTIFIERS & FILTER
REGULATOR
V4
PFC fosc : 67KHz PWM fosc : 134KHz (Option)
I/P
V3 RECTIFIERS & FILTER +3.3V +5V COM DETECTION CIRCUT
FG
ACTIVE START CIRCUIT
PWM & PFC CONTROL
O.V.P.
Derating Curve
Output Derating VS Input Voltage
17CFM Forced Air Cooling(10cm)
100
100 90
80 70 60
Natural convection Cooling
80 70
LOAD (%)
40
LOAD (%)
0 0 10 20 30 40 50 60 (HORIZONTAL)
60 50 40
20
-10 -10
90
100
115
135
155
230
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:PPQ-1003-SPEC 2008-03-25


▲Up To Search▲   

 
Price & Availability of PPQ-1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X