Part Number Hot Search : 
4HCT1 74ACT00M FALC1 74LVCE BB85ZB1 R05SD15 3KP170A 4HCT1
Product Description
Full Text Search
 

To Download NOSC686M002-0200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OxiCap(R) NOS Low ESR Series
Niobium Oxide Capacitor
* * * * * * *
Low ESR Nb0 capacitors Non-burn safe technology Reliability level: 0.2%/1000 hrs. CV range: 10-1000F / 1.8-6.3V 9 case sizes available IBM global approval received in 2004 Electra Award received in 2005
Electra Award 2005
CASE DIMENSIONS: millimeters (inches)
Code
L W
EIA Code 1206 1210 2312 2917 2917 2924 2312 2917 2917
EIA Metric
L0.20 (0.008)
W+0.20 (0.008) -0.10 (0.004) 1.60 (0.063) 2.80 (0.110) 3.20 (0.126) 4.30 (0.169) 4.30 (0.169) 6.10 (0.240) 3.20 (0.126) 4.30 (0.169) 4.30 (0.169)
H+0.20 (0.008) -0.10 (0.004) 1.60 (0.063) 1.90 (0.075) 2.60 (0.102) 2.90 (0.114) 4.10 (0.162) 3.45 0.30 (0.1360.012) 1.50 (0.059)
W1 0.20 (0.008) 1.20 (0.047) 2.20 (0.087) 2.20 (0.087) 2.40 (0.094) 2.40 (0.094) 3.10 (0.120)
A+0.30 (0.012) -0.20 (0.008) 0.80 (0.031) 0.80 (0.031) 1.30 (0.051) 1.30 (0.051) 1.30 (0.051) 1.40 (0.055) 1.30 (0.051) 1.30 (0.051) 1.30 (0.051)
S Min. 1.10 (0.043) 1.40 (0.055) 2.90 (0.114) 4.40 (0.173) 4.40 (0.173) 4.40 (0.173) 2.90 (0.114) 4.40 (0.173) 4.40 (0.173)
A B C
3216-18 3.20 (0.126) 3528-21 3.50 (0.138) 6032-28 6.00 (0.236) 7343-31 7.30 (0.287) 7343-43 7.30 (0.287) 7361-38 7.30 (0.287) 6032-15 6.00 (0.236) 7343-15 7.30 (0.287) 7343-20 7.30 (0.287)
H
D E
W1
A
S
A
V W X Y
For part marking see page 132
1.50 (0.059) max. 2.20 (0.087) 2.40 (0.094) 2.00 (0.079) max 2.40 (0.094)
W1 dimension applies to the termination width for A dimensional area only.
HOW TO ORDER NOS D
Type Case Size See table above
107
M
006
R
0100
--
Capacitance Code 1st two digits represent significant figures, 3rd digit represents multiplier in pF
Tolerance M=20%
Rated DC Voltage 001 = 1.8Vdc 002 = 2.5Vdc 004 = 4Vdc 006 = 6.3Vdc
Packaging R = Lead Free 7" Reel S = Lead Free 13" Reel
ESR in m
Additional characters may be added for special requirements V = Dry pack Option (selected codes only) with exception of D, E, X, Y, V cases
TECHNICAL SPECIFICATIONS
Technical Data: Capacitance Range: Capacitance Tolerance: Leakage Current DCL: Rated Voltage DC (VR) Category Voltage (VC) Surge Voltage (VS) Surge Voltage (VS) Temperature Range: Reliability: All technical data relate to an ambient temperature of +25C is not stated 10 F to 1000 F 20% 0.02CV 1.8 2.5 4 6.3 0.9 1.3 2 3 2.3 3.3 5.2 8 1.2 1.7 2.6 4 -55C to +125C 0.2% per 1000 hours at 85C, VR, 0.1/V series impedance, 60% confidence level Meets requirements of AEC-Q200
+85C: +125C: +85C: +125C:
82
OxiCap(R) NOS Low ESR Series
Niobium Oxide Capacitor
CAPACITANCE AND RATED VOLTAGE RANGE (LETTER DENOTES CASE SIZE)
Capacitance F Code 4.7 475 6.8 685 10 15 22 33 106 156 226 336 A(900) A(1500) B(600) B(600) B(500) C(300) W(150) C(200) C(70,150) X(100) C(90,150) Y(100) D(40,60,100) Y(100) D(35,55,100) E(100)/Y(150) D(100) E(75,100) V(75) Rated Voltage DC (VR ) to 85C / 0.66 DC to 105C / 0.5 DC to 125C 1.8V (x) 2.5V (e) 4.0V (G) 6.3V (J)
A(800, 1000, 2000) B(600) B(600) B(600) C(500) W(250) B(500) C(300) C(75,200) X(100) Y(100) C(150) D(80,100) Y(100) D(50,70,100) Y(100) D(45,60,100) E(80,100) E(80,100) V(75)
LEAD-FREE COMPATIBLE COMPONENT
47
476
B(500) C(200) W(150) B(350) C(150) W(150) C(65,150) X(100) C(80,125) Y(100) D(35,50,100) Y(100) D(35,55,100) E(100) E(60) V(50)
68
686
100 150 220 330 470 680 1000
107 157 227 337 477 687 108 C(125) X(100) Y(100) Y(100)
NON-BURN NON-SMOKE
Available Ratings, (ESR ratings in mOhms in brackets) Engineering samples - please contact manufacturer *Codes under development - subject to change Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
83
OxiCap(R) NOS Low ESR Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
AVX Part No. Case Size Capacitance Rated DCL (F) Voltage(V) (A) DF % ESR Max. (m) @100kHz 100kHz Ripple Current Ratings (A) 25C 85C 125C 100kHz Ripple Voltage Ratings (V) 25C 85C 125C
NOSB107M001#0350 NOSW107M001#0150 NOSC227M001#0125 NOSX227M001#0100 NOSY337M001#0100 NOSY477M001#0100 NOSA226M002#0900 NOSB476M002#0500 NOSC686M002#0200 NOSW686M002#0150 NOSC107M002#0150 NOSC157M002#0065 NOSC157M002#0150 NOSX157M002#0100 NOSC227M002#0080 NOSC227M002#0125 NOSY227M002#0100 NOSD337M002#0035 NOSD337M002#0100 NOSY337M002#0100 NOSD477M002#0035 NOSD447M002#0055 NOSD447M002#0100 NOSE477M002#0100 NOSE687M002#0060 NOSV108M002#0050 NOSA156M004#1500 NOSB226M004#0600 NOSB336M004#0600 NOSB476M004#0500 NOSC476M004#0300 NOSW476M004#0150 NOSC686M004#0200 NOSC107M004#0070 NOSC107M004#0150 NOSX107M004#0100 NOSC157M004#0090 NOSC157M004#0150 NOSY157M004#0100 NOSD227M004#0040 NOSD227M004#0060 NOSD227M004#0100 NOSY227M004#0100 NOSD337M004#0035 NOSD337M004#0100 NOSE337M004#0100 NOSY337M004#0150 NOSD477M004#0100 NOSE477M004#0075 NOSE477M004#0100 NOSV687M004#0075
B W C X Y Y A B C W C C C X C C Y D D Y D D D E E V A B B B C W C C C X C C Y D D D Y D D E Y D E E V
100 100 220 220 330 470 22 47 68 68 100 150 150 150 220 220 220 330 330 330 470 470 470 470 680 1000 15 22 33 47 47 47 68 100 100 100 150 150 150 220 220 220 220 330 330 330 330 470 470 470 680
1.8 Volt @ 85C (1.2 Volt @ 105C, 0.9 Volt @ 125C) 3.6 6 350 0.540 0.486 3.6 6 150 0.849 0.764 8.0 8 125 1.028 0.925 8.0 8 100 1.095 0.986 11.9 8 100 1.225 1.102 16.9 8 100 1.225 1.102 2.5 Volt @ 85C (1.7 Volt @ 105C, 1.3 Volt @ 125C) 2.5 1.1 6 900 0.316 0.285 2.5 2.4 6 500 0.452 0.406 2.5 3.4 6 200 0.812 0.731 2.5 3.4 6 150 0.849 0.764 2.5 5.0 6 150 0.938 0.844 2.5 7.6 6 65 1.425 1.283 2.5 7.6 6 150 0.938 0.844 2.5 7.5 6 100 1.095 0.986 2.5 11.0 8 80 1.285 1.156 2.5 11.0 8 125 1.028 0.925 2.5 11.0 8 100 1.225 1.102 2.5 16.5 6 35 2.268 2.041 2.5 16.5 10 100 1.342 1.207 2.5 16.5 10 100 1.225 1.102 2.5 23.5 6 35 2.268 2.041 2.5 23.5 10 55 1.809 1.628 2.5 23.5 10 100 1.342 1.207 2.5 23.5 10 100 1.407 1.266 2.5 34.0 12 60 1.817 1.635 2.5 50.0 18 50 2.449 2.205 4 Volt @ 85C (2.6 Volt @ 105C, 2 Volt @ 125C) 4 1.2 6 1500 0.245 0.220 4 1.8 6 600 0.412 0.371 4 2.6 6 600 0.412 0.371 4 3.8 6 500 0.452 0.406 4 3.8 6 300 0.663 0.597 4 3.8 6 150 0.849 0.764 4 5.4 6 200 0.812 0.731 4 8.0 6 70 1.373 1.236 4 8.0 6 150 0.938 0.844 4 8.0 6 100 1.095 0.986 4 12.0 6 90 1.211 1.090 4 12.0 6 150 0.938 0.844 4 12.0 6 100 1.225 1.102 4 17.6 6 40 2.121 1.909 4 17.6 8 60 1.732 1.559 4 17.6 8 100 1.342 1.207 4 17.6 10 100 1.225 1.102 4 26.4 6 35 2.268 2.041 4 26.4 8 100 1.342 1.207 4 26.4 8 100 1.407 1.266 4 26.4 12 150 1.000 0.900 4 37.6 12 100 1.342 1.207 4 37.6 12 75 1.625 1.462 4 37.6 12 100 1.407 1.266 4 54.4 14 75 2.000 1.800 1.8 1.8 1.8 1.8 1.8 1.8
0.216 0.339 0.411 0.438 0.490 0.490 0.126 0.181 0.325 0.339 0.375 0.570 0.375 0.438 0.514 0.411 0.490 0.907 0.537 0.490 0.907 0.724 0.537 0.563 0.727 0.980 0.098 0.165 0.165 0.181 0.265 0.339 0.325 0.549 0.375 0.438 0.484 0.375 0.490 0.849 0.693 0.537 0.490 0.907 0.537 0.563 0.400 0.537 0.650 0.563 0.800
0.189 0.127 0.128 0.110 0.122 0.122 0.285 0.226 0.162 0.127 0.141 0.093 0.141 0.110 0.103 0.128 0.122 0.079 0.134 0.122 0.079 0.099 0.134 0.141 0.109 0.122 0.367 0.247 0.247 0.226 0.199 0.127 0.162 0.096 0.141 0.110 0.109 0.141 0.122 0.085 0.104 0.134 0.122 0.079 0.134 0.141 0.150 0.134 0.122 0.141 0.150
0.170 0.115 0.116 0.099 0.110 0.110 0.256 0.203 0.146 0.115 0.127 0.083 0.127 0.099 0.092 0.116 0.110 0.071 0.121 0.110 0.071 0.090 0.121 0.127 0.098 0.110 0.331 0.223 0.223 0.203 0.179 0.115 0.146 0.087 0.127 0.099 0.098 0.127 0.110 0.076 0.094 0.121 0.110 0.071 0.121 0.127 0.135 0.121 0.110 0.127 0.135
0.076 0.051 0.051 0.044 0.049 0.049 0.114 0.090 0.065 0.051 0.056 0.037 0.056 0.044 0.041 0.051 0.049 0.032 0.054 0.049 0.032 0.040 0.054 0.056 0.044 0.049 0.147 0.099 0.099 0.090 0.080 0.051 0.065 0.038 0.056 0.044 0.044 0.056 0.049 0.034 0.042 0.054 0.049 0.032 0.054 0.056 0.060 0.054 0.049 0.056 0.060
# - Insert R for 7" reel or S for 13" reel All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
MSL level: See page 123 (6. Moisture Sensitivity Level) or packaging and reel label. ESR allowed to move up to 1.25 times catalog limit post mounting. Note: AVX reserves the rights to supply higher voltage rating in the same case size to the same reliability standards.
84
OxiCap(R) NOS Low ESR Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
AVX Part No. Case Size Capacitance Rated DCL (F) Voltage(V) (A) DF % ESR Max. (m) @100kHz 100kHz Ripple Current Ratings (A) 25C 85C 125C 100kHz Ripple Voltage Ratings (V) 25C 85C 125C
NOSA106M006#0800 NOSA106M006#1000 NOSA106M006#2000 NOSB156M006#0600 NOSB226M006#0600 NOSB336M006#0600 NOSC336M006#0500 NOSW336M006#0250 NOSB476M006#0500 NOSC476M006#0300 NOSC686M006#0075 NOSC686M006#0200 NOSX686M006#0100 NOSY686M006#0100 NOSC107M006#0150 NOSD107M006#0080 NOSD107M006#0100 NOSY107M006#0100 NOSD157M006#0050 NOSD157M006#0070 NOSD157M006#0100 NOSY157M006#0100 NOSD227M006#0045 NOSD227M006#0060 NOSD227M006#0100 NOSE227M006#0080 NOSE227M006#0100 NOSE337M006#0080 NOSE337M006#0100 NOSV477M006#0075
A A A B B B C W B C C C X Y C D D Y D D D Y D D D E E E E V
10 10 10 15 22 33 33 33 47 47 68 68 68 68 100 100 100 100 150 150 150 150 220 220 220 220 220 330 330 470
6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3
6.3 Volt @ 85C (4 Volt @ 105C, 3 Volt @ 125C) 1.2 6 800 0.335 0.302 1.2 6 1000 0.300 0.270 1.2 6 2000 0.212 0.191 1.8 6 600 0.412 0.371 2.6 6 600 0.412 0.371 4.0 6 600 0.412 0.371 4.0 6 500 0.514 0.462 4.0 6 250 0.657 0.592 5.6 6 500 0.452 0.406 5.7 6 300 0.663 0.597 8.2 6 75 1.327 1.194 8.2 6 200 0.812 0.731 8.2 6 100 1.095 0.986 8.2 6 100 1.225 1.102 12.0 8 150 0.938 0.844 12.0 6 80 1.500 1.350 12.0 6 100 1.342 1.207 12.0 6 100 1.225 1.102 18.0 6 50 1.897 1.708 18.0 6 70 1.604 1.443 18.0 6 100 1.342 1.207 18.0 6 100 1.225 1.102 26.4 6 45 2.000 1.800 26.4 8 60 1.732 1.559 26.4 8 100 1.342 1.207 26.4 12 80 1.573 1.416 26.4 12 100 1.407 1.266 39.6 12 80 1.573 1.416 39.6 12 100 1.407 1.266 56.4 12 75 2.000 1.800
0.134 0.120 0.085 0.165 0.165 0.165 0.206 0.263 0.181 0.265 0.531 0.325 0.438 0.490 0.375 0.600 0.537 0.490 0.759 0.641 0.537 0.490 0.800 0.693 0.537 0.629 0.563 0.629 0.563 0.800
0.268 0.300 0.424 0.247 0.247 0.247 0.257 0.164 0.226 0.199 0.099 0.162 0.110 0.122 0.141 0.120 0.134 0.122 0.095 0.112 0.134 0.122 0.090 0.104 0.134 0.126 0.141 0.126 0.141 0.150
0.241 0.270 0.382 0.223 0.223 0.223 0.231 0.148 0.203 0.179 0.090 0.146 0.099 0.110 0.127 0.108 0.121 0.110 0.085 0.101 0.121 0.110 0.081 0.094 0.121 0.113 0.127 0.113 0.127 0.135
0.107 0.120 0.170 0.099 0.099 0.099 0.103 0.066 0.090 0.080 0.040 0.065 0.044 0.049 0.056 0.048 0.054 0.049 0.038 0.045 0.054 0.049 0.036 0.042 0.054 0.050 0.056 0.050 0.056 0.060
# - Insert R for 7" reel or S for 13" reel All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
MSL level: See page 123 (6. Moisture Sensitivity Level) or packaging and reel label. ESR allowed to move up to 1.25 times catalog limit post mounting. Note: AVX reserves the rights to supply higher voltage rating in the same case size to the same reliability standards.
85


▲Up To Search▲   

 
Price & Availability of NOSC686M002-0200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X