Part Number Hot Search : 
4AHC1G FODM3023 1120D 04A42BD 74ACT899 SY10E336 SOP12 SSF3022
Product Description
Full Text Search
 

To Download MMBTA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTA42
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
FEATURES
* High breakdown voltage * Low collector-emitter saturation voltage * Complementary to MMBTA92 (NPN)
SOT-23
MECHANICAL DATA
* * * * *
COLLECTOR 3
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.008 gram
1
BASE
2
EMITTER
0.006(0.15) 0.003(0.08)
0.055(1.40) 0.047(1.20)
0.043(1.10) 0.035(0.90) 0.020(0.50) 0.012(0.30) 0.004(0.10) 0.000(0.00)
0.020(0.50) 0.012(0.30)
0.100(2.55) 0.089(2.25)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.019(2.00) 0.071(1.80)
1
3 0.110(2.80) 2
0.118(3.00)
Dimensions in inches and (millimeters) MAXIMUM RATINGS ( @ TA = 25oC unless otherwise noted ) RATINGS
Collector Current-Continuous Collector Power Dissipation
SYMBOL IC PC TJ TSTG
VALUE 0.3 350 150 -55 to +150
UNITS A mW
o o
Max. Operating Temperature Range Storage Temperature Range
C C
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted ) CHARACTERISTICS Collector-base breakdown voltage (IC=100uA,IE=0) Collector-emitter breakdown voltage (IC=1mA,IB=0) Emitter-Base breakdown voltage (IE=100uA,IC=0) Collector cut-off current (VCB=200V,IE=0) Emitter cut-off current (VEB=5V,IC=0) (VCE=10V,IC=1mA) DC current gain (VCE=10V,IC=10mA) (VCE=10V,IC=30mA) Collector-emitter saturation voltage (IC=20mA,IB=2mA) Base-emitter saturation voltage (IC=20mA,IB=2mA) Transition frequency (VCE=20V,IC=10mA,f=30MHz) Note: "Fully ROHS Complant", "100% Sn plating (Pb-free)". SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) hFE(2) hFE(3) VCE(sat) VBE(sat) fT MIN. 300 300 5 60 100 60 50 TYP. MAX. 0.25 0.1 200 0.2 0.9 UNITS V V V uA uA V V MHz 2007-5
RATING AND CHARACTERISTICS CURVES ( MMBTA42 )
140
hFE, DC CURRENT GAIN
VCE =5V 125 C
O
VCESAT, COLLECTOR-EMITTER VOLTAGE (V)
0.3 0.25 0.2 0.15 0.1 0.05 0.1
b =10
120 100 80 60 40 20 0.1
25OC
125OC
-40OC
-40OC
25OC
1
10
100
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 1 DC Current Gain vs. Collector Current
1
VBESAT, BASE-EMITTER VOLTAGE (V)
Figure 2 Collector-Emitter Saturation Voltage vs. Collector Current
VBE(ON), BASE-EMITTER VOLTAGE (V)
IC, COLLECTOR CURRENT (mA)
1 VCE =1V 0.8 -40OC 25OC 0.6 125OC 0.4
b =10 0.8 -40OC
0.6
25 C
O
125OC 0.4
0.2 0.1
1
10
100
0.2
0.1
1
10
100
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 3. Base-Emitter Saturation Voltage vs. Collector Current
Figure 4 Base-Emitter ON Voltage vs. Collector Current
RATING AND CHARACTERISTICS CURVES ( MMBTA42 )
100
ICBO, COLLECTOR CURRENT (nA)
VCB =150V
CAPACITANCE (pF)
100 50 20 10 5 2 Ccb
Ceb
10
1
25
50
75
100
125
150
1
1
10
100
1000
Figure 5 Collector-Cut off Current vs. Ambient Temperature
1
PD, POWER DISSIPATION (W)
TA, AMBIENT TEMPERATURE (OC)
REVERSE BIAS VOLTAGE (V)
Figure 6 Collector-Base and Emitter-Base Capacitance vs. Reverse Bias Voltage
0.75
0.5
0.25
0
0
25
50
75
100
125
150
TEMPERATURE (OC)
Figure 7 Power dissipation vs. Ambient Temperature
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of MMBTA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X