Part Number Hot Search : 
AN5755 PC725 PC725 FN1A4P FN1A4P AN5755 HM3669 BCT25244
Product Description
Full Text Search
 

To Download MJE2801T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJE2801T
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO = 60V(Min) *High DC Current Gain: hFE= 25-100@IC= 3A *Complement to Type MJE2901T APPLICATIONS *Designed for use as an output device in complementary audio amplifiers up to 35 watts music power per channel.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
VALUE 60 60 4 10 5 75 150 -55~150
UNIT V V V A A W
PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.67 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
MJE2801T
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 200mA; IB= 0
60
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.4A
B
1.1
V
VBE(on)
Base-Emitter On Voltage
IC= 3A ; VCE= 2V VCB= 60V; IE= 0 VCB= 60V; IE= 0;TC= 150 VEB= 4V; IC=0
1.4 0.1 2.0 1.0
V
ICBO
Collector Cutoff Current
mA
IEBO
Emitter Cutoff Current
mA
hFE
DC Current Gain
IC= 3A ; VCE= 2V
25
100
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of MJE2801T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X