Part Number Hot Search : 
AN1702 TX14D SSL310 DPT10 HPR1001H 1N5232B PN4117A T351513
Product Description
Full Text Search
 

To Download MB12SPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
MINIATURE GLASS PASSIVATED
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE 200 - 600 Volts CURRENT 0.8 Ampere
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Surge overload rating of 35 Amperes peak * Glass passivated chip junction * Ideal for printed circuit board * High temperature soldering guaranteed : 260oC/10 seconds at terminals
MB12SPT THRU MB16SPT
MD-S
0.049(1.24) 0.039(0.99)
0.179(4.55) 0.272(6.90) 0.252(6.40) 0.161(4.10) 0.144(3.65)
0.195(4.95)
0.062(1.57) 0.058(1.47) 0.038(0.96) 0.019(0.48) 0.058(1.47) 0.054(1.37) 0.105(2.67) 0.095(2.41) 0.117(2.97) 0.107(2.72)
MECHANICAL DATA
Case: JEDEC MD-S molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Polarity symbols marked on body Weight: 0.008 ounces, 0.22 gram
0.008(0.20) 0.004(0.10)
0.029(0.74) 0.017(0.43)
0.114(2.90) 0.094(2.40)
0.106(2.70) 0.090(2.30) 0.0075(0.19) 0.0065(0.16)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
MD-S
MB16SPT 600 420 600 UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TA = 30oC On glass-epoxy P.C.B.(NOTE 1) On aluminum substrate (NOTE 2) Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 3) Typical thermal resistance per leg Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO MB12SPT 200 140 200 MB14SPT 400 280 400 0.8
IFSM CJ R
JA
35 13 70 -55 to +150
TJ, TSTG
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 0.4 A DC Maximum DC reverse current at rated DC blocking voltage per leg @ TA = 25oC IR @ TA = 125oC 500 uAmps 2002-5 SYMBOL VF MB12SPT MB14SPT 1.0 5.0 MB16SPT UNITS Volts uAmps
NOTES : 1. On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.27 X 1.27 mm) pads 2. On aluminum substrate P.C.B. with an area of 0.8 x 0.8 x 0.25" (20 x 20 x 6.4mm) mounted on 0.05 x 0.05" (1.27 x 1.27mm) solder pad 3. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
0.016(0.41) 0.006(0.15)
0.195(4.95)
0.205(5.21)
Amps pF
o
C/W
o
C
RATING CHARACTERISTIC CURVES ( MB12SPT THRU MB16SPT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, ( A ) AVERAGE FORWARD CURRENT, (A) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60 80 100 120 140 AMBIENT TEMPERATURE, ( oC ) 160
Resistive or Inductive Load Copper Pads .05 In2 (1.27mm2) PC Board
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER BRIDGE ELEMENT 35 30 25 20 15 10 5 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100
Single Half Sine-Wave (JEDEC Method)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 20 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
TJ =125oC
Pulse Width = 300uS 1% Duty Cycle
10
3.0
1.0 0.3
1.0
TJ =25oC
.1
TJ =25oC
0.1
.03
.01 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
.01 0 .2 .4 .6 .8 1.0 1.2 1.4 INSTANTANEOUS FORWARD VOLTAGE, ( V )
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 JUNCTION CAPACITANCE, ( pF ) 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
f = 1.0MHZ Vsig = 50 mVp-p TJ =25oC


▲Up To Search▲   

 
Price & Availability of MB12SPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X