Part Number Hot Search : 
MAX3969 MB1505G MB3829 AN4470 LA7629 SF5511 M3R23TAJ 60101
Product Description
Full Text Search
 

To Download MAX7031ATJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3707; Rev 2; 6/09
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
General Description
The MAX7031 crystal-based, fractional-N transceiver is designed to transmit and receive FSK data at factorypreset carrier frequencies of 308MHz , 315MHz, or 433.92MHz with data rates up to 33kbps (Manchester encoded) or 66kbps (NRZ encoded). This device generates a typical output power of +10dBm into a 50 load, and exhibits typical sensitivity of -110dBm. The MAX7031 features separate transmit and receive pins (PAOUT and LNAIN) and provides an internal RF switch that can be used to connect the transmit and receive pins to a common antenna. The MAX7031 transmit frequency is generated by a 16bit, fractional-N, phase-locked loop (PLL), while the receiver's local oscillator (LO) is generated by an integer-N PLL. This hybrid architecture eliminates the need for separate transmit and receive crystal reference oscillators because the fractional-N PLL is preset to be 10.7MHz above the receive LO. Retaining the fixed-N PLL for the receiver avoids the higher current-drain requirements of a fractional-N PLL and keeps the receiver current drain as low as possible. The fractional-N architecture of the MAX7031 transmit PLL allows the transmit FSK signal to be preset for exact frequency deviations, and completely eliminates the problems associated with oscillator-pulling FSK signal generation. All frequency-generation components are integrated on-chip, and only a crystal, a 10.7MHz IF filter, and a few discrete components are required to implement a complete antenna/digital data solution. The MAX7031 is available in a small, 5mm x 5mm, 32pin, thin QFN package, and is specified to operate in the automotive -40C to +125C temperature range. Consult factory for availability.
Features
o +2.1V to +3.6V or +4.5V to +5.5V Single-Supply Operation o Single-Crystal Transceiver o Factory-Preset Frequency (No Serial Interface Required) o FSK Modulation o Factory-Preset FSK Frequency Deviation o +10dBm Output Power into 50 Load o Integrated TX/RX Switch o Integrated Transmit and Receive PLL, VCO, and Loop Filter o > 45dB Image Rejection o Typical RF Sensitivity*: -110dBm o Selectable IF Bandwidth with External Filter o RSSI Output with High Dynamic Range o < 12.5mA Transmit-Mode Current o < 6.7mA Receive-Mode Current o < 800nA Shutdown Current o Fast-On Startup Feature, < 250s o Small, 32-Pin, Thin QFN Package
*0.2% BER, 4kbps Manchester-encoded data, 280kHz IF BW
MAX7031
Ordering Information
PART MAX7031_ATJ__+ TEMP RANGE -40C to +125C PIN-PACKAGE 32 Thin QFN-EP**
Applications
2-Way Remote Keyless Entry Security Systems Home Automation Remote Controls Remote Sensing Smoke Alarms Garage-Door Openers Local Telemetry Systems
+Denotes a lead(Pb)-free/RoHs-compliant package. **EP = Exposed pad. Note: The MAX7031 is available with factory-preset operating frequencies. See the Selector Guide for complete part numbers.
Pin Configuration, Selector Guide, Typical Application Circuit, and Functional Diagram appear at end of data sheet.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
ABSOLUTE MAXIMUM RATINGS
HVIN to GND..........................................................-0.3V to +6.0V PAVDD, AVDD, DVDD to GND ................................-0.3V to +4.0V ENABLE, T/R, DATA, AGC0, AGC1, AUTOCAL to GND ................................-0.3V to (HVIN + 0.3)V All Other Pins to GND ..............................-0.3V to (_VDD + 0.3)V Continuous Power Dissipation (TA = +70C) 32-Pin Thin QFN (derate 21.3mW/C above +70C).............................................................1702mW Operating Temperature Range .........................-40C to +125C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, 50 system impedance, PAVDD = AVDD = DVDD = HVIN = +2.1V to +3.6V, fRF = 308MHz, 315MHz, or 433.92MHz, TA = -40C to +125C, unless otherwise noted. Typical values are at PAVDD = AVDD = DVDD = HVIN = +2.7V, TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER Supply Voltage (3V Mode) Supply Voltage (5V Mode) SYMBOL VDD HVIN CONDITIONS HVIN, PAVDD, AVDD, and DVDD connected to power supply PAVDD, AVDD, and DVDD unconnected from HVIN, but connected together Transmit mode (Note 2) TA < +85C, typ at +25C (Note 3) fRF = 315MHz fRF = 434MHz Receiver 315MHz Receiver 434MHz Deep-sleep (3V mode) Deep-sleep (5V mode) Receiver 315MHz TA < +125C, typ at +125C (Note 2) Voltage Regulator DIGITAL I/O Input-High Threshold Input-Low Threshold Pulldown Sink Current Output Low Voltage Output High Voltage VOL VOH VIH VIL (Note 2) (Note 2) AGC0-1, AUTOCAL, ENABLE, T/R, DATA (HVIN = 5.5V) ISINK = 500A ISOURCE = 500A 20 0.15 HVIN - 0.26 0.9 x HVIN 0.1 x HVIN V V A V V VREG Receiver 434MHz Deep-sleep (3V mode) Deep-sleep (5V mode) HVIN = 5V, ILOAD = 15mA MIN 2.1 4.5 TYP 2.7 5.0 11.6 12.4 6.4 6.7 0.8 2.4 6.8 7.0 8.0 14.9 3.0 MAX 3.6 5.5 19.1 20.4 8.4 8.7 8.8 10.9 8.7 8.8 34.2 39.3 A mA A V mA UNITS V V
Supply Current
IDD
2
_______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
AC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, 50 system impedance, PAVDD = AVDD = DVDD = HVIN = +2.1V to +3.6V, fRF = 308MHz, 315MHz. or 433.92MHz, TA = -40C to +125C, unless otherwise noted. Typical values are at PAVDD = AVDD = DVDD = HVIN = +2.7V, TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER GENERAL CHARACTERISTICS Frequency Range Maximum Input Level Transmit Efficiency (Note 5) PRFIN fRF = 315MHz fRF = 434MHz ENABLE or T/R transition low to high, transmitter frequency settled to within 50kHz of the desired carrier ENABLE or T/R transition low to high, transmitter frequency settled to within 5kHz of the desired carrier ENABLE transition low to high, or T/R transition high to low, receiver startup time (Note 4) RECEIVER 0.2% BER, 4kbps Manchester data rate, 280kHz IF BW, FSK 50kHz deviation 315MHz 434MHz -110 dBm -107 46 TA = +25C (Note 3) Output Power POUT TA = +125C, PAVDD = AVDD = DVDD = HVIN = +2.1V (Note 2) TA = -40C, PAVDD = AVDD = DVDD = HVIN = +3.6V (Note 3) Maximum Carrier Harmonics Reference Spur PHASE-LOCKED LOOP Transmit VCO Gain Transmit PLL Phase Noise Receive VCO Gain Receive PLL Phase Noise Loop Bandwidth 10kHz offset, 500kHz loop BW 1MHz offset, 500kHz loop BW Transmit PLL Receive PLL KVCO 10kHz offset, 200kHz loop BW 1MHz offset, 200kHz loop BW 340 -68 -98 340 -80 -90 200 500 MHz/V dBc/Hz MHz/V dBc/Hz kHz With output matching network 4.6 3.9 10.0 6.7 13.1 -40 -50 15.8 dBc dBc 15.5 dBm dB 308/315/433.92 0 32 30 200 MHz dBm % SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX7031
Power-On Time
tON
350
s
250
Sensitivity
Image Rejection POWER AMPLIFIER
_______________________________________________________________________________________
3
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit, 50 system impedance, PAVDD = AVDD = DVDD = HVIN = +2.1V to +3.6V, fRF = 308MHz, 315MHz. or 433.92MHz, TA = -40C to +125C, unless otherwise noted. Typical values are at PAVDD = AVDD = DVDD = HVIN = +2.7V, TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER Reference Frequency Input Level LOW-NOISE AMPLIFIER/MIXER (Note 7) LNA Input Impedance ZINLNA Normalized to 50 High-gain state Voltage-Conversion Gain Low-gain state Input-Referred 3rd-Order Intercept Point Mixer Output Impedance LO Signal Feedthrough to Antenna RSSI Input Impedance Operating Frequency 3dB Bandwidth Gain FSK DEMODULATOR Conversion Gain ANALOG BASEBAND Maximum Data Filter Bandwidth Maximum Data Slicer Bandwidth Maximum Peak Detector Bandwidth Maximum Data Rate CRYSTAL OSCILLATOR Crystal Frequency Maximum Crystal Inductance Frequency Pulling by VDD Crystal Load Capacitance (Note 6) fXTAL (fRF - 10.7) / 24 50 2 4.5 MHz mH ppm/V pF Manchester coded Nonreturn to zero (NRZ) 50 100 50 33 66 kHz kHz kHz kbps 2.0 mV/kHz fIF 330 10.7 10 15 MHz MHz mV/dB IIP3 High-gain state Low-gain state fRF = 315MHz fRF = 434MHz fRF = 315MHz fRF = 434MHz fRF = 315MHz fRF = 434MHz 1 - j4.7 1 - j3.3 50 45 13 9 -42 -6 330 -100 dBm dBm dB SYMBOL CONDITIONS MIN TYP 0.5 MAX UNITS VP-P
4
_______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit, 50 system impedance, PAVDD = AVDD = DVDD = HVIN = +2.1V to +3.6V, fRF = 308MHz, 315MHz. or 433.92MHz, TA = -40C to +125C, unless otherwise noted. Typical values are at PAVDD = AVDD = DVDD = HVIN = +2.7V, TA = +25C, unless otherwise noted.) (Note 1) Note 1: Note 2: Note 3: Note 4: Note 5: Note 6: Note 7: Supply current, output power, and efficiency are greatly dependent on board layout and PAOUT match. 100% tested at TA = +125C. Guaranteed by design and characterization over temperature. Guaranteed by design and characterization. Not production tested. Time for final signal detection; does not include baseband filter settling. Efficiency = POUT/(VDD x IDD). Dependent on PCB trace capacitance. Input impedance is measured at the LNAIN pin. Note that the impedance at 315MHz includes the 12nH inductive degeneration from the LNA source to ground. The impedance at 434MHz includes a 10nH inductive degeneration connected from the LNA source to ground. The equivalent input circuit is 50 in series with ~2.2pF. The voltage conversion is measured with the LNA input-matching inductor, the degeneration inductor, and the LNA/mixer tank in place, and does not include the IF filter insertion loss.
MAX7031
Typical Operating Characteristics
(Typical Operating Circuit, PAVDD = AVDD = DVDD = HVIN = +3.0V, fRF = 433.92MHz, IF BW = 280kHz. 4kbps Manchester encoded, 0.2% BER deviation = 50kHz, TA = +25C, unless otherwise noted.)
RECEIVER
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX7031 toc01
SUPPLY CURRENT vs. RF FREQUENCY FSK MODE
MAX7030 toc02
DEEP-SLEEP CURRENT vs. TEMPERATURE
16 DEEP-SLEEP CURRENT (A) 14 12 10 8 6 4 2 VCC = +3.6V VCC = +3.0V VCC = +2.1V
MAX7031 toc03
7.4 7.2 SUPPLY CURRENT (mA) 7.0 6.8 6.6 +25C 6.4 -40C 6.2 6.0 2.1 2.4 2.7 3.0 3.3 +85C +125C
7.0 6.9 SUPPLY CURRENT (mA) 6.8 6.7 +25C 6.6 6.5 6.4 -40C +85C +125C
18
0 300 325 350 375 400 425 450 -40 -15 -10 35 60 85 110 RF FREQUENCY (MHz) TEMPERATURE (C)
3.6
SUPPLY VOLTAGE (V)
_______________________________________________________________________________________
5
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
Typical Operating Characteristics (continued)
(Typical Operating Circuit, PAVDD = AVDD = DVDD = HVIN = +3.0V, fRF = 433.92MHz, IF BW = 280kHz. 4kbps Manchester encoded, 0.2% BER deviation = 50kHz, TA = +25C, unless otherwise noted.)
BIT-ERROR RATE vs. AVERAGE INPUT POWER
280kHz IF BW 10 SENSITIVITY (dBm) -104 -106 -108 -110 fRF = 315MHz -112 -116 -114 -112 -110 -108 -106 -104 -40 -15 10 35 60 85 110 AVERAGE INPUT POWER (dBm) TEMPERATURE (C) fRF = 434MHz 1 0.2% BER 0.1 fRF = 315MHz 0.01
MAX7031 toc04
RECEIVER
SENSITIVITY vs. TEMPERATURE
MAX7031 toc05
SENSITIVITY vs. FREQUENCY DEVIATION
280kHz IF BW 0.2% BER
MAX7031 toc06
100
-100 -102 280kHz IF BW 0.2% BER fRF = 434MHz
-94 -96 SENSITIVITY (dBm) -98 -100 -102 -104 -106 -108 1 10 FREQUENCY DEVIATION (kHz)
BIT-ERROR RATE (%)
100
RSSI vs. RF INPUT POWER
MAX7031 toc07
RSSI AND DELTA vs. IF INPUT POWER
2.1 1.8 1.5 RSSI (V) 1.2 0.9 0.6 0.3 0 DELTA RSSI
MAX7031 toc08
FSK DEMODULATOR OUTPUT vs. IF FREQUENCY
2.5 1.5 0.5 -0.5 -1.5 -2.5 -3.5 DELTA (%)
MAX7031 toc09
1.8 1.6 1.4 1.2 RSSI (V) 1.0 0.8 0.6 0.4 0.2 AGC HYSTERESIS: 3dB 0 -130 -110 -90 -70 -50 -30 -10 AGC SWITCH POINT LOW-GAIN MODE HIGH-GAIN MODE
3.5 FSK DEMODULATOR OUTPUT (V)
1.6
1.2
0.8
0.4
0 10.4 10.5 10.6 10.7 10.8 10.9 11.0 IF FREQUENCY (MHz)
10
-90
-70
-50
-30
-10
10
RF INPUT POWER (dBm)
IF INPUT POWER (dBm)
SYSTEM GAIN vs. IF FREQUENCY
MAX7031 toc10
IMAGE REJECTION vs. TEMPERATURE
fRF = 434MHz IMAGE REJECTION (dB)
MAX7031 toc11
NORMALIZED IF GAIN vs. IF FREQUENCY
MAX7031 toc12
50 40 SYSTEM GAIN (dBm) 30 20 10 0 -10 -20 0 5 10 15 20 25 LOWER SIDEBAND 45dB IMAGE REJECTION FROM RFIN TO MIXOUT fRF = 434MHz UPPER SIDEBAND
48
0
46
fRF = 315MHz
NORMALIZED IF GAIN (dB)
-4
-8
-12
44
-16
42 30 -40 -15 10 35 60 85 110 IF FREQUENCY (MHz) TEMPERATURE (C)
-20 1 10 IF FREQUENCY (MHz) 100
6
_______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Typical Operating Characteristics (continued)
(Typical Operating Circuit, PAVDD = AVDD = DVDD = HVIN = +3.0V, fRF = 433.92MHz, IF BW = 280kHz. 4kbps Manchester encoded, 0.2% BER deviation = 50kHz, TA = +25C, unless otherwise noted.)
MAX7031
RECEIVER
S11 vs. RF FREQUENCY
MAX7031 toc13
S11 SMITH PLOT OF RFIN
MAX7031 toc14
0
-6 S11 (dB) 434MHz -12 433.92MHz
-18
400MHz
500MHz
-24 200 250 300 350 400 450 500 RF FREQUENCY (MHz)
INPUT IMPEDANCE vs. INDUCTIVE DEGENERATION
90 fRF = 315MHz 80 REAL IMPEDANCE () 70 60 50 40 30 20 1 10 INDUCTIVE DEGENERATION (nH) 100 REAL IMPEDANCE IMAGINARY IMPEDANCE -230 IMAGINARY IMPEDANCE () REAL IMPEDANCE () -240 -250 -260 -270 -280 -290 80 70 60 50 40 30 20 1
MAX7031 toc15
INPUT IMPEDANCE vs. INDUCTIVE DEGENERATION
-220 90
MAX7031 toc16
fRF = 434MHz
-150 -160
IMAGINARY IMPEDANCE
-170 -180 -190 -200
REAL IMPEDANCE
-210 -220
10 INDUCTIVE DEGENERATION (nH)
100
PHASE NOISE vs. OFFSET FREQUENCY
MAX7031 toc17
PHASE NOISE vs. OFFSET FREQUENCY
fRF = 434MHz
MAX7031 toc18
-50 -60 PHASE NOISE (dBc/Hz) -70 -80 -90 -100 -110 -120 100 1k 10k 100k
fRF = 315MHz
-50 -60 PHASE NOISE (dBc/Hz) -70 -80 -90 -100 -110 -120
1M
10M
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
OFFSET FREQUENCY (Hz)
_______________________________________________________________________________________
IMAGINARY IMPEDANCE ()
7
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
Typical Operating Characteristics (continued)
(Typical Operating Circuit, PAVDD = AVDD = DVDD = HVIN = +3.0V, fRF = 433.92MHz, IF BW = 280kHz. 4kbps Manchester encoded, 0.2% BER deviation = 50kHz, TA = +25C, unless otherwise noted.)
TRANSMITTER
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX7031 toc19
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX7031 toc20
SUPPLY CURRENT vs. OUTPUT POWER
11 SUPPLY CURRENT (mA) 10 9 8 7 6 fRF = 315MHz
MAX7031 toc21
16
fRF = 315MHz
17
fRF = 434MHz TA = +85C
12
SUPPLY CURRENT (mA)
TA = +85C 12 TA = +125C TA = -40C 10 TA = +25C
SUPPLY CURRENT (mA)
14
15
13
TA = +125C TA = -40C
11 TA = +25C
5 4 3.0 3.3 3.6 -14 -10 -6 -2 2 6 10
8 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY VOLTAGE (V)
9 2.1 2.4 2.7 SUPPLY VOLTAGE (V)
AVERAGE OUTPUT POWER (dBm)
SUPPLY CURRENT vs. OUTPUT POWER
MAX7031 toc22
OUTPUT POWER vs. SUPPLY VOLTAGE
MAX7031 toc 23
OUTPUT POWER vs. SUPPLY VOLTAGE
fRF = 434MHz TA = -40C
MAX7030 toc24
14 13 SUPPLY CURRENT (mA) 12 11 10 9 8 7 6 5 -14
14
fRF = 434MHz
fRF = 315MHz
14
12 OUTPUT POWER (dBm)
OUTPUT POWER (dBm)
TA = -40C TA = +25C
12 TA = +25C 10
10
8 TA = +125C 6 TA = +85C
8
TA = +125C TA = +85C
6
4 -10 -6 -2 2 6 10 2.1 2.4 2.7 3.0 3.3 3.6 AVERAGE OUTPUT POWER (dBm) SUPPLY VOLTAGE (V)
4 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY VOLTAGE (V)
EFFICIENCY vs. SUPPLY VOLTAGE
MAX7031 toc25
EFFICIENCY vs. SUPPLY VOLTAGE
fRF = 434MHz TA = -40C 35 EFFFICIENCY (%) TA = +25C 30 TA = +85C
MAX7031 toc26
40
fRF = 315MHz
TA = -40C
40
35 EFFFICIENCY (%)
TA = +25C
30
25
TA = +85C TA = +125C
25
TA = +125C
20 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY VOLTAGE (V)
20 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY VOLTAGE (V)
8
_______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Typical Operating Characteristics (continued)
(Typical Operating Circuit, PAVDD = AVDD = DVDD = HVIN = +3.0V, fRF = 433.92MHz, IF BW = 280kHz. 4kbps Manchester encoded, 0.2% BER deviation = 50kHz, TA = +25C, unless otherwise noted.)
MAX7031
TRANSMITTER
MAX7031 toc27
PHASE NOISE vs. OFFSET FREQUENCY (TRANSMIT MODE)
-40 -50 -60 PHASE NOISE (dBc/Hz) -70 -80 -90 -100 -110 -120 -130 -140 100 1k 10k 100k 1M 10M OFFSET FREQUENCY (Hz) fRF = 315MHz -40 -50 -60 PHASE NOISE (dBc/Hz) -70 -80 -90 -100 -110 -120 -130 -140
PHASE NOISE vs. OFFSET FREQUENCY (TRANSMIT MODE)
fRF = 434MHz
MAX7031 toc28
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
REFERENCE SPUR MAGNITUDE vs. SUPPLY VOLTAGE
MAX7031 toc29
FREQUENCY STABILITY vs. SUPPLY VOLTAGE
8 FREQUENCY STABILITY (ppm) 6 4 2 0 -2 -4 -6 -8 fRF = 434MHz fRF = 315MHz
MAX7031 toc30
-40 REFERENCE SPUR MAGNITUDE (dBc) -45 434MHz -50 315MHz -55 -60 -65 -70 2.1 2.4 2.7 3.0 3.3
10
-10 3.6 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY VOLTAGE (V) SUPPLY VOLTAGE (V)
_______________________________________________________________________________________
9
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
Pin Description
PIN 1 NAME PAVDD FUNCTION Power-Amplifier Supply Voltage. Bypass to GND with 0.01F and 220pF capacitors placed as close as possible to the pin. Envelope-Shaping Output. ROUT controls the power-amplifier envelope's rise and fall times. Connect ROUT to the PA pullup inductor or optional power-adjust resistor. Bypass the inductor to GND as close as possible to the inductor with 680pF and 220pF capacitors as shown in the Typical Application Circuit. Transmit/Receive Switch Throw. Drive T/R high to short TX/RX1 to TX/RX2. Drive T/R low to disconnect TX/RX1 from TX/RX2. Functionally identical to TX/RX2. Transmit/Receive Switch Pole. Typically connected to ground. See the Typical Application Circuit. Power-Amplifier Output. Requires a pullup inductor to the supply voltage (or ROUT if envelope shaping is desired), which can be part of the output-matching network to an antenna. Analog Power-Supply Voltage. AVDD is connected to an on-chip +3.0V regulator in 5V operation. Bypass AVDD to GND with a 0.1F and 220pF capacitor placed as close as possible to the pin. Low-Noise Amplifier Input. Must be AC-coupled. Low-Noise Amplifier Source for External Inductive Degeneration. Connect an inductor to GND to set the LNA input impedance. Low-Noise Amplifier Output. Must be connected to AVDD through a parallel LC tank filter. AC-couple to MIXIN+. Noninverting Mixer Input. Must be AC-coupled to the LNA output. Inverting Mixer Input. Bypass to AVDD with a capacitor as close as possible to the LNA LC tank filter. 330 Mixer Output. Connect to the input of the 10.7MHz filter. Inverting 330 IF Limiter Amplifier Input. Bypass to GND with a capacitor. Noninverting 330 IF Limiter Amplifier Input. Connect to the output of the 10.7MHz IF filter. Minimum-Level Peak Detector for Demodulator Output Maximum-Level Peak Detector for Demodulator Output Inverting Data Slicer Input Noninverting Data Slicer Input Noninverting Op-Amp Input for the Sallen-Key Data Filter Data-Filter Feedback Node. Input for the feedback capacitor of the Sallen-Key data filter. Buffered Received-Signal-Strength-Indicator Output Transmit/Receive. Drive high to put the device in transmit mode. Drive low or leave unconnected to put the device in receive mode. It is internally pulled down. Enable. Drive high for normal operation. Drive low or leave unconnected to put the device into shutdown mode. Receiver Data Output/Transmitter Data Input No Connection. Do not connect to this pin. Digital Power-Supply Voltage. Bypass to GND with a 0.01F and 220pF capacitor placed as close as possible to the pin. High-Voltage Supply Input. For 3V operation, connect HVIN to AVDD, PAVDD, and DVDD. For 5V operation, tie only HVIN to 5V. Bypass HVIN to GND with a 0.01F and 220pF capacitor placed as close as possible to the pin.
2
ROUT
3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
TX/RX1 TX/RX2 PAOUT AVDD LNAIN LNASRC LNAOUT MIXIN+ MIXINMIXOUT IFINIFIN+ PDMIN PDMAX DSDS+ OP+ DF RSSI T/R ENABLE DATA N.C. DVDD
27
HVIN
10
______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Pin Description (continued)
PIN 28 29 30 31 32 -- NAME AUTOCAL AGC1 AGC0 XTAL1 XTAL2 EP FUNCTION Enable for FSK demodulator autocalibration (~1min cycle). Bypass to GND with a 10pF capacitor. AGC Enable/Dwell Time Control 1. See Table 1. Bypass to GND with a 10pF capacitor. AGC Enable/Dwell Time Control 0 (LSB). See Table 1. Bypass to GND with a 10pF capacitor. Crystal Input 1. Bypass to GND if XTAL2 is driven by an AC-coupled external reference. Crystal Input 2. XTAL2 can be driven from an external AC-coupled reference. Exposed Pad. Solder evenly to the board's ground plane for proper operation.
MAX7031
Detailed Description
The MAX7031 308MHz, 315MHz, and 433.92MHz CMOS transceiver and a few external components provide a complete transmit and receive chain from the antenna to the digital data interface. This device is designed for transmitting and receiving FSK data. All transmit frequencies are generated by a fractional-Nbased synthesizer, allowing for very fine frequency steps in increments of fXTAL/4096. The receive local oscillator (LO) is generated by a traditional integer-Nbased synthesizer. Depending on component selection, data rates as high as 33kbps (Manchester encoded) or 66kbps (NRZ encoded) can be achieved.
where LTOTAL = L5 + LPARASITICS and CTOTAL = C9 + CPARASITICS. LPARASITICS and CPARASITICS include inductance and capacitance of the PCB traces, package pins, mixer input impedance, LNA output impedance, etc. These parasitics at high frequencies cannot be ignored, and can have a dramatic effect on the tank filter center frequency. Lab experimentation should be done to optimize the center frequency of the tank. The parasitic capacitance is generally 5pF to 7pF.
Receiver
Low-Noise Amplifier (LNA) The LNA is a cascode amplifier with off-chip inductive degeneration that achieves approximately 30dB of voltage gain that is dependent on both the antenna-matching network at the LNA input, and the LC tank network between the LNA output and the mixer inputs. The off-chip inductive degeneration is achieved by connecting an inductor from LNASRC to AGND. This inductor sets the real part of the input impedances at LNAIN, allowing for a more flexible match for low-input impedances such as a PCB trace antenna. A nominal value for this inductor with a 50 input impedance is 12nH at 315MHz and 10nH at 434MHz, but the inductance is affected by PCB trace length. LNASRC can be shorted to ground to increase sensitivity by approximately 1dB, but the input match must then be reoptimized. The LC tank filter connected to LNAOUT consists of L5 and C9 (see the Typical Application Circuit). Select L5 and C9 to resonate at the desired RF input frequency. The resonant frequency is given by:
f= 1 2 L TOTAL x C TOTAL
Automatic Gain Control (AGC) When the AGC is enabled, it monitors the RSSI output. When the RSSI output reaches 1.28V, which corresponds to an RF input level of approximately -55dBm, the AGC switches on the LNA gain-reduction attenuator. The attenuator reduces the LNA gain by 36dB, thereby reducing the RSSI output by about 540mV to 740mV. The LNA resumes high-gain mode when the RSSI output level drops back below 680mV (approximately -59dBm at the RF input) for a programmable interval called the AGC dwell time (see Table 1). The AGC has a hysteresis of approximately 4dB. With the AGC function, the RSSI dynamic range is increased. AGC is not necessary for most FSK applications. AGC Dwell Time Settings The AGC dwell timer holds the AGC in a low-gain state for a set amount of time after the power level drops below the AGC switching threshold. After that set amount of time, if the power level is still below the AGC threshold, the LNA goes into high-gain state.
______________________________________________________________________________________
11
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
Table 1. AGC Dwell Time Settings for MAX7031
AGC1 0 0 1 1 AGC0 0 1 0 1 DESCRIPTION AGC disabled, high gain selected K = 11, short dwell time K = 14, medium dwell time K = 20, long dwell time
then combines these signals to achieve a typical 46dB of image rejection over the full temperature range. Lowside injection is required as high-side injection is not possible due to the on-chip image rejection. The IF output is driven by a source follower, biased to create a driving impedance of 330 to interface with an off-chip 330 ceramic IF filter. The voltage conversion gain driving a 330 load is approximately 20dB. Note that the MIXIN+ and MIXIN- inputs are functionally identical.
The MAX7031 uses the two AGC control pins (AGC0 and AGC1) to enable or disable the AGC and set three user-controlled dwell timer settings. The AGC dwell time is dependent on the crystal frequency and the bit settings of the AGC control pins. To calculate the dwell time, use the following equation: Dwell Time = 2K fXTAL
Integer-N, Phase-Locked Loop (PLL) The MAX7031 utilizes a fixed integer-N PLL to generate the receive LO. All PLL components, including the loop filter, voltage-controlled oscillator, charge pump, asynchronous 24x divider, and phase-frequency detector are internal. The loop bandwidth is approximately 500kHz. The relationship between RF, IF, and reference frequencies is given by: fREF = (fRF - fIF)/24 Intermediate Frequency (IF) The IF section presents a differential 330 load to provide matching for the off-chip ceramic filter. The internal six AC-coupled limiting amplifiers produce an overall gain of approximately 65dB, with a bandpass filter-type response centered near the 10.7MHz IF frequency with a 3dB bandwidth of approximately 10MHz. The RSSI circuit demodulates the IF to baseband by producing a DC output proportional to the log of the IF signal level with a slope of approximately 15mV/dB. FSK Demodulator The FSK demodulator uses an integrated 10.7MHz PLL that tracks the input RF modulation and converts the frequency deviation into a voltage difference. The PLL is illustrated in Figure 1. The input to the PLL comes from the output of the IF limiting amplifiers. The PLL control voltage responds to changes in the frequency of the input signal with a nominal gain of 2.0mV/kHz. For example, an FSK peak-to-peak deviation of 50kHz
where K is an integer in decimal, determined by the control pin settings shown in Table 1. For example, a receiver operating at 315MHz has a crystal oscillator frequency of 12.679MHz. For K = 11 (AGC setting = 0, 1), the dwell timer is 162s; for K = 14 (AGC setting = 1, 0), the dwell timer is 1.3ms; for K = 20 (AGC setting = 1, 1), the dwell time is 83ms.
Mixer A unique feature of the MAX7031 is the integrated image rejection of the mixer. This eliminates the need for a costly front-end SAW filter for many applications. The advantage of not using a SAW filter is increased sensitivity, simplified antenna matching, less board space, and lower cost.
The mixer cell is a pair of double-balanced mixers that perform an IQ downconversion of the RF input to the 10.7MHz intermediate frequency (IF) with low-side injection (i.e., fLO = fRF - fIF). The image-rejection circuit
MAX7031
TO FSK BASEBAND FILTER AND DATA SLICER PHASE DETECTOR IF LIMITING AMPS CHARGE PUMP LOOP FILTER 10.7MHz VCO 2.0mV/kHz
FSK DEMOD
100k
100k
DS+
OP+ CF2
DF CF1
Figure 1. FSK Demodulator PLL Block Diagram
12
Figure 2. Sallen-Key Lowpass Data Filter
______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
MAX7031
MAX7031
DATA SLICER
DATA SLICER PEAK DET PEAK DET
DATA
DSR C
DS+
DATA PDMAX R C PDMIN R C
Figure 3. Generating Data Slicer Threshold Using a Lowpass Filter
Figure 4. Generating Data Slicer Threshold Using the Peak Detectors
generates a 100mVP-P signal on the control line. This control voltage is then filtered and sliced by the baseband circuitry. The FSK demodulator PLL requires calibration to overcome variations in process, voltage, and temperature. This is done by using the AUTOCAL pin, or by cycling the ENABLE pin. If the AUTOCAL pin is a logic 1, calibration occurs approximately every minute. If the AUTOCAL pin is a logic 0, calibration occurs only after the MAX7031 is enabled.
The configuration shown in Figure 2 can create a Butterworth or Bessel response. The Butterworth filter offers a very-flat-amplitude response in the passband and a rolloff rate of 40dB/decade for the two-pole filter. The Bessel filter has a linear phase response, which works well for filtering digital data. To calculate the value of the capacitors, use the following equations, along with the coefficients in Table 2: b a(100k)()(fc ) a CF2 = 4(100k)()(fc ) CF1 = where fC is the desired 3dB corner frequency. For example, choose a Butterworth filter response with a corner frequency of 5kHz: 1.000 450pF (1.414)(100k)(3.14)(5kHz) 1.414 CF2 = 225pF (4)(100k)(3.14)(5kHz) CF1 = Choosing standard capacitor values changes CF1 to 470pF and CF2 to 220pF. In the Typical Application Circuit, C F1 and C F2 are named C16 and C17, respectively.
Data Filter The data filter for the demodulated data is implemented as a 2nd-order, lowpass Sallen-Key filter. The pole locations are set by the combination of two on-chip resistors and two external capacitors. Adjusting the value of the external capacitors changes the corner frequency to optimize for different data rates. Set the corner frequency in kHz to approximately 2 times the fastest expected Manchester data rate in kbps from the transmitter (1.0 times the fastest expected NRZ data rate). Keeping the corner frequency near the data rate rejects any noise at higher frequencies, resulting in an increase in receiver sensitivity.
Table 2. Coefficients to Calculate C F1 and CF2
FILTER TYPE Butterworth (Q = 0.707) Bessel (Q = 0.577) a 1.414 1.3617 b 1.000 0.618
______________________________________________________________________________________
13
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Data Slicer The data slicer takes the analog output of the data filter and converts it to a digital signal. This is achieved by using a comparator and comparing the analog input to a threshold voltage. The threshold voltage is set by the voltage on the DS- pin, which is connected to the negative input of the data-slicer comparator. Numerous configurations can be used to generate the data-slicer threshold. For example, the circuit in Figure 3 shows a simple method using only one resistor and one capacitor. This configuration averages the analog output of the filter and sets the threshold to approximately 50% of that amplitude. With this configuration, the threshold automatically adjusts as the analog signal varies, minimizing the possibility for errors in the digital data. The values of R and C affect how fast the threshold tracks the analog amplitude. Be sure to keep the corner frequency of the RC circuit much lower (about 10 times) than the lowest expected data rate.
With this configuration, a long string of NRZ zeros or ones can cause the threshold to drift. This configuration works best if a coding scheme, such as Manchester coding, which has an equal number of zeros and ones, is used. Figure 4 shows a configuration that uses the positive and negative peak detectors to generate the threshold. This configuration sets the threshold to the midpoint between a high output and a low output of the data filter.
MAX7031
switch occurs, or by forcing the peak detectors to track the baseband filter output voltage until all internal circuits are stable following an enable pin low-to-high transition. The peak detectors exhibit a fast attack/slow decay response. This feature allows for an extremely fast startup or AGC recovery.
Transmitter
Power Amplifier (PA) The PA of the MAX7031 is a high-efficiency, opendrain, switch-mode amplifier. The PA with proper output- matching network can drive a wide range of antenna impedances, which includes a small-loop PCB trace and a 50 antenna. The output-matching network for a 50 antenna is shown in the Typical Application Circuit. The output-matching network suppresses the carrier harmonics and transforms the antenna impedance to an optimal impedance at PAOUT (pin 5). The optimal impedance at PAOUT is 250. When the output-matching network is properly tuned, the PA transmits power with a high overall efficiency of up to 32%. The efficiency of the PA itself is more than 46%. The output power is set by an external resistor at PAOUT, and is also dependent on the external antenna and antenna-matching network at the PA output. Envelope Shaping The MAX7031 features an internal envelope-shaping resistor, which connects between the open-drain output of the PA and the power supply. The envelope-shaping resistor slows the turn-on/turn-off of the PA. Envelope shaping is not necessary for FSK. For most applications, the PA pullup inductor should be tied to PAVDD instead of ROUT. Fractional-N Phase-Locked Loop (PLL) The MAX7031 utilizes a fully integrated, fractional-N PLL for its transmit frequency synthesizer. All PLL components, including the loop filter, are integrated internally. The loop bandwidth is approximately 200kHz.
Peak Detectors The maximum peak detector (PDMAX) and minimum peak detector (PDMIN), with resistors and capacitors shown in Figure 4, create DC output voltages equal to the high- and low-peak values of the filtered demodulated signal. The resistors provide a path for the capacitors to discharge, allowing the peak detectors to dynamically follow peak changes of the data filter output voltages. The maximum and minimum peak detectors can be used together to form a data slicer threshold voltage at a value midway between the maximum and minimum voltage levels of the data stream (see the Data Slicer section and Figure 4). Set the RC time constant of the peak-detector combining network to at least 5 times the data period. If there is an event that causes a significant change in the magnitude of the baseband signal, such as an AGC gain switch or a power-up transient, the peak detectors may "catch" a false level. If a false peak is detected, the slicing level is incorrect. The MAX7031 peak detectors correct these problems by temporarily tracking the incoming baseband filter voltage when an AGC state
14
Power-Supply Connections
The MAX7031 can be powered from a 2.1V to 3.6V supply or a 4.5V to 5.5V supply. If a 4.5V to 5.5V supply is used, then the on-chip linear regulator reduces the 5V supply to the 3V needed to operate the chip. To operate the MAX7031 from a 3V supply, connect PAVDD, AVDD, DVDD, and HVIN to the 3V supply. When using a 5V supply, connect the supply to HVIN only and connect AVDD, PAVDD, and DVDD together. In both cases, bypass PAVDD, DVDD, and HVIN to GND with a 0.01F and 220pF capacitor and bypass AVDD to GND with a 0.1F and 220pF capacitor. Bypass T/R,
______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
ENABLE, DATA, AGC0-1, and AUTOCAL with 10pF capacitors to GND. Place all bypass capacitors as close to the respective pins as possible. In actuality, the oscillator pulls every crystal. The crystal's natural frequency is really below its specified frequency, but when loaded with the specified load capacitance, the crystal is pulled and oscillates at its specified frequency. This pulling is already accounted for in the specification of the load capacitance. Additional pulling can be calculated if the electrical parameters of the crystal are known. The frequency pulling is given by: fP = Cm 1 1 - x 106 C 2 CASE + CLOAD CCASE + CSPEC
MAX7031
Transmit/Receive Antenna Switch
The MAX7031 features an internal SPST RF switch that, when combined with a few external components, allows the transmit and receive pins to share a common antenna (see the Typical Application Circuit). In receive mode, the switch is open and the power amplifier is shut down, presenting a high impedance to minimize the loading of the LNA. In transmit mode, the switch closes to complete a resonant tank circuit at the PA output and forms an RF short at the input to the LNA. In this mode, the external passive components couple the output of the PA to the antenna to protect the LNA input from strong transmitted signals. The switch state is controlled by the T/R pin (pin 22). Drive T/R high to put the device in transmit mode; drive T/R low to put the device in receive mode.
where: fP is the amount the crystal frequency is pulled in ppm. Cm is the motional capacitance of the crystal. CCASE is the case capacitance. CSPEC is the specified load capacitance. CLOAD is the actual load capacitance. When the crystal is loaded as specified, i.e., CLOAD = CSPEC, the frequency pulling equals zero.
Crystal Oscillator (XTAL)
The XTAL oscillator in the MAX7031 is designed to present a capacitance of approximately 3pF between the XTAL1 and XTAL2 pins. In most cases, this corresponds to a 4.5pF load capacitance applied to the external crystal when typical PCB parasitics are added. It is very important to use a crystal with a load capacitance that is equal to the capacitance of the MAX7031 crystal oscillator plus PCB parasitics. If a crystal designed to oscillate with a different load capacitance is used, the crystal is pulled away from its stated operating frequency, introducing an error in the reference frequency. Crystals designed to operate with higher differential load capacitance always pull the reference frequency higher.
Chip Information
PROCESS: CMOS
Pin Configuration
ENABLE
TOP VIEW
DATA
RSSI
OP+
DS+
24
N.C. DVDD HVIN AUTOCAL AGC1 AGC0 XTAL1 XTAL2
23
22
21
20
19
18
17 16 15 14 13
PDMAX PDMIN IFIN+ IFINMIXOUT MIXINMIXIN+ LNAOUT
25 26 27 28 29 30 31 32
MAX7031
DS-
T/R
DF
12 11 10 9
+
1
PAVDD
2
ROUT
3
TX/RX1
4
TX/RX2
5
PAOUT
6
AVDD
7
LNAIN
8
LNASRC
THIN QFN
______________________________________________________________________________________
15
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
Typical Application Circuit
AGC0 AGC1 VDD Y1 3.0V C23 VDD C18 C21 VDD 1 C24 C22 2 R3* T/R 3 C2 C1 L1 4 5 L2 C4 C3 C5 C7 C8 L3 C6 L6 DS+ 7 8 L4 LNAOUT MIXOUT LNAIN LNASRC MIXINPDMIN PDMAX MIXIN+ 18 VDD 6 AVDD EXPOSED PAD OP+ 19 C17 C16 TX/RX1 TX/RX2 ROUT PAVDD 32 XTAL2 31 XTAL1 C20 30 AGC0 29 AGC1 28 AUTOCAL 27 HVIN 26 DVDD 25 N.C. 24 C19 AUTOCAL
DATA
DATA
ENABLE
23
ENABLE TRANSMIT/ RECEIVE
22
MAX7031
RSSI
21
PAOUT
DF
20
IFIN-
IFIN+
DS-
17
9
10 C10 C9 L5
11 C12 VDD
12
13 C13
14
15
16
R1 C15
IN C11 *OPTIONAL POWER-ADJUST RESISTOR
GND Y2
OUT C14
R2
Selector Guide
PART MAX7031LATJ+ MAX7031MATJ15+ MAX7031MATJ50+ MAX7031HATJ17+ MAX7031HATJ51+ CARRIER FSK DEVIATION FREQUENCY (MHz) FREQUENCY (kHz) 308 315 315 433.92 433.92 51.413 15.477 49.528 17.221 51.663
+Denotes a lead(Pb)-free/RoHS-compliant package.
Contact factory for availability.
16
______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031 MAX7031
Table 3. Component Values for Typical Application Circuit
COMPONENT C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12 C13 C14 C15 C16 C17 C18 C19 C20 C21 C22 C23 C24 L1 L2 L3 L4 L5 L6 R1 R2 R3 Y1 Y2 VALUE FOR 433.92MHz RF 220pF 680pF 6.8pF 6.8pF 10pF 220pF 0.1F 100pF 1.8pF 100pF 220pF 100pF 1500pF 0.047F 0.047F 470pF 220pF 220pF 0.01F 100pF 100pF 220pF 0.01F 0.01F 22nH 22nH 22nH 10nH 16nH 68nH 100k 100k 0 17.63416MHz 10.7MHz ceramic filter VALUE FOR 315MHz RF 220pF 680pF 12pF 10pF 22pF 220pF 0.1F 100pF 2.7pF 100pF 220pF 100pF 1500pF 0.047F 0.047F 470pF 220pF 220pF 0.01F 100pF 100pF 220pF 0.01F 0.01F 27nH 30nH 30nH 12nH 30nH 100nH 100k 100k 0 12.67917MHz 10.7MHz ceramic filter DESCRIPTION 10% 10% 5% 5% 5% 10% 10% 5% 0.1pF 5% 10% 5% 10% 10% 10% 10% 10% 10% 10% 5% 5% 10% 10% 10% Coilcraft 0603CS Coilcraft 0603CS Coilcraft 0603CS Coilcraft 0603CS Murata LQW18A Coilcraft 0603CS 5% 5% -- Crystal, 4.5pF load capacitance Murata SFECV10.7 series
Note: Component values vary depending on PCB layout.
______________________________________________________________________________________
17
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
Functional Diagram
LNAOUT MIXIN+ MIXIN9 10 11
MIXOUT 12
IFIN+ 14
IFIN13
0 LNAIN 7 LNA
IF LIMITING AMPS
LNASRC 8 90 I Q RX FREQUENCY DIVIDER XTAL1 31 CRYSTAL OSCILLATOR XTAL2 32 CHARGE PUMP PHASE DETECTOR TX FREQUENCY DIVIDER RSSI
FSK DEMODULATOR
20 DF 100k 100k 19 OP+ 21 RSSI DATA FILTER 18 DS+
RX VCO
15 PDMIN
16 PDMAX TX VCO HVIN 27 3.0V REGULATOR LOOP FILTER MODULATOR RX DATA AVDD 6 EXPOSED PAD 17 DS-
MAX7031
PA
DIGITAL LOGIC
30 AGC0 29 AGC1 28 AUTOCAL 24 DATA
2 ROUT
1 PAVDD
5 PAOUT
3 TX/RX1
4 TX/RX2
22 T/R
26 DVDD
23 ENABLE
18
______________________________________________________________________________________
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
PACKAGE TYPE 32 Thin QFN-EP PACKAGE CODE T3255-3 DOCUMENT NO. 21-0140
MAX7031
______________________________________________________________________________________
19
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL MAX7031
Revision History
REVISION NUMBER 0 1 2 REVISION DATE 5/05 9/08 6/09 Initial release Added + to each part to denote lead-free/RoHS-compliant package and explicitly calling out the odd frequency as contact factory for availability Made correction in Power Amplifer (PA) section DESCRIPTION PAGES CHANGED -- 16 14
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX7031ATJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X