Part Number Hot Search : 
1R5GH45 BZT52C FST7340L S5D2400X 80PFR40 KIA7423 W742S819 FR103G
Product Description
Full Text Search
 

To Download MABA-009231-CT1A4B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MABA-009231-CT1A4B
Transformer, 1:1 transmission line balun 5 to 1200 MHz Features
* * * * * * Surface mount 1:1 Impedance ratio Can be used in both 50 and 75 systems 260C reflow compatible RoHS* compliant, lead free Available on tape and reel.
M/A-COM Products Released, Rev. V1 Schematic
Description
M/A Com's MABA-009231-CT1A4B is a 1:1 RF transmission line transformer in a low cost, surface mount package. Ideally suited for broadband CATV applications.
Case style: SM-187
Pin configuration
Pin no. 1 2 3 4 6 Function Secondary dot (Output 1) Not used (Ground) Secondary (Output 2) Primary (Ground) Primary dot (Input)
Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010, Unless otherwise stated
Ordering information
Part number MABA-009231-CT1A4B MABA-009231-CT1ATB
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
Description 2000 piece reel Customer Test Board
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. Note: Reference Application Note M513 for reel size information.
MABA-009231-CT1A4B
Transformer, 1:1 transmission line balun 5 to 1200 MHz M/A-COM Products Released, Rev. V1
Electrical specifications: TA = 25C, Z0 = 50
Parameter Insertion loss 1 (pin6 - pin1) Test conditions 5 - 50 MHz 50 - 400 MHz 400 - 870 MHz 870 - 1200 MHz 5 - 50 MHz 50 - 450 MHz 450 - 1000 MHz 1000 - 1200 MHz 5 - 50 MHz 50 - 1000 MHz 1000 - 1200 MHz 5 - 50 MHz 50 - 700 MHz 700- 1200 MHz 5 - 50 MHz 50 - 1050 MHz 1050 - 1200 MHz Units dB dB dB dB dB dB dB dB dB dB dB dB dB dB Min 20 8 7 Typ 0.23 0.01 0.74 1.28 0.21 0.29 0.51 0.67 30.6 12.4 12.9 0.44 0.14 0.67 2.3 1.9 3.4 Max 0.0 0.5 1.5 2.4 0.5 0.6 1.0 1.8 0.9 0.8 1.5 20 8 20
Insertion loss 2 (pin6 - pin3)
Input return loss
Amplitude unbalance (nominal 0dB) Phase unbalance (nominal 180)
Absolute maximum ratings
Parameter Max input power DC current Operating temperature Storage temperature Absolute maximum 250mW 200mA -40C to +85C -40C to +85C
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MABA-009231-CT1A4B
Transformer, 1:1 transmission line balun 5 to 1200 MHz Typical performance curves: TA = 25C, Z0 = 50 Insertion loss 1: pin 6 to pin 1
1.0 0.5 0.0
M/A-COM Products Released, Rev. V1
Insertion loss 2: pin 6 to pin 3
1.0 0.5 0.0
dB
dB
-0.5 -1.0 -1.5 -2.0 5 244 483 722 961 1200
-0.5 -1.0 -1.5 -2.0 5 244 483 722 961 1200
Frequency (MHz)
Frequency (MHz)
Amplitude balance
2.0 1.5 1.0
Phase balance
200 195 190
0.0 -0.5 -1.0 -1.5 -2.0 5 244 483 722 961 1200
Degrees
0.5
185 180 175 170 165 160 5 244 483 722 961 1200
dB
Frequency (MHz)
Frequency (MHz)
Return loss: Input
0 -5 -10
dB
-15 -20 -25 -30 -35 5 244 483 722 961 1200
Frequency (MHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MABA-009231-CT1A4B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X