|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M74 / M74C Double-Balanced Mixer Rev. V3 Features * * * * * LO 5 TO 18 GHz RF 7 TO 18 GHz IF DC TO 3 GHz LO DRIVE: +10 dBm (NOMINAL) VERY SMALL PACKAGE Product Image Description The M74 is a double balanced mixer, designed for use in military, commercial and test equipment applications. The design utilizes Schottky ring quad diodes and broadband soft dielectric and ferrite baluns to attain excellent performance. This mixer can also be used as a phase detector and/or bi-phase modulator since the IF port is DC coupled to the diodes. The use of high temperature solder and welded assembly processes used internally makes it ideal for use in manual, semi-automated assembly. Environmental screening available to MIL-STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory. Ordering Information Part Number M74 M74C Package Minpac SMA Connectorized Electrical Specifications: Z0 = 50 Lo = +10 dBm (Downconverter application only) Typical Parameter Test Conditions Units +25C fR = 7 to 16 GHz, fL = 6 to 17 GHz, fI = 0.03 to 1 GHz fR = 7 to 16 GHz, fL = 5 to 18 GHz, fI = 0.03 to 2 GHz fR = 8 to 16 GHz, fL = 5 to 16 GHz, fI = 0.03 to 3 GHz fR = 16 to 18 GHz, fL = 13 to 18 GHz, fI = 0.03 to 3 GHz fL = 5 to 14 GHz fL = 14 to 18 GHz fL = 5 to 8 GHz fL = 8 to 18 GHz fL = +10 dBm fR1=13 GHz at -6 dBm,fR2=13.01GHz at -6 dBm, fL = 14 GHz at = +10 dBm Guaranteed -54 to +85C SSB Conversion Loss (max) & SSB Noise Figure (max) dB dB dB dB dB dB dB dB dBm 5.5 6.0 6.5 7.0 40 30 25 25 +4 7.0 8.0 8.5 9.0 22 10 15 15 7.5 8.5 9.0 9.5 20 8 13 13 Isolation, L to R (min) Isolation, L to I (min) 1 dB Conversion Comp. Input IP3 dBm +11 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. M74 / M74C Double-Balanced Mixer Rev. V3 Typical Performance Curves 2 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. M74 / M74C Double-Balanced Mixer Rev. V3 Absolute Maximum Ratings Parameter Operating Temperature Storage Temperature Peak Input Power Peak Input Current Outline Drawing: Minpac * Absolute Maximum -54C to +100C -65C to +100C +23 dBm max @ +25C +20 dBm max @ +100C 100 mA DC Weight: 4 grams (0.14 oz.) max Outline Drawing: SMA Connectorized * Weight: 21 grams (0.74 oz.) max Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified. 3 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. |
Price & Availability of M74C |