Part Number Hot Search : 
CY14B10 K2050 FM102SPT UDN2987 105M5 54HC13 140AGB PJ20168L
Product Description
Full Text Search
 

To Download LRA350-009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
LRA Low Ohmic Open Air Resistors
Low Ohmic Open Air Resistors
Low Ohmic Open Air (LRA) Resistors Feature Longer Thermal Path
Preview Token's current sense LRA open air resistors are expected to gain wide acceptance in the worldwide market as a result of increased thermal management capabilities. The LRA Series is designed for applications requiring the transfer of heat away from circuits and solder joints. Available in 0.5W, 1W, and 1.5W rating, the resistor is being specified for current sensing, feedback, current detective, supper low inductance, as well as surge and pulse applications. The hot spot on the LRA resistor is approximately 0.2 degrees higher than on a typical metal strip chip resistor. This results in an increased thermal path for the LRA, reducing heat transfer into the solder joints and circuits. The flameproof LRA Series resistors are constructed of a wire resistive element with welded copper leads to prevent solder wicking, which can change the device's resistance value in the circuit by as much as 30%. Because of this, the device is ideal for thermally harsh environments, including automotive and aerospace applications, as well as enclosed, poorly ventilated circuits in applications such as laptop computers. The LRA Open Air Series feature a reduced pitch, or spacing between the leads on the circuit board (with a corresponding increase in the board mounted profile), when compared to the standard Token LRB Series devices. The LRA resistors are rated for 1W or 1.5W at 70C, with resistance values from 0.1 to 0.003 and tolerances down to 1%. Operating temperature range is -50C to 300C. The LRA Series is available in bulk packaging in 200 increments. Token will also produce devices outside these specifications to meet customer requirements. A lead-free RoHScompliant version is available, as is a non-inductive version for high frequency applications. Contact us with your specific needs. Features - Radial leads. - Non-inductance. - Solderable Copper Leads. - Lead (Pb)-free and RoHS compliant. - 1%, 3%, 5%, 10% standard tolerance. - High stability bare metal element open air style. Applications - High power AC/DC detection. - Automotive, Feedback System. - Residual Battery Power Detection. - Inverter and Switching Power Supplies - CPU Drive Control, Power Tool Motor controls. - Power Supply Shunt, Current Detective, and Current Sensing.
rfq token.com.tw
Version 2010
http://www.token.com.tw/
01 of 03
TOKEN
Dimensions (Unit: mm)
LRA Low Ohmic Open Air Resistors
Marking
+0.5
3 -1.5
RM 0.8
3.5+1
M M
Hmax
Measuring Point
0
10 RM 10 15 14.51.0 14.51.0 20
Type LRA350-009 LRA351-009 LRA352-009 LRA351-010 LRA352-010 LRA352-010 LRA352-010 LRA352-011
H max. 6.5 10.5 17.0 8.0 14.5 16.11.0 17.11.0 12.0
Construction: 1. The resistive elements consist of a flat metal-band. 2. Spot welded Cu-terminals ensure high stability of contacts. 3. Thus, this construction results in a non inductive of both high stability and overload capacity.
Packing Specification Type LRA350-009 LRA351-009 LRA351-010 LRA352-010 LRA352-011 Packaging Bulk Bulk Bulk Pieces 200pcs 200pcs 200pcs Pack.-Code Bulk Bulk Bulk
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Type Power rating P70 Resistance range E-series Tolerances Temperature coefficient Max. Cont. working voltage Insulation voltage (1min.) Insulation resistance Derating, linear Climatic category Temperature range Thermal resistance Failure rate (Total ,
LRA Low Ohmic Open Air Resistors
352-009 352-010 352-011 1.5 R006~R10
Characteristic Specification LRA W % PPM VRMS VRMS C C KW-1 max, 60% conf. lev.) 10-9 * h-1 [ [ [ [ N [ s ]% ]% ]% ]% ]% 350-009 0.5 R003~R051 351-009 351-010 1.0 R004~R068 E24R010 1, 3, 5, 10 +200~+1200 For all styles Non insulated 70~300(0W) 55/200/56 -50~300 100 Ca.10, Depends on value 3.0 0.5 0.5 0.5 30 0.2 typ. 2.5 Flow time, solder globule test IEC 60068-2-20-T Value imprinted
Non insulated
200
70
Endurance (P70, 70,1000h) Damp heat ,steady state(40C,93% r.h.,56d) Climatic sequence Terminal strength Terminal tensile strengths Resistance to soldering heat ( 260C,10s ) Solder ability Making
How to Order
LRA351-009 Part Number Resistance Value ()
Code R020 R022 R024 R100
R024
J
Bulk Tolerance
Code F G J K Tolerance 1% 2% 5% 10%
Resistance Value 0.020 0.022 0.024 0.100
Pack. -Code
Code p Bulk
Back to 1st Page - Low Ohmic Open Air Resistors (LRA)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of LRA350-009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X