Part Number Hot Search : 
M1MA15 0509S TS722109 0509S K0389 W10KG 005CP HD74AL
Product Description
Full Text Search
 

To Download LAL0286-51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAL0286-51
Broadband Access Transformer
Designed to meet UL 60950 and EN 60950 requirements for supplementary insulation and 250V working voltage RoHS Compliant Excellent THD performance Operating Temperature -40C to 85C
Electrical Specifications @25
OCL: Leakage Inductance: T.H.D D.C.R: Hi-POT : Turn Ratio: PIN 1-5= 100uH 5% @ 10KHz/0.1V/Ser. PIN 1-5= 4.5uH 1.0 @ 300KHz/0.1V
PIN 1-5 to PIN 10-6 = -80dB Max. @ 30KHz/3.162V PIN 1-4 = 420 mohm 15% PIN 9-6 = 245 mohm 15% PIN 2-5 = 420 mohm 15% PIN 10-7 = 185 mohm 15%
PRI. - SEC. =1875VAC/60Hz/2Seconds/1mA PIN1-5 : PIN 10-6 = 22% :1
Dimensions (Units: mm)
0.7TYP. 1.80
Schematic
14.40.5
14.0
X Date Code G
18.0
LAL**** LinkCom
10
H
9
13.40.5 G
PIN1 2.5
PIN1
6
SUGGESTED PAD LAYOUT
A 12.60.5
C 13.50.5
Mark
+1.0 -0.5
12.5
B
1.LAL****----LAL0286 2. X----PRODUCT LINE
D
0.20 +0.15 -0.1
2.5REF
13.00.5 15.50.5
E I
3. DATE CODE----YYWW 4. G----RoHS
F 17.0 +1.0 -0.5
Form Ver. A


▲Up To Search▲   

 
Price & Availability of LAL0286-51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X