Part Number Hot Search : 
BP5324A DFZ010 SMBJ10C CAT8801L LVA62A TI165F11 N101C 02FCP
Product Description
Full Text Search
 

To Download KK74VHCT125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Quad 3-State Noninverting Buffers
KK74VHCT125 is high-speed logic IC made by CMOS technology and designed for use in high-performance calculating systems with a wide supply voltage range. As for operation speed, KK74VHCT125 can be compared with equivalent bipolar ICs based on Schottky TTL and two times surpasses ICs of KK74 series. KK74VHCT125 tolerates operation under conditions when voltage on input & output is exceeded up to 7V without affecting characteristics and IC reliability. This possibility allows to use KK74VHCT125 in radio-electronic devices for interfacing with supply voltages 5V and 3V, eliminate IC failure under supply voltage source emergency outage. Use of output edge shaping block in the microcircuit allows to reduce noise amplitude of noises when switching outputs into the same state simultaneously. Input levels of KK74VHCT125 are compatible with TTL level and output levels with CMOS levels.
KK74VHCT125
ORDERING INFORMATION KK74VHCT125N Plastic KK74VHCT125D SOIC TA = -40 to 85 C for all packages
* * * * * * * * * * .
Features: Supply voltage range 4.5 to 5.5 V. Output current 8 mA. Low consumption current: 0.2 mkA (typical value) at = 25 . Latchup current not less than 300 mA at = 85 . Tolerable value of static potential not less than 2000 V as per human body model (HBM) and not less than 200 V as per machine model (). Ambient operation temperature minus 40 to plus 85 . Balanced signal propagation delay. Ensures voltage exceeding mode on input Low noise level at the simultaneous switching of outputs in the same state: VOLP = 0.8 V (max). For pins and functions, compatible with KK74HCT125.
1
KK74VHCT125
KK74VHCT125 truth table
Input Output
G H L L
A X L H
Y Z L H
Note - H - high voltage level; L - low voltage level; X - any voltage level (low or high); Z - output in the third
Pinout
G1
01
14 13 12 11 10 09 08
VCC G4 A4 Y4 G3 A3 Y3
A1 02 Y1 03 G2 04 A2 05 Y2 06 GND 07
Pins description in KK74VHCT125
Pin No. 01 02 03 04 05 06 07 08 09 10 11 12 13 14 Symbol G1 A1 Y1 G2 A2 Y2 GND Y3 A3 G3 Y4 A4 G4 VCC Description Input ENABLE OUTPUT Input Output Input ENABLE OUTPUT Input Output Common output Output Input Input ENABLE OUTPUT Output Input Input ENABLE OUTPUT Supply output from voltage source
2
KK74VHCT125
Absolute maximum conditions*
Parameter, unit Supply voltage, V Input voltage, V Output voltage, V Output voltage, V Input diode current, mA Current of common output and supply output, mA Output current, mA Output diode current, mA Dissipated power, mW Symbol VCC Vin Vout Vout1 Iik Icc Iout Iok Pd min -0.5 -0.5 -0.5 -0.5 Value max 7.0 7.0 VCC + 0.5B 7.0 -20 50 25 20 180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is guaranteed under maximum conditions
Maximum conditions
Parameter, unit Symbol min 4.5 0 0 0 0 Value max 5.5 VCC VCC 5.5* 8.0 20
Supply voltage, V Input voltage,V Output voltage, V Output voltage, V Output current, mA Input rise and fall time, ns/V * Outputs in the third state
VCC Vin Vout Vout1 Iout tLH, tHL
3
KK74VHCT125
DC electrical characteristics
Value Symbo l VIH VIL Parameter High input voltage Low input voltage Test conditions VCC, V 4.5 - 5.5 4.5 - 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5 0 5.5 5.5 25 C min 2.0 - 4.42 5.42 3.94 - - - max 0.8 - - - 0.09 0.09 0.36 0.25 0.1 0.1 4.0 1.35 -40 to 85 C min max 2.0 - 4.4 5.4 3.80 - - - 0.8 - - - 0.1 0.1 0.44 2.5 1.0 1.0 40.0 1.5 mkA Unit
V
VOH High output voltage
VOL
IOZ II IIH1 ICC ICCT
VI = VIH or VIL IO = -50 mkA VI = VIH or VIL; IO = -8 mA Low output voltage VI = VIH or VIL IO = 50 mkA VI = VIH or VIL IO = 8 mA Output current in VI = 2.0V "off" state VO = VCC or 0V Input current VI = 0 V or VCC High level input VI = 5.5V current Consumption current VI =VCC or 0V TTL-input VI = 3.4 V consumption current
-
-
uA
mA
4
KK74VHCT125
AC electrical characteristics (tLH = tHL = 3.0 ns)
Value Symbol Parameter Test conditions VCC, V CL, pF 25 C min - - max 5.5 7.5 -40 to 85 C min max - 6.5 - 8.5 Unit ns
tPHL, tPLH Propagation delay time Fig 1 when switching "on", "off"
5.0 0.5 15 50
tPHZ , tPLZ Propagation delay time Fig 2 under transition from high , low level into "off" state tPZH , tPZL Propagation delay time Fig 2 under transition from off state into high, low level
5.0 0.5 50
-
8.8
-
10.0
ns
5.0 0.5 15 50
- -
5.1 7.1
- -
6.0 8.0
ns
tOSLH, Propagation tOSHL difference
outputs
delays between
5.0 0.5 50
-
1.0
-
1.0
ns
Capacitance characteristics
Symbol CI CO CD Parameter Input capacity Output capacity Dynamic capacity Test conditions VI = 0 V orVCC VCC, V 5.0 5.0 5.0 Value 25 C min max 10 12 28 Unit pF pF pF
Noise characteristics (CL = 50 pF)
Parameter Symbol VOLP VOLV VIHD VILD VCC, V Positive noise of low output voltage 5.0 Negative noise of low output 5.0 voltage Input dynamic high voltage Input dynamic low voltage 5.0 5.0 min -0.8 2.0 0.8 Value max 0.8 Unit V
5
KK74VHCT125
- Time diagram of input and output pulses tLH tHL
0.9 A 0.1 tPLH 0.5 0.5 0.1 tPHL 0.9
3.0 V
GND VCC
Y
1.5 V
1.5V
0V
Fig. 1
tHL G 0.9 0.5 0.1 tPZH Y 0.1
tLH 0.9 0.5
3.0 V
0V 0.9 tPHZ VOH
1.5 V tPLZ 0V VCC
Y tPZL 1.5 V 0.1 VOL
Fig.2
6
KK74VHCT125
N SUFFIX PLASTIC DIP (MS - 001AA)
A 14 8 B 1 7
Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
D F
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AB) Dimension, mm
8
A 14
Symbol A
MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25
MAX 8.75 4 1.75 0.51 1.27
H
B
P
B C
1
G
7 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H
J F M
J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
7


▲Up To Search▲   

 
Price & Availability of KK74VHCT125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X