Part Number Hot Search : 
2412SE FM240 C324G STA369BW ANTXV2N7 2SC6082 NTE5246A D667C
Product Description
Full Text Search
 

To Download JXWBGF-T-2-1000-8000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Divider
The content of this specification may change without notification 7/01/09
Power Divider
Coaxial
Ultra Broadband Power Divider (SMA Connectors)
Fre q ue n cy Ran g e P/ (GHz) (d B ) max JX WB GF-T-2-8 0 0-6 0 00 JX WB GF-T-4-8 0 0-6 0 00 JXW BG F-T-2 -1 00 0 -80 0 0 JXW BG F-T-4 -1 00 0 -80 0 0 J XWB G F-T-2 -10 0 0-1 2 00 0 J XWB G F-T-4 -10 0 0-1 2 00 0 J XWB G F-T-2 -20 0 0-1 8 00 0 J XWB G F-T-4 -20 0 0-1 8 00 0 0 .8 -6 0 .8 -6 1 -8 1 -8 1-1 2 1-1 2 2-1 8 2-1 8 2 4 2 4 2 4 2 4 0. 9 1. 8 1. 2 2. 2 1. 5 2. 8 1. 2 2. 2 (d B ) mi n 1 8 1 8 1 8 1 5 1 6 1 6 1 6 1 6 (d B) ma x 0 .2 0 .3 0 .3 0. 35 0 .4 0 .5 0 .3 0 .6 ( ) ma x 3 4 6 6 6 7 5 10 10 10 10 10 10 10 10 10 2 2 2 2 2 2 2 2 1 .4 1 .5 1. 35 1 .5 1 .5 1 .6 1 .5 1. 65 1 .3 1 .4 1 .3 1 .4 1 .3 1 .3 1 .5 1 .6 1 5 0 x2 9. 4x 10 1 53 x7 2 x1 0 4 1 x2 8x 10 7 0. 5x 56 x1 0 8 0 x2 4x 10 9 0 x7 5x 10 4 7 x2 4x 10 6 0 x6 9x 10 (W) (W) (mm) N-Wa y I ns ert io n Lo ss Iso la tio n A mplit ud e B a lan ce Ph a se B a lan ce Po we r Fo rwa rd P owe r Re ve rse I np u t V SWR O ut p ut V SW R S ize Lx W x H
Notes: 1. Operating Temperature: -55 C to +85 C, Storage Temperature: -55 C to +95 C. 2. Applications: Indoor, 0-95%RH. 3. Forward power is tested with the output VSWR 1.5:1 of the loads. The power handling will be cut down when the output port connect with a high VSWR. Ensure the output VSWR<1.5, avoiding output port open or short. 4. The power handling capability is 10 watts when used as divider with the load VSWR<1.2, the power handling down to 2 watts when used as combiner. 5. Ensure connectors to be in flat connection with outer connectors; suggest using a torque wrench. 6. Custom Designs Available
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 Tel: 949-453-9888 Fax: 949-453-8889 Email: sales@aacix.com
1


▲Up To Search▲   

 
Price & Availability of JXWBGF-T-2-1000-8000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X