Part Number Hot Search : 
KBPC5004 90N03 SB810 2N60D TNY265PN 2N60D AMS41221 60N03S
Product Description
Full Text Search
 

To Download ISDA60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISDA60
DESCRIPTION
3.9
Dimensions in mm
8 7 6 5
7.62
6.4
ISDA60
1 2 3 4
1 2 3 7.62
6 5 4
9.78 3.4
The ISDA60 is a 2-Form A solid state relay in an 8 pin DIL package. The ISDA60 utilises MOSFET technology that is optically coupled to a highly efficient GaAlAs infrared light emitting diode.
6.9
0.47 7.62
FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High load Voltage (600V) l High Isolation Voltage (3.75kVRMS ) l No moving parts l High reliability l Arc-Free without snubber circuits l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS l Telecommunications l Industrial systems controllers l Measuring instruments l Signal transmission between systems of different potentials and impedances
ABSOLUTEMAXIMUMRATINGS (25C unless otherwise specified) Storage Temperature -40C to + 100C Operating Temperature -40C to + 85C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage OUTPUT MOSFET Load Voltage ( AC peak or DC ) Continous Load Current Peak Current ( 10mS ) 600V 70mA 120mA 50mA 5V
OPTION SM
SURFACE MOUNT
OPTION G
7.62
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, TS25 1YD England Tel: (01429)863609 Fax : (01429) 863581 e-mail sales@isocom.co.uk http://www.isocom.com
6/12/06
ISOCOM COMPONENTS ASIA LTD Hong Kong Office, 1712-1713 Laurels Industrial Centre, 32 Tai Yau Street, San Po Kong, Kowloon, Hong Kong. Tel: +852 2995 9217 Fax : +852 8161 6292 e-mail sales@isocom.com.hk
DC93087
0
.
ELECTRICAL CHARACTERISTICS ( TA= 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Current (IR) Output On state Resistance ( Ron ) Off state Leakage Current (ILK) Turn-On Time ( Ton ) Turn-Off Time ( Toff ) Ouput Capacitance 0.2 0.03 170 20 MIN 1.0 TYP MAX UNITS TEST CONDITION 1.4 10 V
A
IF = 10mA VR = 5V IF = 10mA, IL = 70mA IF = 0mA, IV = 600V IF = 10mA, IL = 70mA IF = 10mA, IL = 70mA f = 1MHz
30.0 1 0.5 0.3
Ohm uA mS mS pF
Coupled
Capacitance Isolation Voltage Isolation Resistance 3750 5
1.0
pF Vrms Gohm
f = 1MHz 1 minute ( Note 1 ) DC= 500V ( Note 1 )
Note 1 Measured with input leads shorted together and output leads shorted together. Note 2 Special Selections are available on request. Please consult the factory.
6/12/06
DC93087


▲Up To Search▲   

 
Price & Availability of ISDA60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X