Part Number Hot Search : 
2N6560 ISG56526 350N06L CNX35US BI300 ESD3V 744202 9004K
Product Description
Full Text Search
 

To Download HJK-4R-23G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HJK-4R-G Series
0/180POWER DIVIDERS/COMBINERS
6 to 40 GHz / Ultra-Wideband / High Isolation / Low Insertion Loss / Stripline Circuits / K-connectors
PRINCIPAL SPECIFICATIONS
Model Number HJK-4R-23G HJK-4R-25G HJK-4R-29G Frequency Range, GHz 6.0 - 40.0 10.0 - 40.0 18.0 - 40.0 Isolation, dB, Min. 13 13 13 Amplitude Balance, dB, Max. 3.6 1.5 1.5 Phase, 0/180 Max. 180 14 180 12 180 12 Insertion VSWR, Weight, Outline Loss, dB, All Ports, oz (g) Reference Max. Max. Nom. # 2.2 2.0 2.0 2.0:1 2.0:1 2.0:1 2.5 (70) 2.0 (56) 2.0 (56) 2 2 2
General Notes: 1. The HJK-4R series of 3 dB hybrid couplers covers 6 to 40 GHz using a multi-section stripline design for broad bandwidths with high isolation and low loss. Applications include EW systems and surveillance receivers. 2. All units comply with MIL-P-23971 and can be screened for compliance with additional specifications for military and aerospace applications requiring the highest reliability.
GENERAL SPECIFICATIONS
Coupling: Impedance: CW Input: Operating Temperature: -- 3 dB nom. 50 nom. 1 W max. -- 55 to +85C
NOTES: 1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over mm.
Outline 1
Outline 2
24May96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of HJK-4R-23G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X