Part Number Hot Search : 
ISL6299 MP441007 TC114Y BTB11 ORT2200 0F0E0 X2444P RS3501M
Product Description
Full Text Search
 

To Download HFF2N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFF2N60
APPLICATIONSL
TO-220F
High-Speed Switching. ABSOLUTE MAXIMUM RATINGS a=25ae(c) T
T stg Storage Temperature----------- 55~150ae Tj PD
Operating
Junction Temperature ------ 150ae ---
1D G 2D D 3D S
Allowable Power Dissipation c=25ae ------T (c) 23W Drain-Source Voltage ------------600V Gate-Source Voltage ------------ 30V
VDSS VGSS

ID Drain Current T c=25ae------- --2.0A (c) - -- -
ELECTRICAL CHARACTERISTICS a=25ae(c) T
Symbol Characteristics Min Typ Max Unit Test Conditions
BVDSS IDSS IGSS VGS(th) RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Is VSD
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate - Source Leakage Current Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn - On Delay Time Rise Time
Turn - Off Delay Time
600 10 2.0 3.8 2.05 180 20 4.3 9 25 24 28 8.5 1.3 4.1 2.0 1. 4 5.5 235 25 3 28 60 58 66 12 A 100 4.0 5.0
V ID=250|I ,VGS=0V A |I VDS =600V GS=0 A V nA V VGS=A , VDS =0V 30V VDS = VGS , ID =250|I A *
| VGS=10V, ID =1.0A S VDS = 40V , ID =1.0A pF pF pF nS nS nS nS
nC nC nC
VDS =25V, VGS=0,f=1MHz
Fall Time
Total Gate Charge Gate- Source Charge Gate- Drain Charge
VDD =300V, ID =2A (*aO ) RG= 25 | * VDS =480V
VGS =10V ID =2A *
Continuous Source Current
A V ae /W IS =2.0A , VGS=0
Diode Forward Voltage Thermal Resistance Rth j-c(c) Junction-to-Case *Pulse Test Pulse WidthU 300|I Duty CycleU s 2%
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFF2N60
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFF2N60
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFF2N60
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel MOSFET
HFF2N60


▲Up To Search▲   

 
Price & Availability of HFF2N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X