Part Number Hot Search : 
P87C42 N4100CHS C2260A1 W583L25 CLC3800 74VHC132 NJM2574 SC250B
Product Description
Full Text Search
 

To Download HAC250P-490 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES HAC250P SERIES
FEATURES:
250W 3U X 8HP EUROCARD PACKAGE MEET IEC 61000-3-2 HARMONIC CORRECTION INTERNAL OR-ING DIODES FOR N+1 REDUNDANCY HOT-SWAPPABLE THIRD-WIRE CURRENT SHARING EMI MEET EN 55022 / FCC CLASS A CE MARKING COMPLIANCE FULLY COMPLIANT WITH PICMG
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac. Power Factor Correction: Meet Harmonic Correction IEC 61000-3-2.Power Factor typ. 0.95-0.97. Input Connector: Positronic 47-pin PCIH47M400A1. Input Frequency: 47-63Hz. Inrush Current: Less than 30A @ 230Vac. Input Current: 2.8A @115Vac/1.4A @230Vac. Dielectric Withstand: Meet IEC 60950-1 regulation. EMI: Meet EN 55022 / FCC Class A. Hold-up Time: 5mS after power fail signal. Earth Leakage: Less than 0.5mA @230Vac. Remote ON/OFF: Available at [INH#] & [EN#] pins. Power Fail Signal: Available at [FAL#] pin. Status LED: means valid input voltage. means a critical fault. Thermal Protection (OTP): Installed NTC and thermostat for thermal sensor at [DEG#] pin.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 250W continuous. Output Connector: Positronic 47-pin PCIH47M400A1. Line Regulation: Typ. 0.1%. Load Regulation: Typ. 1-2%. Noise & Ripple: Typ. 1% peak to peak or 50mV, whichever is greater. OVP: Built-in at all outputs. Adjustability: Available at VO1,2 & 3. Output Trim: Electrical trim available at VO1/VO2.[ADJ #] Remote Sensing: Available at VO1,VO2 & VO3. Hot-Swap: Available. N+1 Redundancy: Installed with internal OR-ing diodes at all outputs for N+1 redundancy operation. Current Sharing: Third-wire current sharing at VO1,2 &3. Power OK Signal: Available for all output. Over Current Protection (OCP): Installed at each rail. Overload Protection (OLP): Fully protected against output overload or short circuit. Typical 120% max. load. Consult the factory for special OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 78-79 %. Switching Frequency: 120K Hz. Circuit Topology: Forward circuit. Transient Response: Peak transient less than 100mV and recovers within 2mS after 25% load-change. Safety Standard: IEC 60950-1 Class I. Construction: Eurocard 3U X 8HP X 160mm CompactPCI format. Front Panel with either Ordinary handle or Extractor handle. Operating Temperature: 0 to +50 C at full load with specified air flow. Derates linearly to 50% at +70 C. Storage Temperature: -40 to +85 C. Temperature Coefficient: Typ. 0.02% / C. Cooling: At least 20 cfm(600 lfm) moving air is required to achieve full rating power 250W in a confined area. Power Density: 4.58 Watts/ Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory.
-5-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
QUAD OUTPUT
MAIN +VO1 @# MODEL NO. Min. HAC250P-490(E) HAC250P-490(O) 0A 0A Typ. 25.0A 25.0A Volt. +5V +5V Max. 33.0A 33.0A Min. 0A 0A Typ. Volt. Max. Min. Typ. Volt. Max. Pk. Min. Typ. Volt. Max. Pk. 0A 0A 5A +12V 5.5A 6A 5A +12V 5.5A 6A 0A 0.5A -12V 1A 1.5A 0A 0.5A -12V 1A 1.5A AUX. +VO2 @# AUX. +VO3 #@ AUX. -VO4 =
18A +3.3V 33A 18A +3.3V 33A
Symbol: "" OVP built-in. "@" Adjustable. "#" Remote sensing. "" 3rd-wire Load Sharing. "=" Droop Current Sharing. "" Installed with Or-ing diode. "" Magnetic Amplifier. "" Installed with Post-regulator. "" Common Choke. Remark: Peak load less than 60sec. with duty cycle <10%. Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0 g (23.5 Oz.)
HAC250P-490(E)
HAC250P-490(O)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT LNG 47 46 45 QUAD OUTPUT VO1 S+ S- Adj. C.S. 1,2, 3,4 30 34 29 35 VO2 13,14, 15,16, 17,18 S+ Adj. C.S. VO3 33 32 41 20 STATUS/CONTROL S+ C.S VO4 DC COM EN# DEG# INH# FAL# 5,6,7,8,9, 36 44 21 10,11,12, 27 38 39 42 19,22,24
ASSIGNMENT CNTR &PIN #
Mating connector: PCIH47F400A1.
-6-


▲Up To Search▲   

 
Price & Availability of HAC250P-490

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X