Part Number Hot Search : 
256P30 RN2324A FC6156 MAX15022 C221A 15A02 AAT4680 FC6156
Product Description
Full Text Search
 

To Download GP30G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SEMICONDUCTOR
RC GP
GP30A THRU GP30M
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current -3.0Amperes
FEATURES
GPRC( Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 3 Ampere operation at Ta=75aeand 55aewith no thermal runaway Typical IR less than 0.1uA High temperature soldering guaranteed:260ae /10 seconds Plastic Package has Under writers Laboratory Flammability Classtification 94V-0 0.210(5.3) 0.190(4.8) DIA
JF
DO-201AD
1.0(25.4) MIN
0.375(9.50) 0.285(7.20)
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body Terminals: Lead solderable per MIL-STD-750,method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.042ounce, 1.19 grams Dimensions in inches and (millimeters) 0.052(1.32) 0.048(1.22) DIA 1.0(25.4) MIN
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave 60Hz,,resistive or inductive load. For capacitive load, derate by 20%.)
Symbols Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage to TA=105 C Maximum average Forward Rectified Current 0.5"(12.5mm)lead length at TL=105 C Peak Forward Surge Current (8.3ms half sinewave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0 A Maximum Reverse current at rated DC Blocking Voltage TA =25 C TA =150 C GP 30A 50 35 50 GP 30B 100 70 100 GP 30D 300 210 300 GP 30G 400 280 400 3.0 125.0 GP 30J 600 420 600 GP 30K 200 140 200 GP 30M 1000 700 1000
Volts Volts Volts Volts Amps Amps Volts A
C/W PF C C
VRRM VRMS VDC I(AV) IFSM VF IR R
JA
1.0 5.0 100.0 20.0 40.0 +150.0 -50 to+175
Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 1) Maximum DC Blocking Voltage temperature Operating and Storage temperature Range
CJ TA TJ TSTG
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm)lead length , P.C.B. mounted
7-38
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SILICON RECTIFIER
RATINGS AND CHARACTERISTIC CURVES GP30A THRUGHP30M
FIG.1-FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5mm) lead length
LEAD TEMPERATURE ( C)
INSTANTANEOUS FORWARD CURRENT( AMPERES)
4 3 2 1 00 25 50 75 100 150 125 175
AVERAGE FORWARD CURRENT AMPERES
FIG.2-TYPICAL INSTANTANEOUS FORWARD VOLTAGE.(V)
100 30 10 3 1 0.1 0.3 0.01 0.40.6 0.81.0 1.2 1.4 1.61.8
INSTANTANEOUS FORWARD V OLTAGE (VOL TS)
TJ=25 C PULSE WIDTH=300 S 1% DUTY CYCLE
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT(AMPERES)
200 100 50 0 1
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
NON-REPETITIVE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
100
INSTANTANEOUS REVERSE CURRENT ( A)
10 1.0 0.1
TJ=25 C
NUMBER OF CYCLES AT 60Hz
FIG.5-TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE(pF)
100
TJ=25 C
0.01 20 40 60 80 100 120 140 0
PERCENT OF RATED PEAK REVERSE VOLT AGE %
10
1 0.1 1 10 100
REVERSE VOLTAGE.( VOL TS)
7-39
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SILICON RECTIFIER


▲Up To Search▲   

 
Price & Availability of GP30G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X