Part Number Hot Search : 
5KP188A MAX8725E DB26ER KSP10 P823F DDZX9713 PE014005 15530
Product Description
Full Text Search
 

To Download GMP4211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GMP4201-GML4701
TM (R)
GigaMiteTM Surface Mount PIN & Limiter Diodes RoHS Compliant
DESCRIPTION This series of surface mount diodes are specifically design for high volume surface mount applications. The GigaMite design is optimized for improved electrical and thermal performance over standard plastic package technology. The result is higher frequency coverage and better power handling than comparable plastic packages. Product parameters have been optimized for broadband switching, attenuator and limiter applications. The package parasitics provide smooth non-resonant functionality through 5 GHz. Microsemi utilizes high quality dielectric materials resulting in low loss and broadband performance. This series of devices meets RoHS requirements per EU Directive 2002/95/EC.
KEY FEATURES
Low Parasitics LP = 0.5 nH Typical CP = 0.07 pF Typical Surface Mount design Broadband Performance Through 5 Ghz Available on Tape & Reel for Automated Pick & Place Assembly Small, SOD 323 Size Footprint RoHS Compliant 1
www.MICROSEMI.com
APPLICATIONS Microsemi Lowell offers a variety of PIN diodes in the GigaMite package style. These products are well suited for microwave switching and attenuator applications. They are ideal for WLAN and WIMAX applications. The GML4701 devices are designed for economical high performance receiver protection through 5 GHz.
APPLICATIONS/BENEFITS
Antenna Switching for WIMAX and WLAN Economical RF and Microwave Switching Attenuators Limiters Broadband Performance
ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED)
Rating Maximum Leakage Current @80% of Rated VB GMP42XX GML4701 Storage Temperature Operating Temperature IMPORTANT:
Specifications are subject to change. For the most current data, consult our website: www.MICROSEMI.com
These devices are ESD sensitive and must be handled using ESD precautions.
Symbol
Value
Unit
GMP4201-GML4701
IR IR TSTG TOP
500 100 -55 to +125 -55 to +125
nA nA C C
These devices are supplied with a matte tin finish suitable for RoHS compliant assembly.
1
Copyright 2007 Rev: 2009-01-22
Microsemi
Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GMP4201-GML4701
TM (R)
GigaMiteTM Surface Mount PIN & Limiter Diodes RoHS Compliant
Surface Mount PIN Diodes DEVICE ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) VB (V) CT(pF)1 CT(pF)1 RS()2 RS()2 RS()2
Model Number GMP4201-GM1 GMP4202-GM1 GMP4211-GM1 GMP4212-GM1 GMP4215-GM1 GMP4235-GM1 GMP4232-GM1 IR=10A (Min) 75 75 100 100 100 250 300 VR=10V (Max) 0.18 0.28 0.18 0.28 0.60 0.60 VR=50V (Max) 0.35 IF=1mA (Typ) 2.3 1.8 5.5 4.2 1.0 2.5 2.5 IF=20mA (Max) 1.2 1.0 2.4 1.8 0.5 0.8 1.4
IF=100mA (Max)
TL(nS)
(Typ) 100 150 250 300 400 500 1000
(C/W) (Typ) THERMAL IMPEDANCE 50 50 50 40 40 35 25
www.MICROSEMI.com
Surface Mount Limiter Diodes
DEVICE ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) VB (V) CT(pF)1 RS()3 PIN(dBm) POUT(dBm)
Model Number GML4701-GM1 IR=10A (Min) 20 VR=10V (Max) 0.40 IF=10mA (Max) 2.5 Peak Power (1uS PW) +50
Leakage Power (Typ) +22
PT(dBm) Threshold (Typ) +10
(C/W) THERMAL MPEDANCE (Typ) 70
Notes 1. Capacitance is measured at f = 1 MHz. 2. Series Resistance RS is measured at f=100MHz 3. Series Resistance RS is measured at f=1GHz
PACKAGE STYLE GM1
GMP4201-GML4701
Copyright 2007 Rev: 2009-01-22
Microsemi
Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2


▲Up To Search▲   

 
Price & Availability of GMP4211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X