Part Number Hot Search : 
1045C 1045C EP16293X BC52PA 4081B MPR083EJ U2905 02A10
Product Description
Full Text Search
 

To Download GFCC20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gunter Semiconductor GmbH
N Channel Power MOSFET
GFCC20
Chip Specification
General Description: * Advanced Process Technology * Dynamic dV/dt Rating
* 150 Operating Temperature * Fast Switching * Fully Avalanche Rated
Mechanical Data: D10 2.49mm x 3.53mm Dimension 400 m Thickness: Metallization: Al Top : : CrNiAg / Au Backside : Suggested Bonding Conditions: Die Mounting: Solder Perform 95/5 PbSn or 92.5./2.5/5 PbAgIn 8 mil Al Source Bonding Wire: Absolute Maximum Rating
Characteristics
Drain-to-Source Breakdown Voltage Static Drain-to - Source On-resistance Continuous Drain current ( in target package) Continuous Drain current ( in target package) Operation Junction Storage Temperature @Ta=25
Symbol V(BR)DSS RDS(ON) ID@25 ID@100 Tj
Limit
Unit
Test Conditions VGS=0V, ID=250 VGS=10V, ID=1.3 VGS=10V VGS=10V
600 4.4 2.2 1.4 -55~150 -55~150
V A A
TSTR
Target Device: IRFBC20 TO-220AB
PD
50
W
@Tc=25


▲Up To Search▲   

 
Price & Availability of GFCC20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X