Part Number Hot Search : 
K2393 AP3966 HA13165 67060 C1454 AN79M10 CD4501 LM385
Product Description
Full Text Search
 

To Download GFC244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gunter Semiconductor GmbH
Chip Specification
General Description: * Advanced Process Technology * Dynamic dV/dt Rating
* 150 Operating Temperature * Fast Switching * Fully Avalanche Rated * Extremely low RDS(on) Mechanical Data: D21 4.11mmx 5.56mm Dimension 400 m Thickness: Metallization: Al Top : : CrNiAg / Au Backside : Suggested Bonding Conditions: Die Mounting: Solder Perform 95/5 PbSn or 92.5./2.5/5 PbAgIn Source Bonding Wire: 15 mil Al Absolute Maximum Rating
Characteristics
Drain-to-Source Breakdown Voltage Static Drain-to - Source On-resistance Continuous Drain current ( in target package) Continuous Drain current ( in target package) Operation Junction Storage Temperature @Ta=25
GFC244
N Channel Power MOSFET with extremely low RDS(on)
Symbol V(BR)DSS RDS(ON) ID@25 ID@100 Tj
Limit
Unit
Test Conditions VGS=0V, ID=250 VGS=10V, ID=7 VGS=10V VGS=10V
250 0.28 14 8.9 -55~150 -55~150
V A A
TSTR
Target Device: IRF644 TO-220AB
PD
139
W
@Tc=25


▲Up To Search▲   

 
Price & Availability of GFC244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X