Part Number Hot Search : 
T114037 M5256 25160LI AT54A DG411DJ SK372 B1S07 FSQ0765R
Product Description
Full Text Search
 

To Download GFC048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gunter Semiconductor GmbH
Chip Specification
General Description: * Advanced Process Technology * Dynamic dV/dt Rating
* 175 Operating Temperature * Fast Switching * Fully Avalanche Rated * Extremely low Rds(on) Mechanical Data: D24 4.32mm x 6.10mm Dimension 400 m Thickness: Metallization: Al Top : : CrNiAg / Au Backside : Suggested Bonding Conditions: Die Mounting: Solder Perform 95/5 PbSn or 92.5./2.5/5 PbAgIn 20 mil Al Source Bonding Wire: Absolute Maximum Rating
Characteristics Drain-to-Source Breakdown Voltage Static Drain-to - Source On-resistance Continuous Drain current ( in target package) Continuous Drain current ( in target package) Operation Junction Storage Temperature
@Ta=25
GFC048
N Channel Power MOSFET with extremely low RDS(on)
Symbol V(BR)DSS RDS(ON) ID@25 ID@100 Tj
Limit
Unit
Test Conditions
VGS=0V, ID=250 VGS=10V, ID=32 VGS=10V VGS=10V
60 0.018 53 37 -55~175 -55~175
V A A
TSTR
Target Device: IRFZ48 TO-263AB
Pd Pd
3.8 94
W W
@Ta=25 @Tc=25


▲Up To Search▲   

 
Price & Availability of GFC048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X