|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Sparkle Power Inc. A Leading Power Supply Manufacturer Web site: www.sparklepower.com FSP200-50PLA (Active PFC & RoHS Compliant) 200 Watts Flex ATX12V Switching Power Supply Features * * * * * * * * Complied with Flex ATX and ATX12V standard Active Power Factor Correction (PFC) meet EN61000-3-2 High efficiency and reliability Remote ON/OFF function Internal 12V DC fan included Noise Killer (thermal fan speed control function) Low noise and ripple Complies with FCC part 15 subpart J class B 115Vac operation, and CISPR 22 class B at 230Vac operation * * * Specification Temperature Range: Operating: 0C ~ +25C on full load; storage & shipping: -20C ~ +80C Humidity: 5 ~ 95% on operating and storage Dielectric Withstand: Input to frame ground 1800 VAC for 2 second * * * * * Output over voltage, short circuit, and over current protection 100% Hi-pot, ATE, and burn-in tested Re-settable power shut down Approved by UL60950, CSA C22.2 NO. 60950, TUV EN60950 or VDE EN60950, NEMKO EN60950 (CB Report), CE * * * Efficiency: 68% at minimum measured at nominal AC main voltage and frequency with maximum load on all outputs Rise time: Less than 20ms Hold-up Time: 17ms minimum at nominal input voltage Power Good Signal: Power on delay time 100 ~ 500ms, off delay 1ms minimum (TTL and CMOS compatible) Input Characteristics Input Range: 90 ~ 265Vac (RMS), Full Range Input Frequency: 47 ~ 63Hz Input Current: 4A (RMS) @115Vac, 2A (RMS) @230Vac Inrush Current: 50A Max @115Vac, 80A Max @230Vac cold start Output Characteristics Output Voltage Minimum Load Maximum Load 0.3A 16A +3.3V 0.3A 12A +5V 1.5A 12A +12V 0.0A 0.8A -12V 0.0A 2.0A +5Vsb *+5V and +3.3V total output not exceed 61W *+3.3V, +5V, and +12V total output cannot exceed 180W Peak * * * Leakage Current: Not exceed 3.5mA at 264Vac, 50Hz MTBF: 100,000 hours on maximum load at +25C Dimensions (LxWxH): 150x81.5x40.5mm/6x3.2x1.6in 13A Load Reg. 5% 5% 5% 10% 5% Line Reg. 1% 1% 1% 2% 1% Ripple & Noise 50mV P-P 50mV P-P 120mV P-P 120mV P-P 50mV P-P Sparkle Power Inc. Main Office 1000 Rock Avenue San Jose, CA 95131 TEL: 408-519-8888 FAX: 408-519-9999 E-MAIL: info@sparklepower.com Sparkle Power Inc. Los Angeles Office 17071 Green Drive City of Industry, CA 91745 TEL: 626-839-7180 FAX: 626-839-3395 1 / 1 OAD06009884-R3.pdf : 2006/11/27 2:30 |
Price & Availability of FSP200-50PLA |