|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
10Base-T Interface Module ELECTRONICS INC. EPE6114S * Designed fo IMR2 Chip * 8 Cores with Discrete Components * Robust construction allows for toughest reflow processing * Complies with or exceeds IEEE 802.3, 10Base-T Standards * 1500 Vrms Isolation (for 1 minute) Electrical Parameters @ 25 C OCL (H Min.) 100 KHz, 0.1 Vrms Pins 1-2,4-5,6-7,9-10 200 Insertion Loss (dB Max.) 1-10 MHz Xmit/Rcv -1 Return Loss (dB Min.) 5-10 MHz Xmit/Rcv -15 100 -30 -30 Impedance () Common Mode Rejection () 30-100 MHz Crosstalk (dB Min.) 1-10 MHz * Excludes all Resistor Networks for Receive Side * Xmit 0.01F 2 3 4 49.9 49.9 5 50 V 0.01F 17 50 V 1:1 Rcv 18 19 20 1 Schematic 6 0.01F 50 V 7 8 9 49.9 49.9 50 V 0.01F Xmit 14 1:1 Rcv 13 12 1:1 .610 (15.49) .080 (2.03) 10 1:1 11 Package .050 (1.27) .090 (2.29) PCA .995 EPE6114S (25.27) Date Code Pin 1 I.D. .450 (11.43) .260 (6.60) Solder 1.190 Pad (30.22) Layout .005/.015 (.127/.381) .030 (.762) 0-8 .008/.012 .203/.305 .035 (.889) .016/.020 (.406/.508) .050 (1.27) 1.150 (29.21) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSE6114S Rev. Orig 4/14/03 TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPE6114S |