Part Number Hot Search : 
KBPC40P 1004172 208271 M3A11FBD CM3843 C2506 1000A A29FAG
Product Description
Full Text Search
 

To Download DB107PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * Good for automatic insertion Surge overload rating - 50 Amperes peak Glass passivated device Ideal for printed circuit board Reliable low cost construction utilizing molded
DB101PT THRU DB107PT
DB-1
.255 (6.5) .245 (6.2)
MECHANICAL DATA
Case: JEDEC DB-1 molded plastic Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting position: Any Polarity: Polarity symbols marked on body Weight: 1.0 gram
.365 (9.3) .355 (9.0) .135 (3.4) .115 (2.9) .165 (4.2) .155 (3.9) .060 (1.5)
.350 (8.9) .300 (7.6)
.020 (0.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
.205 (5.2) .195 (5.0)
Dimensions in inches and (millimeters)
DB-1
UNITS Volts Volts Volts
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage SYMBOL VRRM VRMS VDC
DB101PT DB102PT DB103PT DB104PT DB105PT DB106PT DB107PT
50 35 50
100 70 100
200 140 200
400 280 400
600 420 600
800 560 800
1000 700 1000
Maximum Average Forward Rectified Current at TA = 40oC
IO
1.0
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave IFSM superimposed on rated load (JEDEC method) Operating and Storage Temperature Range TJ, TSTG -65 to +150
o
50
Amps
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0 A DC Maximum Reverse Current at rated DC blocking Voltage per element @ TA = 25oC IR @ TA = 125oC 0.5 mAmps 2001-6 SYMBOL VF
DB101PT DB102PT DB103PT DB104PT DB105PT DB106PT DB107PT
UNITS Volts uAmps
1.1 10
RATING CHARACTERISTIC CURVES ( DB101PT THRU DB107PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 1.25 1.00 0.75 0.50
Single Half Wave 60HZ Resistive or Inductive Load
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 70 60 50 40 30 20 10 0
8.3 ms Single Half Sine-Wave (JEDEC Method)
0.25 0 0
20
40
60
80
100
120
140
160
0
2
4
6 8 10
20
40
60 80 100
AMBIENT TEMPERATURE, ( oC )
NUMBER OF CYCLES AT 60HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 20 INSTANTANEOUS FORWARD CURRENT, (A) 10 INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4
TJ = 100oC
1.0
TJ = 25oC
1.0
0.4
0.1
0.1
.04
TJ = 25oC
PULSE WIDTH=300uS 1% DUTY CYCLE
.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of DB107PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X