Part Number Hot Search : 
SSS7N55 E1000WA PE8706 G1117A R0800 PE8706 AD9848 MX25V800
Product Description
Full Text Search
 

To Download CTDD1909SF-0505-D6K-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
ctparts.com
SPECIFICATIONS
CTDD1909SF-D6K-1 Series
Fixed Input Isolated & Unregulated 1W Output, Dual Output
Part Number CTDD1909SF-0505-D6K-1 CTDD1909SF-0507-D6K-1 CTDD1909SF-0509-D6K-1 CTDD1909SF-0512-D6K-1 CTDD1909SF-0515-D6K-1 CTDD1909SF-1205-D6K-1 CTDD1909SF-1207-D6K-1 CTDD1909SF-1209-D6K-1 CTDD1909SF-1212-D6K-1 CTDD1909SF-1215-D6K-1
Vin Nom. (VDC) 5 5 5 5 5 12 12 12 12 12
Input Range (VDC) 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2
Vout (VDC) 5 7.2 9 12 15 5 7.2 9 12 15
Iout Max. (mA) 100 69 56 42 33 100 69 56 42 33
Iout Min. (mA) 10 7 6 5 4 10 7 6 5 4
Effi. Typ. (%) 72 72 72 75 75 75 75 76 78 78
Compliant
RoHS
ISOLATION SPECIFICATIONS
Item Isolation Voltage Isolation Resistance Test Condition Tested for 1 minute Test at 500VDC MIN 6000 1000 TYP MAX Units VDC M
OUTPUT SPECIFICATIONS
Item 1W Output Power Test Condition For Vin change of 1% 10% to 100% full load (5V output) 10% to 100% full load (12V output) See tolerance envelope graph Nominal input voltage Full load 20MHz Bandwidth Full load, nominal input 75 250 75 0.03 150 % %/C mVp-p KHz MIN 0.1 TYP MAX 1 1.2 15 10 Units W % % %
FEATURES
Efficiency: To 78% Temperature Range: -40C to +85C Isolation: 6KVDC Package: UL94-V0 Miscellaneous: No heat sink required. No external component required. Industry standard pinout. Small footprint. Dual Output. Custom service available. Samples available.
Line regulation Load regulation Load regulation Output voltage accuracy Efficiency at full load Temperature drift 1W Output ripple Switching frequency
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output unless otherwise specified.
CHARACTERISTICS
Short Circuit Protection: 1 second Temperature Rise at Full Load: 25C Max. 15C Typ. Cooling: Free air convection Operating Temperature Range: -40C to +85C Storage Temperature Range: -55C to +125C Lead temperature: 300C (1.5mm from case for 10 seconds) Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >3,500,000 hours Miscellaneous: RoHS Compliant.
TYPICAL CHARACTERISTICS
Tolerance Envelope Graph
Temperature Derating Graph
Typic a
l Load
Line
+2.5% -2.5% -7.5%
Output Power(%)
Output Voltage(%)
+10% +5% Nominal Voltage
120 100 80 60 40 20 0
Safe Operating Area
10%
50%
100%
-40
0
40
80
120
Output Current(%)
Ambient Temperature(C)
11.22.06
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DC/DC Converters
ctparts.com
CTDD1909SF-D6K-1 Series
Fixed Input Isolated & Unregulated 1W Output, Dual Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
CTDD1909SF-D6K-1 Package
19.50
12.50
0.50
Side View
4.10
2.54
0.50
2.40 12 567
9.80
Bottom View
2.00
0.25
CTDD1909SF-D6K-1 Footprint o1.00+0.15/-0
2.54
12
567
2.54 Note: All pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
PIN CONNECTIONS
Pin 1 2 5 6 7
Function Vin GND -Vo 0V +Vo
12
567
11.22.06
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDD1909SF-0505-D6K-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X