Part Number Hot Search : 
1000F NT600 NT600 AN629 AC05D BZX84C13 MAZY051 946817
Product Description
Full Text Search
 

To Download CHT5551ZPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN SILICON Transistor
VOLTAGE 160 Volts
APPLICATION
* Telephony and proferssional communction equipment. * Other switching applications.
CHT5551ZPT
CURRENT 0.6 Ampere
FEATURE
* Small flat package. ( SC-73/SOT-223 ) * Suitable for high packing density.
6.50+0.20 3.00+0.10
SC-73/SOT-223
1.65+0.15 0.90+0.05 2.0+0.3
CONSTRUCTION
3.5+0.2 7.0+0.3
*NPN SILICON Transistor
0.9+0.2
MARKING
ZFN
0.70+0.10 0.70+0.10 2.30+0.1
2.0+0.3
0.70+0.10 4.60+0.1
0.27+0.05 0.01~0.10
1 1 Base
3
2
CIRCUIT
1
3
2 Emitter 3 Collector ( Heat Sink )
2
Dimensions in millimeters
SC-73/SOT-223
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC Ptot Tstg Tj Tamb Note 1. Transistor mounted on an FR4 printed-circuit board.
2004-7
PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) total power dissipation storage temperature junction temperature operating ambient temperature
CONDITIONS open emitter open base open collector - - - - Tamb 25 C; note 1 -
MIN.
MAX. 180 160 6.0 600 2.0 +150 150 +150
UNIT V V V mA W C C C
-65 - -65
RATING CHARACTERISTIC CURVES ( CHT5551ZPT )
THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1.Transistor mounted on an FR4 printed-circuit board. CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL ICBO ICBO IEBO hFE PARAMETER collector cut-off current collector cut-off current emitter cut-off current DC current gain CONDITIONS VCB = 120 V VCB = 120 V,TA=100OC VEB=4.0V IC = 1.0 mA; VCE = 5V IC = 10mA; VCE = 5V IC = 50 mA; VCE =5V - - - 80 80 30 MIN. MAX. 50 50 50 - 250 - UNIT nA uA nA PARAMETER thermal resistance from junction to ambient CONDITIONS note 1 VALUE 357 UNIT K/W
VCEsat
collector-emitter saturation voltage base-emitter saturation voltage collector capacitance
IC = 10 mA; IB = 1.0 m A -50 IC = mA; IB = 5.0 m A IC =10mA; IB =1.0mA -50 IC = mA; IB = 5.0 m A IE = ie = 0; VCB = 1 0 V; f = 1 MHz VCE=10V,IC=1.0mA,f=1.0KHz
- - - - - 50 100
0.15 0.2 1.0 1.0 6.0 200 300 8.0
V V V V pF
VBEsat Cob hfe fT F
transition frequency noise gure
IC = 10 mA; VCE = 1 0 V; f = 1.0 MHz
MHz dB
IC = 200 mA; VCE = 5 V; RS = 1 0 ; - f =10Hz to 15.7KHz


▲Up To Search▲   

 
Price & Availability of CHT5551ZPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X