Part Number Hot Search : 
SC464 RFBC40 RT9221 MX7528 S10K420 DA100 S6313 E3000
Product Description
Full Text Search
 

To Download CHDTB114EKPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTB114EKPT
CURRENT 500 mAmpere
FEATURE
* Small surface mounting type. (SC-59/SOT-346) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=10k, Typ. )
SC-59/SOT-346
(2) (3)
0.95 2.7~3.1 0.95
(1)
1.7~2.1
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one package.
0.3~0.51 1.2~1.9
MARKING
EK0
0.085~0.2
Gnd In 1
0.89~1.3 0.3~0.6 2.1~2.95 0~0.1
CIRCUIT
2
R2 TR R1
3 Out
Dimensions in millimeters
SC-59/SOT-346
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VIN IC PTOT TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2004-01
PARAMETER Supply voltage Input voltage DC Output current Total power dissipation Storage temperature Junction temperature Thermal resistance
CONDITIONS -
MIN.
MAX. -50 +10 -500 200 +150 150 140 V V
UNIT
-40 - Tamb 25 OC, Note 1 - -55 - junction - soldering point -
mA mW
O
C C C/W
O
O
RATING CHARACTERISTIC ( CHDTB114EKPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL VIoff) VI(on) VO(on) II IC(off) hFE R1 R2/R1 fT PARAMETER Input off voltage Input on voltage Output voltage Input current Output current DC current gain Input resistor Resistor ratio Transition frequency IE=5mA, VCE=-10.0V f=100MHz = CONDITIONS IO=-100uA; VCC=-5.0V IO=-10mA; VO=-0.3V IO=-50mA; II=-2.5mA VI=-5.0V VI=0V; VCC=-50V IO=-50mA; VO=-5.0V - - - - 56 7.0 0.8 - MIN. -0.5 - - -0.1 - - - 10 1.0 200 TYP. - -3.0 -0.3 -0.88 -0.5 - 13.0 1.2 - K MHz MAX. V V V mA uA UNIT
Note 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHDTB114EKPT )
Typical Electrical Characteristics
Fig.1 Input voltage vs. output current (ON characteristics)
-100 -50 VO=- 0.3V
Fig.2 Output current vs. input voltage (OFF characteristics)
-10m VCC =- 5V
INPUT VOLTAGE : VI(on) (V)
-20 -10 -5 -2 -1 -500m -200m -100m -500u -1m -10m -100m -500m
Ta =- 40 C 25OC = 100OC
O
OUTPUT CURRENT : Io (A)
-1m
Ta=100OC 25OC -40 OC
-100u
-10u
-1u -0
-0.6
-1.0
-1.6
-2.0
-2.6
-3.0
OUTPUT CURRENT : IO (A)
INPUT VOLTAGE : VI(off) (V)
1k 500
DC CURRENT GAIN : GI
Fig.3 DC current gain vs. output current
VO =- 5V
OUTPUT VOLTAGE : VO(on) (V)
Fig.4 Output voltage vs. output current
-1 -500m -200m -100m -50m -20m -10m -5m -2m
Ta=100OC 25OC -40 OC
lO/lI=20
200 100 50 20 10 5 2 1 -500u -1m
Ta=100OC 25OC -40OC
-10m
-100m
-500m
-1m -500u -1m
-10m
-100m
-500m
OUTPUT CURRENT : IO (A)
OUTPUT CURRENT : IO (A)


▲Up To Search▲   

 
Price & Availability of CHDTB114EKPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X