|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHENMKO ENTERPRISE CO.,LTD SURFACE MOUNT PNP Digital Silicon Transistor VOL TA GE 50 Vo l t s APPLICATION * Switching circuit, Inverter, Interface circuit, Driver circuit. CHDTA124TKPT CURRENT 100 m A m p er e FEATURE * Small surface mounting type. (SC-59/SOT-346) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=22k, Typ. ) SC-59/SOT-346 (2) (3) 0.95 2.7~3.1 0.95 (1) 1.7~2.1 CONSTRUCTION * One PNP transistors and bias of thin-film resistors in one package. 0.3~0.51 1.2~1.9 MARKING TK4 0.085~0.2 E B 2 1 0.89~1.3 0.3~0.6 2.1~2.95 0~0.1 CIRCUIT TR R1 3 C Dimensions in millimeters SC-59/SOT-346 LIMITING VALUES In accordance with the Absolute Maximum Rating System . SYMBOL VCBO VCEO VEBO IC PC TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board. 2003-12 PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Collector Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1 CONDITIONS -50 -50 -5 VALUE V V V mA UNIT -100 Tamb 25 OC, Note 1 200 -55 +150 -55 +150 junction - soldering point 140 mW O C O C C/W O RATING CHARACTERISTIC ( CHDTA124TKPT ) CHARA CTERISTICS Tamb = 25 C unless otherwise specied. SY MBOL BVCBO BVCEO BVEBO VCE(sat) ICBO IEBO hFE R1 fT PARAMETER Collector-Base breakdown voltage Emitter-Base breakdown voltage Collector-Emitter Saturation voltage Collector-Base current Emitter-Base current DC current gain Input resistor Transition frequency CONDITIONS IC= -50uA IE= -50uA IC= -10mA; IB= -1mA VCB= -50V VEB= -4V IC= -1mA; VCE= -5.0V IE=5mA, VCE= -10.0V f=100MHz = MIN. -50.0 -50.0 -5.0 - - - 100 15.4 - - - - - - - 250 22 250 TY P . - - - -0.3 -0.5 -0.5 600 26.6 - K MHz MAX. V V V V uA uA UNIT Collector-Emitter breakdown voltage IC= -1mA Not e 1.Pulse test: tp300uS; 0.02. RATING CHARACTERISTIC CURVES ( CHDTA124TKPT ) Typical Electrical Characteristics 1k 500 DC CURRENT GAIN : hFE COLLECTOR SATURATION VOLTAGE : VCE(sat) (V) Fig.1 DC current gain vs. collector current VCE=-5V Fig.2 Collector-emitter saturation voltage vs. collector current -1 -500m -200m -100m -50m -20m -10m -5m -2m -1m -10u -50u -100u -500u -1m -5m -10m 100OC 25OC -40 OC lC/lB=10 200 100 50 20 10 5 2 1 -100u -1m -5m -10m -50m -100m Ta=100OC 25OC -40OC COLLECTOR CURRENT : IC (A) COLLECTOR CURRENT : IC (A) |
Price & Availability of CHDTA124TKPT |