Part Number Hot Search : 
34PN010 MKP378 MA27P02 216T1 AK5388A A5800 CXA1314 BD14010
Product Description
Full Text Search
 

To Download CHDTA114GUPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Digital Silicon Transistor
VOL TA GE 50 Vo l t s
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTA114GUPT
CURRENT 100 m A m p er e
FEATURE
* Small surface mounting type. (SC-70/SOT-323) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=10k, Typ. )
(2) (3)
SC-70/SOT-323
(E )
(C)
1.30.1 0.30.1
0.65 2.00.2 0.65
(1)
(B)
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one package.
1.250.1
MARKING
GU1
Emitter Base 1
0.150.05 0.1Min.
0.90.1 0.6 0~0.1 2.30.15
CIRCUIT
2
R1 TR
3 Collector
Dimensions in millimeters
SC-70/SOT-323
LIMITING VALUES In accordance with the Absolute Maximum Rating System. SYMBOL VCBO VCEO VEBO IC PC TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2005-06
PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Collector Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1
CONDITIONS -50 -50 -5
VALUE V V V mA
UNIT
-100 Tamb 25 OC, Note 1 200 150 -55 +150 junction - soldering point 140
mW
O
C
O
C C/W
O
RATING CHARACTERISTIC ( CHDTA114GUPT )
CHARA CTERISTICS Tamb = 25 C unless otherwise specied. SY MBOL BVCBO BVCEO BVEBO VCE(sat) ICBO IEBO hFE R1 fT PARAMETER Collector-Base breakdown voltage Emitter-Base breakdown voltage Collector-Emitter Saturation voltage Collector-Base current Emitter-Base current DC current gain Input resistor Transition frequency CONDITIONS IC= -50uA IE= -720uA IC= -10mA; IB= -0.5mA VCB= -50V VEB= -4V IC= -5mA; VCE= -5.0V IE=5mA, VCE= -10.0V f=100MHz = MIN. -50.0 -50.0 -5.0 - - - 30 7 - - - - - - - - 10 250 TY P . - - - -0.3 -0.5 -580 - 13 - MAX. V V V V uA uA K MHz UNIT
Collector-Emitter breakdown voltage IC= -1mA
Not e 1.Pulse test: tp300uS; 0.02.


▲Up To Search▲   

 
Price & Availability of CHDTA114GUPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X