Part Number Hot Search : 
L6604 ATMEGA CD100 AD5684R RKTV206 1V221M 08A10 P6SMB16
Product Description
Full Text Search
 

To Download CH857SPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Muti-Chip General Purpose Amplifier
VOLTAGE 45 Volts
APPLICATION
* AF input stages and driver applicationon equipment. * Other general purpose applications.
CH857SPT
CURRENT 0.1 Ampere
FEATURE
* Small surface mounting type. (SC-88/SOT-363) * High current gain. * Suitable for high packing density. * Low colloector-emitter saturation. * High saturation current capability. * Two internal isolated PNP transistors in one package.
(1) (6)
SC-88/SOT-363
1.2~1.4
0.65 0.65
2.0~2.2
CONSTRUCTION
* Two PNP transistors in one package.
(4) 0.15~0.35 (3) 1.15~1.35
0.08~0.15 0.1 Min.
C1 B2 5 E2 4
0.8~1.1 0~0.1 2.15~2.45
CIRCUIT
6
TR2 TR1
1 E1
2 B1
3 C2
Dimensions in millimeters
SC-88/SOT-363
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VCES VEBO IC ICM IBM Ptot Tstg Tj Tamb Note 1. Transistor mounted on an FR4 printed-circuit board.
2003-01
PARAMETER collector-base voltage collector-emitter voltage collector-base voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature
CONDITIONS open emitter open base open emitter open collector - - - - - - - Tamb 25 C; note 1 -
MIN.
MAX. -50 -45 -50 -5 -100 -200 -2 300 +150 150 +150 V V V V
UNIT
mA mA mA mW C C C
-55 - -55
RATING CHARACTERISTIC ( CH857SPT )
THERMAL CHARACTERISTICS SYMBOL Rth j-s PARAMETER thermal resistance from junction to ambient CONDITIONS note 1 VALUE 415 UNIT K/W
Note 1. Transistor mounted on an FR4 printed-circuit board. CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL ICBO IEBO hFE VCEsat VBEsat Cc fT NF Note 1. Pulse test: tp 300 s; 0.02. PARAMETER collector cut-off current emitter cut-off current DC current gain collector-emitter saturation voltage base-emitter saturation voltage collector capacitance transition frequency noise figure CONDITIONS IE = 0; VCB = 30 V IC = 0; VCB = 30 V; TA = 150 OC IC = 0; VEB = - 4 V IC = -2.0 mA; VCE = -5.0V; note 1 IC = -10 mA ; IB = -0.5 mA IC = -100 mA ; I B = -5 mA IC = -2.0 mA;VCE =- 5.0 V IC = -10 mA;VCE = -5.0 V IE = ie = 0; VCB = -10V; f = 1 MHz - - - 125 - - -600 - - MIN. - - - - - - - - 3.5 200 2.5 TYP. MAX. -15 -4.0 -15 630 -300 -650 -750 -820 - - - mV mV mV mV pF MHz dB UNIT nA uA nA
IC = -10mA; VCE = - 5 V ; - f = 100 MHz IC = -0.2 mA; VCE = - 5V;Rs = 2.0K - f = 1.0 KHz; BW = 200KHz
RATING CHARACTERISTIC CURVES ( CH857SPT )
Typical Pulsed Current Gain vs Collector Current
500
V CE = 5V
VCESAT - COLLECTOR EMITTE R VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
Collector-Emitter Saturation Voltage vs Collector Current
0. 3 0.25 0. 2 0.15
400
125 C
= 10
300
25 C
200
25 C
0. 1 0.05 0 0.1 1 10 10 0 300
100
- 40 C
125 C
- 40 C
0 0.01
0 .1
1
10
100
I C - COLLECTOR CURRENT (mA)
I C - COLLECTOR CURRE NT (mA)
RATING CHARACTERISTIC CURVES ( CH857SPT )
V BEON - BAS E EMITTER ON VOLTAGE (V)
V BESAT - BASE EM ITTE R VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
1.2 1 0.8 0.6 0.4 0.2 0 0.1
Base Emitter ON Voltage vs Collector Current
1
= 10
0.8
- 40 C 25 C 125 C
- 40 C 25 C
0.6
125 C
0.4
0.2
V CE = 5V
1
10
10 0
300
0 0.1 1 10 100 200
I C - COLLECTOR CURRE NT (mA)
I C - COLLECTOR CURRE NT (mA)
Collector-Cutoff Current vs Ambient Temperature
I CBO - COLLE CTOR CURRENT (nA) V CB = 50V
10
BVCER - BREAKDOWN VOLTAGE (V)
10
0
Collector-Emitter Breakdown Voltage with Resistance Between Emitter-Base
95 90
1
85
80
0. 1
75
0.01 25 50 75 10 0 125
70 0.1
1
10
100
1000
T A - AMBIE NT TEMP ERATURE ( C)
RESISTANCE (k )
V CE - COLLECTOR-EMITTER VOLTAGE (V)
Collector Saturation Region
4
Input and Output Capacitance vs Reverse Voltage
100
Ta = 25 C
3
f = 1.0 MHz
2
Ic =
100 uA
50 mA
300 mA
CAPACITANCE (pF)
10
Cib Cob
1
0 100 300 700 2000 4000
0.1
1
10
100
I B - BASE CURRENT (uA)
V CE - COLLECTOR VOLTAGE (V)
RATING CHARACTERISTIC CURVES ( CH857SPT )
f T - GAIN BANDWIDTH PRODUCT (MHz)
Gain Bandwidth Product vs Collector Current
300
Switching Times vs Collector Current
270 240 210
40
Vce = 5V
ts
30
TIME (nS)
180 150 120 90 60 30
20
IB1 = IB2 = Ic / 10 V cc = 10 V
10
tf
tr
td
10 20 30 50 100 200 300
0 1 10 20 50 100 150
0
I C - COLLECTOR CURRENT (mA)
I C - COLLECTOR CURRENT (mA)
Power Dissipation vs Ambient Temperat ure
PD - POWE R DIS SIPATION (W)
500
400
300
200
100
0 0 25 50 75 100 125 150
TE MPE RATURE ( C)


▲Up To Search▲   

 
Price & Availability of CH857SPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X