Part Number Hot Search : 
MX566AKQ FRK9260R 47C201P BIM212 LB101 QOU110 B32332 SDR6TTXV
Product Description
Full Text Search
 

To Download CH483KPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
APPLICATION
* Low power rectification
CH483KPT
FEATURE
* Small surface mounting type. (SC-82/SOT-343) * Extremely low forward voltage. * This is a composite component and is ideal for reducing the number of components used. * High reliability
0.20.1 1.30.1 0.65 0.20.1 (2)
SC-82/SOT-343
(1)
(4) 0.30.1 2.00.2 1.250.1 0.65 (3) 0.20.1
CONSTRUCTION
* Silicon epitaxial planar
1.250.1
MARKING
* 3W
0.150.05 0.1Min. 0.90.1 0.7 0~0.1 2.10.1
CIRCUIT
Dimensions in millimeters MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 8.3 mSec single half sine-wave Typical Junction Capacitance between Terminal (Note 1) Maximum Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ TSTG CH483KPT 30 21 30 0.2 1.0 6.0 +125 -40 to +125
SC-82/SOT-343
UNITS Volts Volts Volts Amps Amps pF
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at IF(1)= 10mA Maximum Instantaneous Forward Voltage at IF(2)= 200mA Maximum Average Reverse Current at VR= 10V SYMBOL VF(1) VF(2) IR CH483KPT 0.33 0.50 30 UNITS Volts Volts uAmps 2005-11
NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 10.0 volts. 2. ESD sensitive product handling required.
RATING CHARACTERISTIC CURVES ( CH483KPT )
FIG. 1 FORWARD CHARACTERISTICS 1 FORWARD CURRENT, (A) REVERSE CURRENT, (A) 100m 10m 1m 100u 10u 1u 0 0.1 0.2 0.3 0.4 0.5 0.6 FORWARD VOLTAGE, (V)
5
o
FIG. 2 - REVERSE CHARACTERISTICS 10m
o Ta=125 C
1m
o 75 C
-25 o C
2 =1 Ta
75
C
o
C
100u 10u 1u 100n 10n 0 10 20 30 REVERSE VOLTAGE, (V)
o -25 C o 25 C
FIG. 3 - TYPICAL JUNCTION CAPACITANCE 100 JUNCTION CAPACITANCE, (pF)
10
1 0 5 10 15 20 25 30 35 REVERSE VOLTAGE, (V)
25 o C


▲Up To Search▲   

 
Price & Availability of CH483KPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X