Part Number Hot Search : 
TK650STL WF130C0 MSK0021 R2001 TB1212 12106 GP4068D AX1668M
Product Description
Full Text Search
 

To Download CDR156NP-100LB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDR156
Product Description
18.5x15mm Max.(LxW), 7.0mm Max. Height. Inductance Range: 1.0H1.0mH Rated current range: 0.4810A In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements.
Feature
Magnetically unshielded construction. Ideally used in Notebook PC ,LCD TV ,Game machine ,HDD,DSC/DVC, etc as DC-DC Converter inductors. RoHS Compliance.
Dimensions (mm)
M A X . 18 . 5
M A X . 7 .0
12.7
Land Pattern (mm)
12.4 3 .0 3. 0
MAX.15.0
3.0
3.0
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2.6
2.6
1/2
POWER INDUCTORS
Type: CDR156
Specification
Part Name CDR156NP-1ROM CDR156NP-2R5M CDR156NP-3R3M CDR156NP-5R6M CDR156NP-6R8M CDR156NP-1OOL CDR156NP-15OL CDR156NP-22OL CDR156NP-33OL CDR156NP-47OL CDR156NP-68OL CDR156NP-1O1L CDR156NP-151L CDR156NP-221L CDR156NP-331L CDR156NP-471L CDR156NP-681L CDR156NP-1O2L Stamp 1R0M 2R5M 3R3M 5R6M 6R8M 100L 150L 220L 330L 470L 680L 101L 151L 221L 331L 471L 681L 102L Inductance Within 100kHz 1.0H20 2.5H20 3.3H20 5.6H20 6.8H20 10H15 15H15 22H15 33H15 47H15 68H15 100H15 150H15 220H15 330H15 470H15 680H15 1.0mH15 D.C.R.(m) Max.(Typ.) (at 20) 5.3(4.2) 8.1(6.5) 9.8(7.8) 13.5(10.8) 17.5(14.0) 25.0(20.0) 34.5(27.6) 43.5(34.8) 68.0(54.4) 97.8(78.2) 144.6(115.7) 220.0(176.0) 315.2(252.2) 466.3(373.0) 646.0(516.8) 933.3(746.6) 1670(1340) 2100(1750) Saturation Current A1 28.0 18.4 16.4 12.8 11.2 9.6 7.6 6.4 5.2 4.2 3.6 2.9 2.5 2.0 1.6 1.4 1.1 0.9 Temperature rise current (A)2 10.0 9.0 7.5 7.0 6.0 5.5 4.3 4.0 3.0 2.5 2.0 1.6 1.3 1.1 0.9 0.75 0.55 0.48
Description of part name CDR156NP-1ROM B Box C Carrier Tape 1.Saturation current: The DC current at which the inductance decreases to 90% of it's initial value. (Ta20) 2. Temperature rise current: The DC current at which the temperature rise is t40.(Ta20)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDR156NP-100LB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X