Part Number Hot Search : 
02822 ER1006 SMB100A DF08G MSG104 B39A1 P11S2 SDT18
Product Description
Full Text Search
 

To Download CAT24C44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT24C44
256-Bit Serial Nonvolatile CMOS Static RAM
FEATURES
s Single 5V Supply s Infinite EEPROM to RAM Recall s CMOS and TTL Compatible I/O s Low CMOS Power Consumption: s JEDEC Standard Pinouts:
-8-lead DIP -8-lead SOIC
s 100,000 Program/Erase Cycles (EEPROM) s Auto Recall on Power-up s Commercial, Industrial and Automotive
-Active: 3mA Max. -Standby: 30A Max.
s Power Up/Down Protection s 10 Year Data Retention
Temperature Ranges
DESCRIPTION
The CAT24C44 Serial NVRAM is a 256-bit nonvolatile memory organized as 16 words x 16 bits. The high speed Static RAM array is bit for bit backed up by a nonvolatile EEPROM array which allows for easy transfer of data from RAM array to EEPROM (STORE) and from EEPROM to RAM (RECALL). STORE operations are completed in 10ms max. and RECALL operations typically within 1.5s. The CAT24C44 features unlimited RAM write operations either through external RAM writes or internal recalls from EEPROM. Internal false store protection circuitry prohibits STORE operations when VCC is less than 3.5V (typical) ensuring EEPROM data integrity. The CAT24C44 is manufactured using Catalyst's advanced CMOS floating gate technology. It is designed to endure 100,000 program/erase cycles (EEPROM) and has a data retention of 10 years. The device is available in JEDEC approved 8-lead plastic DIP and SOIC packages.
PIN CONFIGURATION
DIP Package (L)
CE SK DI DO 1 2 3 4 8 7 6 5
PIN FUNCTIONS
Pin Name
SOIC Package ( V)
1 2 3 4 8 7 6 5 VCC STORE RECALL VSS
Function Serial Clock Serial Input Serial Data Output Chip Enable Recall Store +5V Ground
SK DI DO CE RECALL STORE VCC VSS
VCC CE STORE SK RECALL DI VSS DO
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
1
Doc. No. MD-1083, Rev. T
CAT24C44
BLOCK DIAGRAM
EEPROM ARRAY RECALL ROW DECODE STATIC RAM ARRAY 256-BIT STORE CONTROL LOGIC STORE RECALL
CE DI SK INSTRUCTION REGISTER COLUMN DECODE DO VCC VSS INSTRUCTION DECODE 4-BIT COUNTER
MODE SELECTION(1)(2)
Mode Hardware Recall(3) Software Recall Hardware Store(3) Software Store
X = Don't Care
STORE 1 1 0 1
RECALL 0 1 1 1
Software Instruction NOP RCL NOP STO
Write Enable Latch X X SET SET
Previous Recall Latch X X TRUE TRUE
POWER-UP TIMING(4) Symbol VCCSR tpur tpuw Parameter VCC Slew Rate Power-Up to Read Operations Power-Up to Write or Store Operation Min. 0.5 Max. 0.005 200 5 Units V/m s ms
Note: (1) The store operation has priority over all the other operations. (2) The store operation is inhibited when VCC is below 3.5V. (3) NOP designates that the device is not currently executing an instruction. (4) This parameter is tested initially and after a design or process change that affects the parameter.
Doc. No. MD-1083, Rev. T
2
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT24C44
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. -55C to +125C Storage Temperature ....................... -65C to +150C Voltage on Any Pin with Respect to Ground(2) ............. -2.0 to +VCC +2.0V VCC with Respect to Ground ............... -2.0V to +7.0V Package Power Dissipation Capability (Ta = 25C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300C Output Short Circuit Current(3) ........................ 100 mA RELIABILITY CHARACTERISTICS Symbol NEND(1) TDR(1) VZAP(1) ILTH(1)(4) Parameter Endurance Data Retention ESD Susceptibility Latch-up Min. 100,000 10 2000 100
*COMMENT
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
Typ.
Max.
Units Cycles/Byte Years Volts mA
D.C. OPERATING CHARACTERISTICS VCC = 5V 10%, unless otherwise specified. Limits Symbol ICCO ISB ILI ILO VIH VIL VOH VOL Parameter Current Consumption (Operating) Current Consumption (Standby) Input Current Output Leakage Current High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage 2 0 2.4 0.4 Min. Typ. Max. 3 30 2 10 VCC 0.8 Unit mA A A A V V V V IOH = -2mA IOL = 4.2mA Conditions Inputs = 5.5V, TA = 0C All Outputs Unloaded CE = VIL 0 VIN 5.5V 0 VOUT 5.5V
CAPACITANCE TA = 25C, f = 1.0 MHz, VCC = 5V Symbol CI/O
(1)
Parameter Input/Output Capacitance Input Capacitance
Max. 10 6
Unit pF pF
Conditions VI/O = 0V VIN = 0V
CIN(1)
Note: (1) These parameter are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. (2) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. (3) Output shorted for no more than one second. No more than one output shorted at a time. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V.
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
3
Doc. No. MD-1083, Rev. T
CAT24C44
A.C. CHARACTERISTICS VCC = 5V 10%, unless otherwise specified. Symbol FSK tSKH tSKL tDS tDH tPD tZ tCES tCEH tCDS Parameter SK Frequency SK Positive Pulse Width SK Negative Pulse Width Data Setup Time Data Hold Time SK Data Valid Time CE Disable Time CE Enable Setup Time CE Enable Hold Time CE De-Select Time 800 400 800 Min. DC 400 400 400 80 375 1 Max. 1 Units MHz ns ns ns ns ns s ns ns ns CL = 100pF + 1TTL gate VOH = 2.2V, VOL = 0.65V VIH = 2.2V, VIL = 0.65V Input rise and fall times = 10ns Conditions
A.C. CHARACTERISTICS, Store Cycle VCC = 5V 10%, unless otherwise specified. Limits Symbol tST tSTP tSTZ Parameter Store Time Store Pulse Width Store Disable Time 200 100 Min. Max. 10 Units ms ns ns Conditions CL = 100pF + 1TTL gate VOH = 2.2V, VOL = 0.65V VIH = 2.2V, VIL = 0.65V
A.C. CHARACTERISTICS, Recall Cycle VCC = 5V 10%, unless otherwise specified. Symbol tRCC tRCP tRCZ tORC tARC Parameter Recall Cycle Time Recall Pulse Width Recall Disable Time Recall Enable Time Recall Data Access Time 10 1.5 Min. 2.5 500 500 Max. Units s ns ns ns s CL = 100pF + 1TTL gate VOH = 2.2V, VOL = 0.65V VIH = 2.2V, VIL = 0.65V Conditions
INSTRUCTION SET Format Instruction WRDS STO WRITE WREN RCL READ
X = Don't care A = Address bit
Start Bit 1 1 1 1 1 1
Address XXXX XXXX AAAA XXXX XXXX AAAA
OP Code 000 001 011 100 101 11X
Operation Reset Write Enable Latch (Disables, Writes and Stores) Store RAM Data in EEPROM Write Data into RAM Address AAAA Set Write Enable Latch (Enables, Writes and Stores) Recall EEPROM Data into RAM Read Data From RAM Address AAAA
Doc. No. MD-1083, Rev. T
4
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT24C44
from the device: If the CE pin is prematurely deselected while shifting in an instruction, that instruction will not be executed, and the shift register internal to the CAT24C44 will be cleared. If there are more than or less than 16 clocks during a memory data transfer, an improper data transfer will result. The SK clock is completely static allowing the user to stop the clock and restart it to resume shifting of data. Read Upon receiving a start bit, 4 address bits, and the 3-bit read command (clocked into the DI pin), the DO pin of the CAT24C44 will come out of the high impedance state and the 16 bits of data, located at the address specified in the instructions, will be clocked out of the device. When clocking data from the device, the first bit clocked out (DO) is timed from the falling edge of the 8th clock, all succeeding bits (D1-D15) are timed from the rising edge of the clock. Write After receiving a start bit, 4 address bits, and the 3-bit WRITE command, the 16-bit word is clocked into the device for storage into the RAM memory location specified. The CE pin must remain high during the entire write operation.
DEVICE OPERATION
The CAT24C44 is intended for use with standard microprocessors. The CAT24C44 is organized as 16 registers by 16 bits. Seven 8-bit instructions control the device's operating modes, the RAM reading and writing, and the EEPROM storing and recalling. It is also possible to control the EEPROM store and recall functions in hardware with the STORE and RECALL pins. The CAT24C44 operates on a single 5V supply and will generate, on chip, the high voltage required during a RAM to EEPROM storing operation. Instructions, addresses and write data are clocked into the DI pin on the rising edge of the clock (SK). The DO pin remains in a high impedance state except when outputting data from the device. The CE (Chip Enable) pin must remain high during the entire data transfer. The format for all instructions sent to the CAT24C44 is a logical `1' start bit, 4 address bits (data read or write operations) or 4 "Don't Care" bits (device mode operations), and a 3-bit op code (see Instruction Set). For data write operations, the 8-bit instruction is followed by 16 bits of data. For data read instructions, DO will come out of the high impedance state and enable 16 bits of data to be clocked from the device. The 8th bit of the read instruction is a "Don't Care" bit. This is to eliminate any bus contention that would occur in applications where the DI and DO pins are tied together to form a common DI/DO line. A word of caution while clocking data to and Figure 1. RAM Read Cycle Timing
CE 1 SK 2 3 4 5 6 7 8
9
10
11
12
22
23
24
(1) (8)
DI
1
A
A
A
A X
1
1
DO
HIGH-Z
D0
D1
D2
D3
D14
D15
D0
Figure 2. RAM Write Cycle Timing
CE 1 SK 2 3 4 5 6 7 8 9 10 11 12 22 23 24
DI
1
A
A
A
A 1
0
1
D0
D1
D2
D3
D13
D14
D15
Note: (1) Bit 8 of READ instruction is "Don't Care".
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
5
Doc. No. MD-1083, Rev. T
CAT24C44
WREN/WRDS The CAT24C44 powers up in the program disable state (the "write enable latch" is reset). Any programming after power-up or after a WRDS (RAM write/EEPROM store disable) instruction must first be preceded by the WREN (RAM write/EEPROM store enable) instruction. Once writing/storing is enabled, it will remain enabled until power to the device is removed, the WRDS instruction is sent, or an EEPROM store has been executed (STO).
The WRDS (write/store disable) can be used to disable all CAT24C44 programming functions, and will prevent any accidental writing to the RAM, or storing to the EEPROM. Data can be read normally from the CAT24C44 regardless of the "write enable latch" status.
Figure 3. Read Cycle Timing
SK CYCLE # SK VIH CE tPD 6 7 8 9 10 11
DI tPD DO HIGH-Z D0 D1 Dn tZ HIGH-Z
Figure 4. Write Cycle Timing
1/FSK tSKH SK x tCES CE tDS DI tDH 1 tSKL 2 n tCEH tCDS
Doc. No. MD-1083, Rev. T
6
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT24C44
RECALL RCL/RECALL Data is transferred from the EEPROM data memory to RAM by either sending the RCL instruction or by pulling the RECALL input pin low. A recall operation must be performed before the EEPROM store, or RAM write operations can be executed. Either a hardware or software recall operation will set the "previous recall" latch internal to the CAT24C44. POWER-ON RECALL The CAT24C44 has a power-on recall function that transfers the EEPROM data to the RAM. After Powerup, all functions are inhibited for at least 200ns (Tpur) from stable Vcc. STORE STO/STORE Data in the RAM memory area is stored in the EEPROM memory either by sending the STO instruction or by pulling the STORE input pin low. As security against any
inadvertent store operations, the following conditions must each be met before data can be transferred into nonvolatile storage: * The "previous recall" latch must be set (either a software or hardware recall operation). * The "write enable" latch must be set (WREN instruction issued). * STO instruction issued or STORE input low. During the store operation, all other CAT24C44 functions are inhibited. Upon completion of the store operation, the "write enable" latch is reset. The device also provides false store protection whenever VCC falls below a 3.5V level. If VCC falls below this level, the store operation is disabled and the "write enable" latch is reset.
Figure 5. Recall Cycle Timing
tRCC tRCP RECALL tRCZ DO HIGH-Z tORC tARC VALID DATA UNDEFINED DATA
Figure 6. Hardware Store Cycle Timing
tST tSTP STORE tSTZ DO HIGH-Z
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
7
Doc. No. MD-1083, Rev. T
CAT24C44
Figure 7. Non-Data Operations
CE 1 SK 2 3 4 5 6 7 8
DI
1
X
X
X
X OP-CODE
ORDERING INFORMATION
Prefix CAT Device # 24C44 Suffix V I - G T3
Company ID
Product Number 24C44
Temperature Range I = Industrial (-40C to +85C) E = Extended (-40C to +125C)(4)
T: Tape & Reel 3: 3,000/Reel
Package L: PDIP V: SOIC, JEDEC
Lead Finish G: NiPdAu Blank: Matte-Tin
Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The device used in the above example is a CAT24C44VI-GT3 (SOIC, Industrial Temperature, NiPdAu, Tape & Reel, 3,000/Reel). (3) For additional package option please contact your nearest ON Semiconductor Sales office. (4) Extended Temperature available upon request.
Doc. No. MD-1083, Rev. T
8
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT24C44
REVISION HISTORY
Date 17-Apr-04 Revision Description O Add Lead Free Logo Update Features Update Pin Configuration Update Block Diagram Update Instruction Set Update Device Operation Update Ordering Information Add Revision History Update Rev Number Update Pin Configuration Update Ordering Information Update Ordering Information Update Pin Configuration Update Reliability Characteristics Update Ordering Information Update Pin Configuration Update Example of Ordering Information Change logo and fine print to ON Semiconductor
16-Nov-04 17-Apr-04 03-Aug-05
P Q R
24-Jun-08 04-Dec-08
S T
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center: Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
9
Doc. No. MD-1083, Rev. T


▲Up To Search▲   

 
Price & Availability of CAT24C44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X