Part Number Hot Search : 
120JB SR104 MPX4115A ACE78L10 245MT FSL136HR SG6848DZ S20D60C
Product Description
Full Text Search
 

To Download C3692V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO CASSETTE
C3600 Series
1700 WATTS (AC) DC/DC SINGLE OUTPUT
Features
* * * Single Output 6U x 42TE x 226mm Weight: 10kg
INPUT VDC 18-32 OUTPUT AMPS
C 3620(2,3) C 3621 C 3622 C 3623 C 3624 C 3625 C 3626 C 3627 C 3628 C 3629 180 120 100 80 55 48 21 11 5,5 26
OUTPUT VDC 320-380 (1)
C 3680 Z C 3681 Z C 3682 Z C 3683 Z C 3684 Z C 3685 Z C 3686 Z C 3687 Z C 3688 Z C 3689 Z
1)
36-75
C 3630 C 3631 C 3632 C 3633 C 3634 C 3635 C 3636 C 3637 C 3638 C 3639
45-90
C 3640 C 3641 C 3642 C 3643 C 3644 C 3645 C 3646 C 3647 C 3648 C 3649
80-160 160-320
C 3650 C 3651 C 3652 C 3653 C 3654 C 3655 C 3656 C 3657 C 3658 C 3659 C 3670 C 3671 C 3672 C 3673 C 3674 C 3675 C 3676 C 3677 C 3678 C 3679
320-640 450-800 (3) (3)
C 3670G C 3671G C 3672G C 3673G C 3674G C 3675G C 3676G C 3677G C 3678G C 3679G C 3670K C 3671K C 3672K C 3673K C 3674K C 3675K C 3676K C 3677K C 3678K C 3679K
2)
OUTPUT AMPS
200 (2,3) 130 115 90 65 55 25 14 7 30
MIN.
4,5 8 11 14 23 26 58 100 200 45
MAX.
5,5 10 13 16 26 30 68 130 250 55
INPUT VAC
OUTPUT VDC
Technical Illustrations
C3600
185-264 93-138 3x400 3x480 OUTPUT MIN. MAX. 185-264 (320-460) (400-530) AMPS
C 3680 C 3681 C 3682 C 3683 C 3684 C 3685 C 3686 C 3687 C 3688 C 3689 C 3690 C 3691 C 3692 C 3693 C 3694 C 3695 C 3696 C 3697 C 3698 C 3699 C 3680 V C 3681 V C 3682 V C 3683 V C 3684 V C 3685 V C 3686 V C 3687 V C 3688 V C 3689 V C 3690 V C 3691 V C 3692 V C 3693 V C 3694 V C 3695 V C 3696 V C 3697 V C 3698 V C 3699 V 200(2,3) 130 115 90 65 55 25 14 7 30 4,5 8 11 14 23 26 58 100 200 45 5,5 10 13 16 26 30 68 130 250 55
Note: 1) Input by external PFC module also suitable 2) External fan recommended 3) Suited for wall-mount, alternatives upon request
434


▲Up To Search▲   

 
Price & Availability of C3692V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X