Part Number Hot Search : 
8C10DC6 SMB220 00F253 UPD63210 IMT41 SCL4014B 05482 2SC4981
Product Description
Full Text Search
 

To Download BCD-1000-804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCD Series
Optical blood component detectors
FEATURES * Non-invasive optical technology * Micro-controller based integral circuitry * Immunity to ambient light * High accuracy and reliability * Detects blood per ANSI/AAMI RD5:2003
SPECIFICATIONS
Maximum ratings Supply voltage (VS) Supply current Temperature limits Storage Operating Humidity limits 5 VDC (optional 6...24 VDC) typ. 150 mA
ELECTRICAL CONNECTION
-20 ... 85 C 5 ... 60 C 0 - 95 %RH (non-condensing)
Sensor
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Brown Red Orange Yellow Green Blue Violet
Gray White
Return Power in CAL input CAL output Blood output Tube detect output Liquid detect output NC NC NC Red intensity analog output Blue intensity analog output NC NC
Note: Set CAL input (Pin 3) momentary high to begin calibration. CAL output (Pin 4) will be high if calibration is complete.
November 2007 / 307
1/3
www.sensortechnics.com
BCD Series
Optical blood component detectors
PERFORMANCE CHARACTERISTICS
Characteristics
Logic low voltage Logic high voltage CAL input min. width1 Response time Calibration2 Blood detect3 Tube detect Liquid detect 100 200 VS-0.7 50 15 500 ms
Min.
Typ.
Max.
0.6
Units
V ms s
Notes: 1. The minimum width for the CAL input to initiate a calibration cycle. Pulses shorter than this may be ignored 2. The maximum time to perform the tube calibration cycle. 3. The maximum time to detect blood levels rising above the limit or blood levels falling below the limit.
OUTLINE DRAWING
0.42 (10.67) Slot for 0.250 (6.35) tube
1.25 (31.75)
1.50 (38.10) 0.75 (19.05) Threaded holes 4-40 x 0.22 (5.59)
1.25 (31.75)
1.00 (25.40)
Connector Molex 51021-1400
all dimensions in inches (mm)
November 2007 / 307
2/3
www.sensortechnics.com
BCD Series
Optical blood component detectors
ORDERING INFORMATION
Series Options BCD Electrical 1 5 V input, logic output 2 3 6...24 V input, logic output 5 V input, analog and logic output 6...24 V input, analog and logic output Options 000 Standard (threshold AAMI), 28 inch leads, no tube detection, no liquid detection 8 9 Design type for rigid tubing for soft tubing Tubing siz e 04 1/4 inch O.D.
4
Example:
BCD -
1
000
-
8
04
Notes:
Sensortechnics is asking customers for a sample of their tubing. The sensor will then be calibrated for exactly this tubing. For proper function the sensor should only be used with the tubing which was sent to Sensortechnics! Custom specific modifications are widely available. Please contact your nearest Sensortechnics sales office for further information.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. November 2007 / 307 3/3
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of BCD-1000-804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X