Part Number Hot Search : 
SR320 4VCXH1 R1045 71M65 10100 74477710 2SK1230 1N4409B
Product Description
Full Text Search
 

To Download B250C5000-3300A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B...C5000-3000A, B...C5000-3300A
B...C5000-3000A, B...C5000-3300A
Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter Version 2006-07-28 Nominal current Nennstrom Alternating input voltage Eingangswechselspannung 5 A / 3.3 A 40...500 V 32 x 5.6 x 17 [mm] 9g
5.6
0.2
320.2 160.2
Type Typ
170.2
+
~
~
-
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging bulk Standard Lieferform lose im Karton
16
O 1.2 10 2x7.5
Dimensions - Mae [mm]
Mounting clamp BO2 -- Befestigungsschelle BO2
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067 Maximum ratings Type Typ 1 ) B40C5000-3300A B80C5000-3300A B125C5000-3300A B250C5000-3300A B380C5000-3300A B500C5000-3300A Max. alternating input voltage Max. Eingangswechselspannung VVRMS [V] 40 80 125 250 380 500 Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 2) 80 160 250 600 800 1000
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
f > 15 Hz TA = 25C TA = 25C
IFRM IFSM i2t Tj TS
30 A 3) 150/165 A 110 A2s -50...+150C -50...+150C
1 2 3
Types named B..C5000-3000A have got identical parameters - Typen mit Bezeichnung B..C5000-3000A haben identische Parameter Valid per diode - Gultig pro Diode Valid, if leads are kept to ambient temperature TA = 50C at a distance of 5 mm from case Gultig, wenn die Anschlussdrahte in 5 mm vom Gehause auf Umgebungstemperatur TA = 50C gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
B...C5000-3000A, B...C5000-3300A Characteristics Max. rectified current without cooling fin Dauergrenzstrom ohne Kuhlblech Max. rectified current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Leakage current - Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft TA = 50C TA = 50C Tj = 25C R-load C-load R-load C-load VR = VRRM IFAV IFAV IFAV IFAV IR RthA Kennwerte 4.0 A 1) 3.3 A 1) 5.8 A 5.0 A < 10 A < 20 K/W 1)
Type Typ B40C5000-3300A B80C5000-3300A B125C5000-3300A B250C5000-3300A B380C5000-3300A B500C5000-3300A
Max. admissible load capacitor Max. zulassiger Ladekondensator CL [F] 10000 5000 2500 1500 1000 800
Min. required protective resistor Min. erforderl. Schutzwiderstand Rt [] 0.5 1.0 2.0 4.0 5.0 6.5
120 [%] 100
102 [A] 10
Tj = 125C
80
Tj = 25C
60
1
40 10 20 IFAV 0 0 TA 50 100 150 [C]
-1
IF 10
-2
150a-(5a-1.2v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current versus ambient temperature Zul. Richtstrom in Abh. von der Umgebungstemp.
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Valid, if leads are kept to ambient temperature TA = 50C at a distance of 5 mm from case Gultig, wenn die Anschlussdrahte in 5 mm vom Gehause auf Umgebungstemperatur TA = 50C gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of B250C5000-3300A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X