Part Number Hot Search : 
G240C WPPXXXX P4KA13A SK301 28000 M5207 16107FP SY171
Product Description
Full Text Search
 

To Download ALM-38140-TR1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALM-38140
50MHz - 4GHz PIN Diode Variable Attenuator Module
Data Sheet
Description
Avago Technologies' ALM-38140 is a fully matched wideband variable attenuator module with high linearity performance and high dynamic range. The high dynamic range and low phase shift can be achieved with only one external inductor place between Linput and Loutput. ALM-38140 is a fully integrated solution using Avago Technologies' low distortion silicon PIN diodes housed in a miniature 3.8 x 3.8 x 1.0 mm3 MCOB (Multiple-Chips-OnBoard) package. This variable attenuator module is easily operated with a constant voltage, Vsupply = 2.7V and a control voltage, Vcontrol = 1 - 5V. No external biasing components needed. ALM-38140 is ideal for gain control in RF amplifier circuits.
Features
* Fully integrated module * High dynamic range * Excellent Input IP3 performance * High Input P1dB compression * Low phase shift performance * Tape-and-Reel packaging option available
Specifications
Typical Performance at 1.9GHz
* Attenuation : 39dB * Insertion Loss : 3.2dB * Input IP3 : 50dBm * Input P1dB : > 30dBm
Package Marking
Vcontrol Loutput Linput
Applications
* Broadband system applications; such as CATV, WCDMA, VSAT, WIMAX, Cellular base station. * General purpose voltage controlled attenuator for low current applications. * Temperature compensation circuitry
RF 2 GND RF 1
38140 WWYY XXXX
* Automatic Gain Control
Vsupply Top View Bottom View
Note: Package marking provides orientation and identification "38140" = Device Part Number "WWYY" = Work week and year of manufacture "XXXX" = Last 4 digit of assembly lot number * RF1 and RF2 can be used either as RF input or RF output as they are symmetrical.
Attention: Observe precautions for handling electrostatic sensitive devices. ESD Machine Model = 300 V ESD Human Body Model = 900 V Refer to Avago Application Note A004R: Electrostatic Discharge, Damage and Control.
ALM-80210 Absolute Maximum Rating [1] TA = 25C
Symbol
Isupply, max Icontrol, max Pin, max Pdiss Tj Tstg
Parameter
Supply Current Control Current RF Input Power Total Power Dissipation Junction Temperature Storage Temperature
Unit
mA mA dBm W C C
Absolute Maximum
18.0 33.4 27dBm CW, 36dBm with 12.5% duty cycle 0.3 150 -60 to 150
Thermal Resistance [2] jc = 106.3C/W
(Vc = 1V, Vsupply = 2.7V, Tc = 85C)
Notes: 1. Operation in excess of any one of these limits may result in permanent damage to the device. 2. Thermal resistance is measured from junction to case using Infra-Red method.
Electrical Specifications, Vsupply = 2.7V, TA = 25C, Z0 = 50
Symbol
Isupply Icontrol S21 S21 S21 S21
Parameter and Test Condition
Supply Current drain (Vcontrol = 1V) Control Current drain (Vcontrol = 5V) Maximum Attenuation (Vcontrol = 1V) Maximum Attenuation (Vcontrol = 1V) Insertion Loss (Vcontrol = 5V) Insertion Loss (Vcontrol = 5V) Dynamic Range Dynamic Range
Frequency (MHz)
Unit
mA mA
Min
- - - 36.0 - - - 33 10 10 - - - - -
Typ
2.5 20.5 42.0 39.0 2.8 3.2 38 36.5 14.5 13.5 50 50 32 33 10.5
Max
- - - - - 3.7 - - - - - - - - -
900 1900 900 1900 900 1900 1900 1900 900 1900 900 1900 1900
dB dB dB dB dB dB dB dB dBm dBm dBm dBm degrees
IRL ORL IIP3 [5] IIP3 [5] IP1dB [6] IP1dB [6]
Input Return Loss (Vcontrol = 5V) Output Return Loss (Vcontrol = 5V) Input Third Order Intercept Point Input Third Order Intercept Point Input Power at P1dB Compression (Vcontrol = 5V) Input Power at P1dB Compression (Vcontrol = 5V) Phase Shift (Vcontrol = 1V)
Notes: 4. Data above is obtained using demo board shown in Figure 32 and 33. 5. 2-tone IIP3 test condition: FRF1, FRF2 = 1.1MHz separation, Input power = 22dBm 6. IP1dB measured with 12.5% duty cycle. 7. The performance above obtained with phase compensation inductor value based on the table 1 below. 8. Use proper biasing, heat sink and de-rating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application note (if applicable) for more details.
2
ALM-38140 Typical Broadband S-Parameters
(Vsupply = 2.7V, Vctrl = 1V, Tc = 25C, matched 50) Freq GHz
0.05 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.5 4 4.5 5 5.5 6
S11 Mag.
0.14 0.14 0.14 0.13 0.13 0.13 0.12 0.12 0.12 0.11 0.11 0.10 0.10 0.09 0.08 0.08 0.07 0.06 0.05 0.04 0.04 0.03 0.03 0.02 0.03 0.03 0.04 0.05 0.06 0.07 0.08 0.13 0.19 0.25 0.35 0.48 0.61
dB.
-17.21 -17.23 -17.32 -17.50 -17.62 -17.81 -18.06 -18.35 -18.55 -18.88 -19.38 -19.78 -20.11 -20.71 -21.61 -22.49 -23.16 -23.92 -25.27 -27.06 -28.95 -30.32 -31.50 -32.14 -31.61 -30.43 -28.44 -26.30 -24.35 -23.06 -22.00 -17.56 -14.61 -12.02 -9.20 -6.44 -4.35
Ang.
-175.1 176.3 165.5 155.6 147.0 139.2 131.5 123.2 115.4 108.4 100.6 92.2 85.2 79.3 72.7 64.6 57.3 53.0 50.7 47.5 43.5 42.8 52.5 72.7 93.4 102.9 101.9 98.6 96.5 92.8 85.2 41.6 -10.1 -66.3 -125.3 176.4 120.7
S21 Mag.
0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.03 0.03 0.03 0.03 0.03 0.03 0.04 0.04 0.04 0.05 0.07 0.09 0.11 0.12 0.11
dB.
-43.21 -41.98 -41.46 -41.12 -40.73 -40.38 -40.03 -39.56 -39.19 -38.68 -38.13 -37.61 -37.07 -36.49 -35.98 -35.40 -34.90 -34.35 -33.85 -33.36 -32.86 -32.45 -31.86 -31.44 -30.97 -30.54 -30.07 -29.60 -29.08 -28.63 -28.18 -25.81 -23.54 -21.00 -19.02 -18.29 -19.03
Ang.
43.6 19.5 7.1 1.3 -3.6 -8.1 -12.4 -16.4 -21.2 -25.3 -30.4 -35.7 -41.1 -47.3 -53.1 -59.7 -66.0 -73.0 -80.0 -86.9 -94.2 -101.1 -108.7 -116.5 -124.2 -131.6 -139.7 -146.4 -155.1 -163.2 -171.5 146.0 101.2 51.4 -6.1 -67.2 -126.7
S12 Mag.
0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.03 0.03 0.03 0.03 0.03 0.03 0.04 0.04 0.04 0.05 0.07 0.09 0.11 0.12 0.11
dB.
-43.10 -42.00 -41.54 -41.13 -40.74 -40.40 -39.97 -39.62 -39.19 -38.68 -38.13 -37.59 -37.04 -36.50 -35.96 -35.40 -34.93 -34.38 -33.86 -33.35 -32.90 -32.44 -31.86 -31.41 -30.96 -30.52 -30.05 -29.61 -29.07 -28.63 -28.15 -25.80 -23.53 -21.00 -19.01 -18.31 -19.03
Ang.
43.5 19.5 7.7 1.2 -3.6 -8.1 -12.4 -16.6 -20.9 -25.3 -30.4 -35.5 -41.3 -47.0 -53.2 -59.6 -66.2 -72.8 -79.8 -87.0 -94.2 -101.0 -108.7 -116.4 -124.0 -131.6 -139.7 -146.5 -155.0 -163.1 -171.5 146.0 101.3 51.4 -6.1 -67.2 -126.8
S22 Mag.
0.13 0.13 0.13 0.13 0.13 0.12 0.12 0.11 0.11 0.11 0.10 0.10 0.09 0.08 0.08 0.07 0.07 0.07 0.06 0.05 0.05 0.05 0.06 0.06 0.07 0.07 0.08 0.09 0.10 0.11 0.12 0.18 0.25 0.35 0.48 0.62 0.72
dB.
-17.64 -17.68 -17.75 -17.85 -18.03 -18.30 -18.59 -18.88 -19.18 -19.51 -19.88 -20.30 -20.84 -21.52 -22.27 -22.87 -23.24 -23.64 -24.35 -25.24 -25.74 -25.50 -24.85 -24.16 -23.60 -22.98 -22.16 -21.31 -20.38 -19.48 -18.49 -14.88 -11.88 -9.12 -6.34 -4.13 -2.84
Ang.
-173.8 177.8 167.6 159.5 152.3 145.8 139.2 132.4 125.8 119.5 113.6 108.2 103.5 99.0 93.8 88.5 85.0 85.0 86.7 87.2 85.4 84.1 85.9 88.5 89.0 86.7 82.6 78.2 72.5 65.1 58.1 14.6 -36.3 -89.3 -144.1 159.5 104.4
Notes: 9. S-parameter is measured with reference plane at SMA end launch using demo board shown in Figure 33. 10. Demo board 50 transmission line is CPWG with W = 23 mils, G = 18.5 mils, L = 383.7 mils, 10 mils Rogers RO4350, 0.5oz Cu. 11. Demo board SMA end launch is Johnson 142-0701-851. 12. The above performance is with board loss removed.
3
ALM-38140 Typical Broadband S-Parameters
(Vsupply = 2.7V, Vctrl = 5V, Tc = 25C, matched 50) Freq GHz
0.05 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.5 4 4.5 5 5.5 6
S11 Mag.
0.04 0.01 0.02 0.04 0.05 0.07 0.08 0.10 0.11 0.12 0.14 0.15 0.16 0.17 0.18 0.18 0.19 0.20 0.21 0.21 0.21 0.21 0.21 0.21 0.21 0.21 0.21 0.21 0.20 0.20 0.20 0.19 0.18 0.17 0.18 0.23 0.38
dB.
-28.48 -36.56 -33.27 -28.98 -25.79 -23.43 -21.61 -20.34 -19.11 -18.09 -17.34 -16.70 -16.03 -15.42 -15.06 -14.82 -14.43 -14.02 -13.76 -13.72 -13.70 -13.56 -13.38 -13.36 -13.53 -13.67 -13.71 -13.68 -13.79 -13.98 -14.04 -14.42 -14.77 -15.15 -14.73 -12.76 -8.42
Ang.
103.9 153.6 -144.2 -134.9 -138.3 -144.4 -152.2 -160.9 -170.0 -178.7 172.5 162.8 152.5 143.4 134.9 126.0 116.3 106.8 98.1 89.7 80.8 71.4 62.5 54.1 45.7 36.3 27.0 18.4 9.8 0.3 -9.9 -57.0 -104.2 -148.6 175.9 151.6 118.0
S21 Mag.
0.74 0.73 0.73 0.73 0.73 0.73 0.73 0.73 0.72 0.72 0.72 0.72 0.71 0.71 0.71 0.71 0.70 0.70 0.70 0.69 0.69 0.69 0.69 0.68 0.68 0.68 0.68 0.67 0.67 0.67 0.66 0.64 0.61 0.57 0.53 0.46 0.35
dB.
-2.64 -2.67 -2.69 -2.72 -2.73 -2.74 -2.77 -2.79 -2.83 -2.84 -2.87 -2.91 -2.94 -2.97 -3.01 -3.03 -3.07 -3.11 -3.15 -3.17 -3.19 -3.23 -3.28 -3.29 -3.33 -3.36 -3.40 -3.43 -3.47 -3.53 -3.59 -3.89 -4.28 -4.82 -5.45 -6.66 -9.23
Ang.
0.3 -7.8 -19.2 -29.6 -39.9 -50.0 -60.0 -70.0 -80.0 -90.0 -99.8 -109.8 -119.6 -129.5 -139.4 -149.2 -159.1 -168.9 -178.7 171.5 161.6 151.6 141.8 131.9 122.1 112.1 102.2 92.2 82.2 72.1 62.1 11.1 -41.3 -94.7 -150.7 148.9 85.5
S12 Mag.
0.74 0.73 0.73 0.73 0.73 0.73 0.73 0.72 0.72 0.72 0.72 0.72 0.71 0.71 0.71 0.70 0.70 0.70 0.70 0.69 0.69 0.69 0.69 0.68 0.68 0.68 0.67 0.67 0.67 0.67 0.66 0.64 0.61 0.57 0.53 0.46 0.35
dB
-2.62 -2.68 -2.69 -2.72 -2.73 -2.76 -2.76 -2.79 -2.82 -2.84 -2.87 -2.91 -2.94 -2.97 -3.00 -3.04 -3.05 -3.11 -3.15 -3.17 -3.19 -3.24 -3.27 -3.32 -3.34 -3.36 -3.42 -3.44 -3.47 -3.53 -3.59 -3.89 -4.28 -4.82 -5.44 -6.67 -9.24
Ang.
0.2 -7.8 -19.2 -29.7 -39.9 -50.0 -60.0 -70.0 -80.0 -90.0 -99.9 -109.8 -119.7 -129.5 -139.4 -149.2 -159.1 -168.9 -178.7 171.5 161.5 151.7 141.8 131.9 122.1 112.1 102.2 92.2 82.2 72.2 62.1 11.0 -41.3 -94.7 -150.6 149.0 85.5
S22 Mag.
0.03 0.01 0.02 0.04 0.06 0.07 0.09 0.10 0.12 0.13 0.15 0.16 0.17 0.18 0.19 0.20 0.21 0.22 0.22 0.23 0.23 0.23 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.26 0.29 0.32 0.37 0.46 0.58
dB.
-29.15 -36.95 -33.01 -28.32 -25.01 -22.65 -21.00 -19.60 -18.40 -17.41 -16.64 -15.92 -15.25 -14.69 -14.32 -14.03 -13.63 -13.21 -12.96 -12.93 -12.87 -12.66 -12.43 -12.38 -12.48 -12.48 -12.43 -12.41 -12.40 -12.34 -12.24 -11.64 -10.79 -9.91 -8.62 -6.75 -4.76
Ang.
102.3 158.3 -141.8 -133.0 -135.2 -140.7 -147.6 -155.1 -163.7 -172.9 177.7 168.9 160.4 151.5 142.5 133.0 123.6 115.0 106.6 97.7 88.4 79.1 70.3 61.8 53.2 44.4 35.4 26.3 17.2 8.3 -0.2 -45.1 -90.3 -135.4 -176.9 142.6 98.5
4
ALM-38140 Typical Broadband Performance at 25C
(Vsupply = 2.7V, Vctrl = 1V - 5V)
0.00 -10.00 S21 (dB) -20.00 -30.00 -40.00 -50.00 0 1000 2000 3000 Frequency (MHz)
Vctrl=5.0V Vctrl=4.0V Vctrl=3.0V Vctrl=2.0V Vctrl=1.5V Vctrl=1.2V Vctrl=1.0V
4000
Figure 1. S21 Vs Frequency as function of Vctrl
ALM-38140 Typical Over-Temperature Broadband Performance
(Vsupply = 2.7V, Vctrl = 1V & 5V)
0 -10 S11 (dB) -20 -30 -40 25C 85C -40C S11 (dB) 0 -10 -20 -30 -40 25C 85C -40C 0 1000 2000 Frequency (MHz) 3000 4000
0
1000
2000 Frequency (MHz)
3000
4000
Figure 2. S11 (Return Loss) at Vctrl =1V vs Frequency vs Temperature
Figure 3. S11 (Return Loss) at Vctrl =5V vs Frequency vs Temperature
0 -10 S22 (dB) -20 -30 -40 25C 85C -40C 0 1000 2000 Frequency (MHz) 3000 4000 S22 (dB)
0 -10 -20 -30 -40 25C 85C -40C 0 1000 2000 Frequency (MHz) 3000 4000
Figure 4. S22 (Return Loss) at Vctrl=1V vs Frequency vs Temperature
Figure 5. S22 (Return Loss) at Vctrl=5V vs Frequency vs Temperature
5
ALM-38140 Typical Over-Temperature Broadband Performance
(Vsupply = 2.7V, Vctrl = 1V & 5V)
0.00 -20.00 S21 (dB) -40.00 -60.00 -80.00 0 1000 2000 Frequency (MHz) 3000 4000 25C 85C -40C S21 (dB) 0.00 -1.00 -2.00 -3.00 -4.00 -5.00 0 1000 2000 Frequency (MHz) 3000 4000 25C 85C -40C
Figure 6. S21 at Vctrl=1V (Attenuation) vs Frequency vs Temperature
Figure 7. S21 at Vctrl=5V (Insertion Loss) vs Frequency vs Temperature
110.00 90.00 Phase Shift (deg) 70.00 50.00 30.00 10.00 -10.00 0.00 10.00 20.00 30.00 Attenuation (dB) 40.00 Phase Shift (deg) 25C 85C -40C
140.00 120.00 100.00 80.00 60.00 40.00 20.00 0.00 -20.00 0.00 10.00 20.00 Attenuation (dB) 30.00 40.00 25C 85C -40C
Figure 8. Phase shift vs Attenuation vs Temperature at 900MHz
Figure 9. Phase shift vs Attenuation vs Temperature at 1900MHz
0.00 -5.00 Return Loss (dB) -10.00 -15.00 -20.00 -25.00 -30.00 0.00 10.00 20.00 30.00 Attenuation (dB) 40.00 50.00 25C 85C -40C
0.00 -5.00 Return Loss (dB) -10.00 -15.00 -20.00 -25.00 -30.00 0.00 10.00 20.00 Attenuation (dB) 30.00
25C 85C -40C
40.00
Figure 10. Return loss vs Attenuation vs Temperature at 900MHZ
Figure 11. Return loss vs Attenuation vs Temperature at 1900MHZ
6
ALM-38140 Typical Over-Temperature Broadband Performance
(Vsupply = 2.7V, Vctrl = 1V & 5V)
45.00 40.00 IP1dB (dBm) 35.00 30.00 25.00 25C 85C -40C IP1dB (dBm) 45.00 25C 85C -40C
40.00
35.00
0
10
20 30 Attenuation (dB)
40
50
Figure 12. Input P1dB vs Attenuation vs Temperature at 900MHZ
20 30 Attenuation (dB) Figure 13. Input P1dB vs Attenuation vs Temperature at 1900MHZ
30.00
0
10
40
70.00 65.00
IIP3 (dBm)
70.00
25C 85C -40C
IIP3 (dBm)
65.00 60.00 55.00 50.00
25C 85C -40C
60.00 55.00 50.00 45.00
0
10
20 30 Attenuation (dB)
40
50
0
10
20 Attenuation (dB)
30
40
Figure 14. Input IP3 vs Attenuation vs Temperature at 900MHZ
Figure 15. Input IP3 vs Attenuation vs Temperature at 1900MHZ
ALM-38140 Typical With Phase Compensation Coil Performance at 25C
(Vsupply = 2.7V, Vctrl = 1V - 5V)
0.00 -10.00 S21 (dB) -20.00 -30.00 -40.00 -50.00 800 900 1000 1100 Frequency (MHz)
Vctrl=1.0V Vctrl=5.0V Vctrl=4.0V Vctrl=3.0V Vctrl=2.0V Vctrl=1.5V
0.00 -10.00 S21 (dB) -20.00 -30.00 -40.00 -50.00 1800 1900 2000 2100 Frequency (MHz)
Vctrl=5.0V Vctrl=4.0V Vctrl=3.0V Vctrl=2.0V Vctrl=1.5V Vctrl=1.2V
Vctrl=1.2V
Vctrl=1.0V
1200
2200
Figure 16. S21 Vs Frequency as function of Vctrl at Fc= 1GHz
Figure 17. S21 Vs Frequency as function of Vctrl at Fc= 2GHz
7
ALM-38140 Typical Over-Temperature With Phase Compensation Coil Performance
(Vsupply = 2.7V, Vctrl = 1V & 5V)
0.00 -5.00 -10.00 S11 (dB) -15.00 -20.00 -25.00 -30.00 -35.00 0 500 1000 1500 2000 2500 Frequency (MHz) 3000 3500 25C 85C -40C S11 (dB) 0.00 -5.00 -10.00 -15.00 -20.00 -25.00 -30.00 -35.00 0 500 1000 1500 2000 2500 Frequency (MHz) 3000 3500 25C 85C -40C
Figure 18. S11 (Return Loss) at Vctrl =1V vs Frequency vs Temperature
Figure 19. S11 (Return Loss) at Vctrl =5V vs Frequency vs Temperature
0.00 -5.00 -10.00 S22 (dB) -15.00 -20.00 -25.00 -30.00 -35.00 0 500 1000 1500 2000 2500 Frequency (MHz) 3000 3500 25C 85C -40C S22 (dB)
0.00 -5.00 -10.00 -15.00 -20.00 -25.00 -30.00 -35.00 0 500 1000 1500 2000 2500 Frequency (MHz) 3000 3500 25C 85C -40C
Figure 20. S22 (Return Loss) at Vctrl =1V vs Frequency vs Temperature
Figure 21. S22 (Return Loss) at Vctrl =5V vs Frequency vs Temperature
0.00 -10.00 S21 (dB) -20.00 -30.00 -40.00 -50.00 -60.00 0 500 1000 1500 2000 2500 Frequency (MHz)
25C 85C -40C S21 (dB)
0.00 -0.50 -1.00 -1.50 -2.00 -2.50 -3.00 -3.50 -4.00 -4.50 0 500 1000 1500 2000 2500 Frequency (MHz)
25C 85C -40C
3000
3500
3000
3500
Figure 22. S21 at Vctrl=1V (Attenuation) vs Frequency vs Temperature
Figure 23. S21 at Vctrl=5V (Insertion Loss) vs Frequency vs Temperature
8
ALM-38140 Typical Over-Temperature With Phase Compensation Coil Performance
(Vsupply = 2.7V, Vctrl = 1V & 5V)
20.00 0.00 Phase Shift (deg) -20.00 -40.00 -60.00 0.00 25C 85C -40C 10.00 20.00 30.00 Attenuation (dB) 40.00 50.00 Phase Shift (deg) 40.00
20.00 25C 85C -40C 0.00 10.00 20.00 30.00 40.00 50.00
0.00
-20.00 Attenuation (dB) Figure 25. Phase shift vs Attenuation vs Temperature at 1900MHz
Figure 24. Phase shift vs Attenuation vs Temperature at 900MHz
0.00 -5.00 Return Loss (dB) -10.00 -15.00 -20.00 -25.00 -30.00 0.00 10.00 20.00 30.00 Attenuation (dB)
25C 85C -40C Return Loss (dB)
0.00 -5.00 -10.00 -15.00 -20.00 -25.00 -30.00 0.00 10.00 20.00 30.00 40.00 50.00 25C 85C -40C
40.00
50.00
Attenuation (dB) Figure 27. Return loss vs Attenuation vs Temperature at 1900MHZ
Figure 26. Return loss vs Attenuation vs Temperature at 900MHZ
50.00 45.00 IP1dB (dBm) 40.00 35.00 30.00 25.00 0 10 20 30 Attenuation (dB) 40 50 25C 85C -40C IP1dB (dBm)
50.00 45.00 40.00 35.00 30.00 25.00 0 10 20 30 Attenuation (dB)
25C 85C -40C
40
50
Figure 28. Input P1dB vs Attenuation vs Temperature at 900MHZ
Figure 29. Input P1dB vs Attenuation vs Temperature at 1900MHZ
9
ALM-38140 Typical Over-Temperature With Phase Compensation Coil Performance
(Vsupply = 2.7V, Vctrl = 1V & 5V)
70.00 65.00
IIP3 (dBm)
25C 85C -40C
IIP3 (dBm)
70.00 65.00 60.00 55.00 50.00
25C 85C -40C
60.00 55.00 50.00 45.00 0 10 20 30 Attenuation (dB) 40 50
45.00 0 10 20 30 Attenuation (dB) 40 50
Figure 30. Input IP3 vs Attenuation vs Temperature at 900MHZ
Figure 31. Input IP3 vs Attenuation vs Temperature at 1900MHZ
Application Circuit
Vcontrol (1-5V) Phase Compensation Coil 6 5 4
RF In
1
3
RF Out
Bias Circuitry ALM-38140 2
Table 1. Recommended phase compensation coil values for common frequency bands
Vsupply (2.7V) Figure 32. Simplified Schematic
Frequency
50MHz 500MHz 1000MHz 2000MHz 2500MHz 3500MHz
Ltune Value
3.9uH 220nH 180nH 62nH 36nH 22nH
Size
0805 0603 0603 0402 0402 0402
Manufacturer Part No.
Coilcraft 0805LS-392XJLC Toko LL2012-FR22K Coilcraft 0603HP-R18XJLW Murata LQW15AN62NG00 Coilcraft 0402HP-36NXJLW Murata LQW15AN22NG00
The phase compensation coil connected at Pin 5 (Linput) and Pin 6 (Loutput) to further increase maximum attenuation and to improve phase shift.
10
Demo board Layout
0.6000
0.7000
1.1552
1.1552
0.4000
0.4000
DC Pin Configuration
Pin 1 Pin 2, 3 Pin 4
1
* Dimensions in mm
- Vsupply - GND - Vcontrol
2
3
4
Figure 33. Demo board Layout
1. PCB material used is 10 mils Rogers RO4350, with FR4 backing for mechanical strength. 2. The phase compensation coil values given in Table 1 are based on the trace layout on demo board shown in Figure 33. Trace layout different from that specified in Figure 33, will require different values for the phase compensation coil. 3. Pad layout for phase compensation coil shown in Figure 33 is based on 0402 size.
11
Package Dimension Drawing
1.050.10 3.800.10 0.70 0.60 0.70 2x 0.07 all gaps 0.60 C'fer 45x0.4
3.800.10
1.30-4x
1.30-2x 1.90-4x 0.10 (all edges)
Top View
Side View
Bottom View
Note : 1. ALL DIMENSIONS ARE IN MILIMETERS 2. DIMENSIONS ARE INCLUSIVE OF PLATING 3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR. 4. Y REFER TO YEAR, M REFER TO MONTH & XXXX REFER TO LAST 4 DIGIT OF LOT NUMBER
12
0.73-4x
0.80-4x
38140 WWYY XXXX
0.16 0.40 sq-6x 1.90-2x
PC Board and stencil design
Pin 1 Orientation 0.4mm x 45 3.60-4x 2.40 0.70 0.70 Pin 1 Orientation 0.32mm x 45 3.48 2.52 0.70 0.70
1.60-6x
1.00-3x
3.34-2x
1.80
1.80 Land Pattern
0.40sq-6x
1.78-2x
0.36sq-6x
3.34 Stencil Opening
3.60-4x 3.48 0.70 0.70
1.60-6x 3.34-2x 1.26-3x 1.00-3x 3.60
3.34
0.36sq-6x 0.40sq-6x
Combined Land Pattern & Stencil Opening
Device Orientation
REEL USER FEED DIRECTION
CARRIER TAPE USER FEED DIRECTION
38140 WWYY XXYY
38140 WWYY XXYY
38140 WWYY XXYY
COVER TAPE
TOP VIEW
END VIEW
13
1.78
0.70-4x
1.26-3x
0.75
0.75
3.60
0.68-3x
1.60-6x 1.78
1.80
Tape Dimensions
Dimension List Annote
Ao Bo Ko Pitch Width
Milimeter
4.10 4.10 1.45 8.00 12.00
Notes: 1. Ao & Bo measured at 0.3mm above base of pocket. 2. 10 pitches cumulative tal. 0.2mm.
Part Number Ordering Information
Part Number
ALM-38140-BLKG ALM-38140-TR1G
No. of Devices
100 3000
Container
Antistatic Bag 13" Reel
14
Reel Dimensions (13" reel)
ESD Label (See Below) Recycle Symbol Detail `X'
Embossed Line X2 90.0mm Length Lines 147.0mm away from center point Embossed `M' 5.0mm Height FRONT VIEW 25.651.75** 25.41.0* O20.2 (Min) +0.5 O13.1 -0.2 2.20.5 BACK Detail `X'
Recycle Symbol See Detail `X'
FRONT
O100.00.5 O331.5 Max
1.0 Detail `Y' Slot 10.00.5(2x) Slot 5.00.5***(1x) 4.0 30.4* Max Detail `Y' (Slot Hole)
BACK VIEW
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries. Data subject to change. Copyright (c) 2005-2009 Avago Technologies. All rights reserved. AV02-1987EN - July 7, 2009


▲Up To Search▲   

 
Price & Availability of ALM-38140-TR1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X