Part Number Hot Search : 
LTC35 MN1202 00850 ANTXV SKY650 G1005 206EFR 4AC16
Product Description
Full Text Search
 

To Download 583CBA2091000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 126,2 x 127,6 x 41 mm
AC Centrifugal Blowers
Approvals
GAM T1 LISTED
Life expectancy
L-10 LIFE AT 40C: 25 000 hours
STATIC PRESSURE: mm H2O
18 16 14 12 10 8 6 4 2 0 0 5 10 15
583CBA 50 Hz 60 Hz
AC Motor
Housing material: zamak Impeller material: plastic UL 94 VO Weight: 0,8 kg Bearing system: sleeve bearing
Connection: terminals
Available with:
- flying leads connection
AIRFLOW: I/s
Nominal voltage V 115 220
Part number 583CBA2092000 583CBA2091000
Airflow Noise level Nominal Frequency speed l/s 13,5 13,2 13,5 13,2 dB(A) 49 51 49 51 RPM 2550 2500 2550 2500 Hz 50 60 50 60
Phases 1 1 1 1
Capacitor F
Input power W 21 20 21 20
Nominal current mA 270 250 140 130
Starting current mA 400 350 210 185
Operating temperature Min. C Max. C - 10 55 - 10 55 - 10 55 - 10 55
Additional versions: Ball bearings - salt spray protected - shock and vibration protected
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT,
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N2/0-Rev. 1


▲Up To Search▲   

 
Price & Availability of 583CBA2091000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X