Part Number Hot Search : 
GT4124 HIN213A CY7C4 7277ZNP3 300N0 MAX1249 01901 DS2175
Product Description
Full Text Search
 

To Download 55075-00-01-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.hamlin.com
55075 Geartooth Hall Effect Sensor Features and Benefits
Features
* Rotary position geartooth sensor * Stainless steel M12 threaded barrel * Electronic protection against severe and automotive environments * Self adjusting magnetic range * 3 wire (voltage output) * EMC protection (consult Hamlin) * Short circuit/reverse voltage protection * Zero speed detection
Benefits
* Long life; up to 20 billion operations * High speed operation * No chopper delay * Unaffected by harsh environments * Rotary orientation not critical * On-chip 10 bit A/D converter * Customer selection of cable length and connector type
Applications
* * * * Geartooth sensor Camshaft sensor Linear encoder Rotary encoder
DIMENSIONS (in) mm
BLOCK DIAGRAM
SPECIFICATIONS
Hall Type Supply Voltage (Note 1) Output High Voltage Output Low Voltage Output Current (continuously on) Current Consumption Switching Speed Temperature Operating Storage Maximum Operation Overvoltage Protection Vdc Vdc Vdc-max Vdc-min Vdc-max mA-max mA-min mA-max kHz-max
O O
Digital Switch 3 Wire ( Voltage Output) -25 to +25.2 4.75 to 25.2 27 VDD - 2 (sinking outputs with internal pull-up resistor) 0.6 @ 20mA 20 1 10.5 15 -40 to +85 -65 to +85
C C
Note 1 - As long as Tj (Junction Temperature) is not exceeded
APPLICATION EXAMPLE - Geartooth Sensor
CUSTOMER OPTIONS - Cable Length and Termination
TABLE 1 Cable Length Options:(Cable Type 24 AWG 7/32 PVC 105oC, Double Insulated)
TABLE 2 Termination Options:SELECT OPTION DESCRIPTION
(.059") 1.5mm Typical
SELECT OPTION
CABLE LENGTH
A B C D
Tinned leads Crimped terminals 6.35mm fastons AMP MTE 2.54mm pitch JST XHP 2.5mm pitch
(in) 01
mm
(3.94) 100 (11.81) 300 (19.69) 500 (29.53) 750 (39.37) 1000 E
Typical Output
02 03 04 05
ORDERING INFORMATION
55075 Series 55075 Cable Length Termination
Hamlin USA Hamlin UK Hamlin Germany Hamectrol France Tel: Tel: Tel: Tel:
00
XX
X
Table 1 Table 2
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser's reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN.
+1 920 648 3000 * Fax: +1 920 648 3001 * Email: sales.us@hamlin.com +44 (0)1379 649700 * Fax: +44 (0)1379 649702 * Email: sales.uk@hamlin.com +49 (0) 6142 923920 * Fax: +49 (0) 6142 923921 * Email: sales.de@hamlin.com +33(0) 1 6047 3000 * Fax: +33(0) 1 6015 9136 * Email: sales.fr@hamlin.com
Issue No: AF Date: 05.02.09 DCR B6092


▲Up To Search▲   

 
Price & Availability of 55075-00-01-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X