|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Datasheet for 76650-0235 General Information Kit Part Number: Connector Type: Solution: Molex Family: Certificates: Country of Origin: Specifications Circuit Size: Current Rating: Mounting Style: Orientation: Pitch: Tool Included: Voltage Rating: Wire Gauge (AWG): Product Hightlights 10, 12, 14, 2, 3, 4 0.5-2A, 1.5-2A, 1A, 3A PCB Through Hole Plugs, Receptacles, Vertical Headers 1.25mm (.049"), 2.00mm (.079"), 2.50mm (.098") No 125V, 250V, 50V 26-22, 28-22, 28-26, 30-24 76650-0235 Wire-to-Board Off the Board iGridTM, Mini-LockTM, SherlockTM, CLIK-MateTM 1.25mm N/A Kit assembled in U.S.A Mini-LockTM is a versatile wire-to-board system from Molex(R) for a broad range of 2.50mm (.098") pitch industry standard applications. The kit includes vertical headers. Mini-LockTM is fully shrouded to protect contacts, and includes high guide walls to facilitate mating. Originally developed for PC monitor applications, this new 2.0mm pitch system can also be used for other applications that require space savings and secure locking features. The Sherlock system utilizes Molex's proven 50212 terminal, along with a positive lock housing. Molex's new 1.25mm (0.049") pitch CLIK-MateTM series has a superior lock design that offers easier use and better mating retention, compared to competitive versions. The system also provides about 60% space savings compared to similar dual-lock 2.0mm pitch versions. CLIK-MateTM 1.25 was designed for applications, such as LCD TVs, that require higher pin count connectors to carry more signal lines in less space. This system has a similar design to Molex's CLIK-MateTM 2.0 family and includes many of the same features. iGridTM wire-to-board connector system offers a compact design and anti-tangle internal lock for applications such as gaming machines, appliances, industrial and other equipment requiring good mating retention. The unique inner lock of iGridTM prevents wire from getting tangled in the latch, compared to outer lock types where such damage may occur. The internal lock also provides space savings, an audible click and a robust design to withstand rugged handling. Features and Benefits * Compact design saves PCB real estate * Positive lock latch provides secure mating retention * Four point contact design for good electrical reliability * Housing lance ensures good terminal retention * Low insertion force, easy and quick mating for operators * Fully shrouded headers to protect pins * Box-style contact design provides good mating reliability * Pull tabs to assist in unmating * Tuning fork style contact design, secure contact, and avoids terminal stubbing * Polarizing end walls prevent mismating * Compact low-profile design for space savings Page 1 * Flat area for pick-and-place, no costly capton tape needed * High guide walls to facilitate mating Applications * White goods * Industrial Instruments * Brown Goods * Automotive * Data Communication Equipment * HVAC * Vending and Gaming machines * GPS * PDAs * Security and Alarms * Fitness equipment * Any application requiring superior mating assurance * Production Equipment * LCD/PDP Televisions * Microwave ovens Page 2 Bill of Materials Molex Part No. 501647-1100 501645-1020 501645-1220 501645-1420 501646-1000 501646-1200 501646-1400 50212-8100 35362-0250 35362-0350 35362-0450 35507-0200 35507-0300 35507-0400 50351-8100 51103-0200 51103-0300 51103-0400 53375-0210 53375-0310 53375-0410 502381-0000 502380-0200 502380-0300 502380-0400 502382-0270 502382-0370 502382-0470 Description iGridTM Female Crimp Terminal, 26-22 AWG 2.00mm (.079") Pitch iGridTM Vertical Header, Dual Row, 10 Circuits 2.00mm (.079") Pitch iGridTM Vertical Header, Dual Row, 12 Circuits 2.00mm (.079") Pitch iGridTM Vertical Header, Dual Row, 14 Circuits 2.00mm (.079") Pitch iGridTM Receptacle, Dual Row, 10 Circuits 2.00mm (.079") Pitch iGridTM Receptacle, Dual Row, 12 Circuits 2.00mm (.079") Pitch iGridTM Receptacle, Dual Row, 14 Circuits Micro-LatchTM Female Crimp Terminal, 30-24 AWG 2.00mm (.079") Pitch SherlockTM 2 Circuit Vertical Header 2.00mm (.079") Pitch SherlockTM 3 Circuit Vertical Header 2.00mm (.079") Pitch SherlockTM 4 Circuit Vertical Header 2.00mm (.079") Pitch SherlockTM 2 Circuit Receptacle Housing 2.00mm (.079") Pitch, SherlockTM 3 Circuit, Receptacle Housing 2.00mm (.079") Pitch, SherlockTM 4 Circuit, Receptacle Housing Mini-LockTM Female CrimpTerminal, 28-22 AWG 2.50mm (.098") Pitch, Mini-LockTM Receptacle, 2 Circuits 2.50mm (.098") Pitch, Mini-LockTM Receptacle, 3 Circuits 2.50mm (.098") Pitch, Mini-LockTM Receptacle, 4 Circuits 2.50mm (.098") Pitch, Mini-LockTM Vertical Header, 2 Circuits 2.50mm (.098") Pitch, Mini-LockTM Vertical Header, 3 Circuits 2.50mm (.098") Pitch, Mini-LockTM Vertical Header, 4 Circuits CLIK-MateTM Male Terminal for 1.25mm (.049") Pitch 1.25mm (.049") Pitch, 2 Circuit CLIK-MateTM Plug 1.25mm (.049") Pitch, 3 Circuit CLIK-MateTM Plug 1.25mm (.049") Pitch, 4 Circuit CLIK-MateTM Plug 1.25mm (.049") Pitch, 2 Circuit CLIK-MateTM Vertical Receptacle 1.25mm (.049") Pitch, 3 Circuit CLIK-MateTM Vertical Receptacle 1.25mm (.049") Pitch, 4 Circuit CLIK-MateTM Vertical Receptacle Quantity 100 2 2 2 2 2 2 100 2 2 2 2 2 2 100 2 2 2 2 2 2 100 2 2 2 2 2 2 Recommended Molex Tool Molex Part No. Descripition Page 3 |
Price & Availability of 502381-0000 |