Part Number Hot Search : 
0D271 ATTINY SPC25 MBT3904 AP2315 W567S100 IS80LV51 BST25P2B
Product Description
Full Text Search
 

To Download 3EK7M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CORCOM Product Guide General Purpose RFI Power Line Filters -- Ideal for High Impedance Load
K Series
VK6 VK7/EK7
UL Recognized CSA Certified VDE Approved
VK1/EK1 VK3/EK3
K Series
The K series RFI power line filters are general purpose common-mode and differential-mode filters. They are effective in the control of line-to-line as well as line-toground RFI interference. The K series RFI filters are particularly suited in applications where pulsed, continuous and/or intermittent RFI interference is present. The EK models meet the very low leakage current requirements of VDE portable equipment, and (120 Volt) UL544 non-patient medical equipment.
Specifications
Maximum leakage current,each line-to-ground VK Models @ 120 VAC 60 Hz: .5 mA @ 250 VAC 50 Hz: 1.0 mA Hipot rating (one minute): line-to-ground line-to-line Operating frequency: Rated voltage (max.): Minimum insertion loss in dB: EK Models .21 mA .36 mA 2250 VDC 1450 VDC 50/60 Hz 250 VAC
Electrical Schematics
LINE LOAD
Line-to-ground in 50 ohm circuit Current Rating .15 .5 30 19 19 22 29 19 Frequency-MHz 1 5 10 38 28 28 28 35 25 50 42 42 32 45 38 50 45 45 39 45 40 30 50 50 50 35 50 45
30VK6C Model (Inductor in Ground Line)
LINE LOAD
VK Models 1A, 3A 15 2A, 5A, 10A 6 20A, 30A, 40A 6 60A 6 EK Models 1A, 3A 15 2A, 5A, 10A, 20A 8
60VK6 Model
LINE LOAD
Resistor location for reference only.
Line-to-line in 50 ohm circuit Current Frequency-MHz Rating .15 .5 1 5 10 VK, EK Models 1A, 3A - - 48 55 50 30 30 50 - 2A, 5A, 10A - 50 30 30 6 6 20A VK Models 30A, 40A 2 40 60 65 57 60A 13 49 67 57 53 EK Models 30 50 30 6 6 30A
30 35 30 30 55 53 30
.
74
Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com
CORCOM Product Guide General Purpose RFI Power Line Filters -- Ideal for High Impedance Load (Continued)
K Series
RFI Power Line Filters 20EK1/20VK1
Case Styles
K1
EDB
EDB
A
Typical dimensions: Terminals: .250 [6.35] (5) Slot: .07 x .16 [1.8 x 4.1]
C
Holes: .07 [1.8] Dia.(4) Mounting holes: .188 [4.78] Dia. (2)
A
C
10VK6 K3
EDB
Blue Brown Green/Yellow Brown Blue
Terminals: No. 8-32 (5)
EDB
A
Typical dimensions: Wire leads: 4.0 [1.016] Min.
C
Mounting holes: .188 [4.78] Dia. (2)
A
Typical dimensions: Mounting holes: .188 [4.78] Dia. (2) Torque 182 in.lb
C
75
Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com
CORCOM Product Guide General Purpose RFI Power Line Filters -- Ideal for High Impedance Load (Continued)
K Series
Case Styles
20VK6
Terminals: No. 8-32 (5)
K7 & K7M (with metric insert)
Tapped insert No. 6-32 x 1/4 (2) - K7 No. M-3 x .5 (2) - K7M
D
B
ED
B
A
C
.235 R 5.96
E
A
C
.157 Dia. 3.98 .910 23.1
30VK6 & 30VK6C, 40VK6 & 40VK6C
Terminal on 30VK6C and 40VK6C only
Typical dimensions: Terminals: .250 [6.35] (3) Holes: .07 [1.8] Dia.(2) Slot: .07 x .16 [1.8 x 4.1]
1.295 32.89 1.575 40.01
Panel Cutout (back mount) Tolerance .005 [0.13]
BDE
20VK7
2.00 50.8
R .062 1.60
.157 Dia. 4.0
C
Typical dimensions: Terminals: No. 8-32 (5) Slots: .250 [6.35] x .156 [3.96] (4)
A
1.46 37.1
2.65 .016 67.314.06 .669 .010 16.99 .25 .512 .010 13.00 .25
Torque: 18 2 in. lb. Mounting holes: .188 [4.78] Dia. (2)
1.145 29.1
Insert (4): 6-32
D
E A
60VK6
DB
.250 x .156 ( 4 Slots )
C
E
D
B
E
Terminals #1/4-20 (5)
2.00 50.8 A
C
76
Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com
CORCOM Product Guide General Purpose RFI Power Line Filters -- Ideal for High Impedance Load (Continued)
K Series
RFI Power Line Filters
Case Styles Case Dimensions
Part No. 1VK1, 1EK1, 2VK1, 2EK1 1VK3, 1EK3, 2VK3, 2EK3 3VK1, 3EK1, 5VK1, 5EK1 3VK3, 3EK3, 5VK3, 5EK3 3VK7, 3VK7M, 3EK7, 3EK7M 5VK7, 5VK7M, 5EK7, 5EK7M 10VK1, 10EK1 10VK3, 10EK3 A (max) B (max) 2.07 52.6 2.07 52.6 2.07 52.6 2.07 52.6 2.25 57.2 2.25 57.2 2.07 52.6 2.07 52.6 2.07 52.6 2.25 57.2 2.56 65.0 2.56 65.0 2.28 54.6 3.38 85.9 3.38 85.9 3.344 84.94 C (max) 0.91 23.1 0.91 23.1 1.16 29.5 1.16 29.5 1.28 32.5 1.28 32.5 1.16 29.5 1.16 29.5 1.16 29.5 1.28 32.5 1.53 38.9 1.53 38.9 1.78 39.6 1.53 38.9 1.53 38.9 1.50 38.1 D
.015 .38
E (max)
20VK7
3.1 78.7 1.81 46.0 3.10 78.7 1.81 46.0 3.21 81.5 3.21 81.5 3.35 85.1 2.07 52.6 3.46 10VK6 87.9 10VK7, 10VK7M, 3.71 10EK7, 10EK7M 94.2 20VK1, 3.35 20EK1 85.1 3.46 20VK6 87.9 3.8 20VK7 90.4 30VK6, 5.34 30VK6C 135.6 40VK6, 5.34 40VK6C 135.6 6.189 60VK6 157.2
2.375 2.81 60.33 71.4 2.375 2.81 60.33 71.4 2.375 2.81 60.33 71.4 2.375 2.81 60.33 71.4 1.575 0.63 40.01 16.0 1.575 0.63 40.01 16.0 2.375 2.81 60.33 71.4 2.375 2.81 60.33 71.4 2.375 2.81 60.33 71.4 1.575 0.63 40.01 16.0 2.938 3.35 74.63 85.1 2.938 3.35 74.63 85.1 1.575 .846 74.63 85.8 3.75 4.20 95.25 106.7 3.75 4.20 95.25 106.7 3.75 4.136 95.25 105.05 .02 [0.5] .01 [.0.25]
20VK6 VK1/EK1
Part Numbers
1VK1 1VK3 2VK1 2VK3 3VK1 3VK3 3VK7 3VK7M 5VK1 5VK3 5VK7 5VK7M 10VK1 10VK3 10VK6 10VK7 10VK7M 20VK1 20VK6 20VK7* 30VK6 30VK6C 40VK6 40VK6C 60VK6 Line Cord No.
* UL, CSA - 20A; VDE- 16A
1EK1 1EK3 2EK1 2EK3 3EK1 3EK3 3EK7 3EK7M 5EK1 5EK3 5EK7M 5EK7 10EK1 10EK3 10EK7 10EK7M 20EK1
GA400
77
Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com


▲Up To Search▲   

 
Price & Availability of 3EK7M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X