Part Number Hot Search : 
D4812 ON2947 CRCW0402 LM339P 2988900 US6J2TR SSTC5 KSR2204
Product Description
Full Text Search
 

To Download 2SD2493 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
2SD2493
DESCRIPTION With TO-3PN package Complement to type 2SB1624 APPLICATIONS Audio ,regulator and general purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 110 110 5 6 1 60 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=30mA ;IB=0 IC=5A ;IB=5mA IC=5A ;IB=5mA VCB=110V; IE=0 VEB=5V; IC=0 IC=5A ; VCE=4V IE=0 ; VCB=10V;f=1MHz IC=2A ; VCE=12V 5000 55 60 MIN 110 TYP. SYMBOL VCEO VCEsat VBEsat ICBO IEBO hFE Cob fT
2SD2493
MAX
UNIT V
2.5 3.0 100 100 |I |I
V V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A;RL=6| IB1=- IB2=5mA VCC=30V 0.8 6.2 1.1 |I |I |I s s s
hFE Classifications O 5000-12000 P 6500-20000 Y 15000-30000
JMnic
Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
PACKAGE OUTLINE
2SD2493
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD2493

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X