Part Number Hot Search : 
5KE91 26220 SK353 1N1202A 13N10 3488E MA64FAG AM7381P
Product Description
Full Text Search
 

To Download 2SD2061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD2061
DESCRIPTION With TO-220Fa package Low saturation voltage Excellent DC current gain characteristics Wide safe operating area APPLICATIONS For low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector emitter Fig.1 simplified outline (TO-220Fa) and symbol
ABSOLUTE MAXIMUM RATINGS AT Tc=25ae
SYMBOL VCBO VCEO VEBO IC ICM PC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Collector power dissipation Collector power dissipation Junction temperature Storage temperature TC=25ae Ta=25ae CONDITIONS Open emitter Open base Open collector VALUE 80 60 5 3 6 30 2 150 -55~150 ae ae UNIT V V V A A W W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD2061
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Emitter-base saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=1mA , IB=0 IC=50|I IE=50|I A , IE=0 A , IC=0 MIN 60 80 5 1.0 1.5 10 10 100 8 70 320 MHz Pf |I |I TYP. MAX UNIT V V V V V A A SYMBOL VCEO VCBO VEBO VCEsat VBEsat ICBO IEBO hFE fT Cob
IC=2A IB=0.2A IC=2A IB=0.2A VCB=60V IE=0 VEB=4V; IC=0 IC=0.5A ; VCE=5V IC=0.5A ; VCE=5V IE=0 ; VCB=10V ,f=1MHz
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2061
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD2061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X